Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCX718 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FCX718
Description  SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FCX718 Datasheet(HTML) 1 Page - Diodes Incorporated

  FCX718_15 Datasheet HTML 1Page - Diodes Incorporated FCX718_15 Datasheet HTML 2Page - Diodes Incorporated FCX718_15 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOT89 PNP SILICON POWER
(SWITCHING) TRANSISTOR
ISSSUE 1 - DECEMBER 1998
FEATURES
*
2W POWER DISSIPATION
*
6A Peak Pulse Current
*
Excellent H
FE Characteristics up to 6Amps
*
Extremely Low Saturation Voltage E.g. 16mv Typ.
*
Extremely Low Equivalent On-resistance;
R
CE(sat) 96mΩ at 2.5A
Partmarking Detail -
718
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-20
V
Collector-Emitter Voltage
VCEO
-20
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current **
ICM
-6
A
Continuous Collector Current
IC
-2.5
A
Base Current
IB
-500
mA
Power Dissipation at Tamb=25°C
Ptot
1 †
2 ‡
W
W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
recommended Ptot calculated using FR4 measuring 15x15x0.6mm
Maximum power dissipation is calculated assuming that the device is mounted on FR4
substrate measuring 40x40x0.6mm and using comparable measurement methods adopted by
other suppliers.
**Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%
Spice parameter data is available upon request for these devices
Refer to the handling instructions for soldering surface mount components.
C
B
C
E
FCX718


Similar Part No. - FCX718_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FCX718TA DIODES-FCX718TA Datasheet
71Kb / 3P
   SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
More results

Similar Description - FCX718_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FCX1151ATA ETC2-FCX1151ATA Datasheet
66Kb / 3P
   SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
logo
Diodes Incorporated
FCX790ATA DIODES-FCX790ATA Datasheet
48Kb / 4P
   SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
FCX1147A DIODES-FCX1147A Datasheet
92Kb / 3P
   SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
FCX1147A DIODES-FCX1147A_15 Datasheet
92Kb / 3P
   SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
FCX1149A DIODES-FCX1149A_15 Datasheet
124Kb / 3P
   SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
FCX1151A DIODES-FCX1151A_15 Datasheet
66Kb / 3P
   SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
FCX717 DIODES-FCX717 Datasheet
65Kb / 2P
   SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
FCX1151A DIODES-FCX1151A Datasheet
66Kb / 3P
   SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
logo
Fairchild Semiconductor
FCX1149ATA FAIRCHILD-FCX1149ATA Datasheet
124Kb / 3P
   SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
logo
List of Unclassifed Man...
FCX1147ATA ETC2-FCX1147ATA Datasheet
92Kb / 3P
   SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com