Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6203 Datasheet(PDF) 1 Page - Linear Technology

Part # LT6203
Description  Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6203 Datasheet(HTML) 1 Page - Linear Technology

  LT6203_15 Datasheet HTML 1Page - Linear Technology LT6203_15 Datasheet HTML 2Page - Linear Technology LT6203_15 Datasheet HTML 3Page - Linear Technology LT6203_15 Datasheet HTML 4Page - Linear Technology LT6203_15 Datasheet HTML 5Page - Linear Technology LT6203_15 Datasheet HTML 6Page - Linear Technology LT6203_15 Datasheet HTML 7Page - Linear Technology LT6203_15 Datasheet HTML 8Page - Linear Technology LT6203_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LT6202/LT6203/LT6204
1
620234fd
TYPICAL APPLICATION
DESCRIPTION
Single/Dual/Quad 100MHz,
Rail-to-Rail Input and Output,
Ultralow 1.9nV/
√Hz Noise, Low Power Op Amps
The LT®6202/LT6203/LT6204 are single/dual/quad low
noise,rail-to-railinputandoutputunitygainstableopamps
that feature 1.9nV/√Hz noise voltage and draw only 2.5mA
of supply current per amplifier. These amplifiers combine
very low noise and supply current with a 100MHz gain
bandwidth product, a 25V/µs slew rate, and are optimized
for low supply signal conditioning systems.
These amplifiers maintain their performance for supplies
from 2.5V to 12.6V and are specified at 3V, 5V and ±5V
supplies. Harmonic distortion is less than –80dBc at
1MHz making these amplifiers suitable in low power data
acquisition systems.
The LT6202 is available in the 5-pin TSOT-23 and the 8-pin
SO, while the LT6203 comes in 8-pin SO and MSOP pack-
ages with standard op amp pinouts. For compact layouts
the LT6203 is also available in a tiny fine line leadless
package (DFN), while the quad LT6204 is available in the
16-pin SSOP and 14-pin SO packages. These devices
can be used as plug-in replacements for many op amps
to improve input/output range and noise performance.
Low Noise 4- to 2-Wire Local Echo Cancellation Differential Receiver
FEATURES
APPLICATIONS
n
Low Noise Voltage: 1.9nV/√Hz (100kHz)
n
Low Supply Current: 3mA/Amp Max
n
Gain Bandwidth Product: 100MHz
n
Dual LT6203 in Tiny DFN Package
n
Low Distortion: –80dB at 1MHz
n
Low Offset Voltage: 500µV Max
n
Wide Supply Range: 2.5V to 12.6V
n
Input Common Mode Range Includes Both Rails
n
Output Swings Rail-to-Rail
n
Common Mode Rejection Ratio 90dB Typ
n
Unity Gain Stable
n
Low Noise Current: 1.1pA/√Hz
n
Output Current: 30mA Min
n
Operating Temperature Range –40°C to 125°C
n
Low Profile (1mm) SOT-23 (ThinSOT) Package
n
Low Noise, Low Power Signal Processing
n
Active Filters
n
Rail-to-Rail Buffer Amplifiers
n
Driving A/D Converters
n
DSL Receivers
n
Battery Powered/Battery Backed Equipment
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. ThinSOT is a trademark of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
1:1
VL
100
LINE
50
50
1k
1k
VR
LINE
RECEIVER
2k
1k
1k
2k
6203 TA01a
+
+
+
VD
LINE
DRIVER
1/2 LT6203
1/2 LT6203
1/2 LT1739
1/2 LT1739
BANDWIDTH (kHz)
0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
40
80 100
6203 • TA01b
20
60
120 140 160
Line Receiver Integrated Noise 25kHz to 150kHz


Similar Part No. - LT6203_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6203CDD LINER-LT6203CDD Datasheet
591Kb / 24P
   Rail-to-Rail Input and Output, Ultralow 1.9n Root Hz Noise, Low Power Op Amps
LT6203CMS8 LINER-LT6203CMS8 Datasheet
591Kb / 24P
   Rail-to-Rail Input and Output, Ultralow 1.9n Root Hz Noise, Low Power Op Amps
LT6203CS8 LINER-LT6203CS8 Datasheet
591Kb / 24P
   Rail-to-Rail Input and Output, Ultralow 1.9n Root Hz Noise, Low Power Op Amps
LT6203IDD LINER-LT6203IDD Datasheet
591Kb / 24P
   Rail-to-Rail Input and Output, Ultralow 1.9n Root Hz Noise, Low Power Op Amps
LT6203IMS8 LINER-LT6203IMS8 Datasheet
591Kb / 24P
   Rail-to-Rail Input and Output, Ultralow 1.9n Root Hz Noise, Low Power Op Amps
More results

Similar Description - LT6203_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6202 LINER-LT6202_15 Datasheet
1Mb / 28P
   Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output
LT6204 LINER-LT6204_15 Datasheet
1Mb / 28P
   Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output
logo
STMicroelectronics
TSV91X STMICROELECTRONICS-TSV91X Datasheet
1Mb / 27P
   Single, dual, and quad rail-to-rail input/output 8 MHz operational amplifiers
August 2016 Rev 10
logo
Linear Technology
LT1367 LINER-LT1367_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366 Datasheet
411Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1368 LINER-LT1368_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1369 LINER-LT1369_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1490 LINER-LT1490 Datasheet
312Kb / 12P
   Dual and Quad Micropower Rail-to-Rail Input and Output Op Amps
logo
Linear Integrated Syste...
LT1366CS8-TR LINEAR-LT1366CS8-TR Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com