Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC857BRLT1 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # BC857BRLT1
Description  General Purpose Transistors(PNP Silicon)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BC857BRLT1 Datasheet(HTML) 3 Page - Leshan Radio Company

  BC857BRLT1 Datasheet HTML 1Page - Leshan Radio Company BC857BRLT1 Datasheet HTML 2Page - Leshan Radio Company BC857BRLT1 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
M35–3/3
LESHAN RADIO COMPANY, LTD.
Fig.7 Collector-emitter saturation voltage vs.
collector current ( )
–1
–0.5
–0.2
–0.1
–0.05
I
C, COLLECTOR CURRENT (mA)
–0.2
–0.5
–1
–2
–5
–10
–20
–50
–100
T A = 100°C
25°C
–40°C
I C /I B = 10
BC857BRLT1
Fig.8 Gain bandwidth product vs. emitter current
1000
500
200
100
50
I
E, EMITTER CURRENT (mA)
–0.2
–0.5
–1
–2
–5
–10
–20
–50
–100
T A = 25°C
V CE = –12V
Fig.9 Collector output capacitance vs.collector-base voltage
Emitter inputcapacitance vs. emitter-base voltage
20
10
5
2
V
CB, COLLECTOR TO BASE VOLTAGE (V)
V
EB, EMITTER TO BASE VOLTAGE (V)
–0.5
–1
–2
–5
–10
–20
T A = 25°C
f =1MHz
I E = 0A
I C = 0A
C ib
C ob


Similar Part No. - BC857BRLT1

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BC857BRF TSC-BC857BRF Datasheet
265Kb / 4P
   250mW, PNP Small Signal Transistor
BC857BRFG TSC-BC857BRFG Datasheet
265Kb / 4P
   250mW, PNP Small Signal Transistor
More results

Similar Description - BC857BRLT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SA1576AT1 LRC-L2SA1576AT1 Datasheet
100Kb / 4P
   General Purpose Transistors PNP Silicon
LBC807-16LT1 LRC-LBC807-16LT1 Datasheet
54Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
   General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
   General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC808-16 MCC-BC808-16 Datasheet
256Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Leshan Radio Company
BCW29LT1 LRC-BCW29LT1 Datasheet
290Kb / 6P
   General Purpose Transistors(PNP Silicon)
BSS63LT1 LRC-BSS63LT1 Datasheet
23Kb / 2P
   General Purpose Transistors(PNP Silicon)
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
   General Purpose Transistors PNP Silicon
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com