Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCX619 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FCX619
Description  50V NPN LOW SATURATION POWER TRANSISTOR IN SOT89
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FCX619 Datasheet(HTML) 1 Page - Diodes Incorporated

  FCX619_15 Datasheet HTML 1Page - Diodes Incorporated FCX619_15 Datasheet HTML 2Page - Diodes Incorporated FCX619_15 Datasheet HTML 3Page - Diodes Incorporated FCX619_15 Datasheet HTML 4Page - Diodes Incorporated FCX619_15 Datasheet HTML 5Page - Diodes Incorporated FCX619_15 Datasheet HTML 6Page - Diodes Incorporated FCX619_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FCX619
Datasheet Number: DS33067 Rev. 8 - 2
1 of 7
www.diodes.com
December 2014
© Diodes Incorporated
FCX619
A Product Line of
Diodes Incorporated
50V NPN LOW SATURATION POWER TRANSISTOR IN SOT89
Features
BVCEO > 50V
IC = 3A High Continuous Collector Current
ICM up to 6A Peak Pulse Current
2W Power Dissipation
Low Saturation Voltage VCE(sat) < 220mV @ 1A
RCE(sat) = 87mΩ @ 2.75A for a Low Equivalent On-Resistance
hFE Characterized up to 6A for High Current Gain Hold-Up
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: SOT89
Case Material: Molded Plastic, “Green” Molding Compound
UL Flammability Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight: 0.052 grams (Approximate)
Applications
Load Management Functions
Motor Control
DC-DC / DC-AC Converters
Ordering Information (Note 4 and 5)
Product
Compliance
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
FCX619TA
AEC-Q101
619
7
12
1,000
FCX619-13R
AEC-Q101
619
13
12
4,000
FCX619QTA
Automotive
619
7
12
1,000
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally
the same, except where specified. For more information, please refer to http://www.diodes.com/quality/product_compliance_definitions/.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Top View
SOT89
Device Symbol
Top View
Pin-Out
619 = Product Type Marking Code
C
E
B
C
E
C
B
619
Green


Similar Part No. - FCX619_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FCX619-13R DIODES-FCX619-13R Datasheet
251Kb / 6P
   50V NPN LOW SATURATION POWER TRANSISTOR IN SOT89
FCX619 DIODES-FCX619_13 Datasheet
251Kb / 6P
   50V NPN LOW SATURATION POWER TRANSISTOR IN SOT89
More results

Similar Description - FCX619_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FCX619 DIODES-FCX619_13 Datasheet
251Kb / 6P
   50V NPN LOW SATURATION POWER TRANSISTOR IN SOT89
DPLS350Y DIODES-DPLS350Y_15 Datasheet
286Kb / 7P
   50V PNP LOW SATURATION POWER TRANSISTOR IN SOT89
logo
Zetex Semiconductors
ZX5T851Z ZETEX-ZX5T851Z Datasheet
126Kb / 6P
   60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTN2007Z DIODES-ZXTN2007Z Datasheet
141Kb / 6P
   30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZX5T849Z DIODES-ZX5T849Z Datasheet
128Kb / 6P
   30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Zetex Semiconductors
ZXTN2010Z ZETEX-ZXTN2010Z Datasheet
126Kb / 6P
   60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTN2007Z DIODES-ZXTN2007Z_15 Datasheet
141Kb / 6P
   30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Zetex Semiconductors
ZXTN2005Z ZETEX-ZXTN2005Z Datasheet
105Kb / 6P
   25V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZX5T853Z ZETEX-ZX5T853Z Datasheet
97Kb / 6P
   100V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZX5T869Z ZETEX-ZX5T869Z Datasheet
103Kb / 6P
   25V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com