Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6016 Datasheet(PDF) 4 Page - Linear Technology

Part # LT6016
Description  3.2MHz, 0.8V/s Low Power, Over-The-Top Precision Op Amps
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6016 Datasheet(HTML) 4 Page - Linear Technology

  LT6016_15 Datasheet HTML 1Page - Linear Technology LT6016_15 Datasheet HTML 2Page - Linear Technology LT6016_15 Datasheet HTML 3Page - Linear Technology LT6016_15 Datasheet HTML 4Page - Linear Technology LT6016_15 Datasheet HTML 5Page - Linear Technology LT6016_15 Datasheet HTML 6Page - Linear Technology LT6016_15 Datasheet HTML 7Page - Linear Technology LT6016_15 Datasheet HTML 8Page - Linear Technology LT6016_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LT6015/LT6016/LT6017
4
601567fe
For more information www.linear.com/LT6015
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified
temperature range, –40°C < TA < 85°C for I-grade parts, –40°C < TA < 125°C for H–grade parts, otherwise specifications are at
TA = 25°C, VS = 5V, VCM = VOUT = mid-supply.
SYMBOL PARAMETER
CONDITIONS
MIN
I-, H-GRADE
TYP
MAX
UNITS
VOSI
Input Offset Voltage
VS = ±25V
VS = ±25V
l
l
–80
–250
–110
–250
±55
±55
±75
±75
80
250
110
250
µV
µV
µV
µV
∆VOSI
∆TEMP
Input Offset Voltage Drift
0.75
µV/°C
IB
Input Bias Current
l
–5
–15
±2
±2
5
15
nA
nA
IOS
Input Offset Current
l
–5
–15
±2
±2
5
15
nA
nA
VCMR
Common Mode Input Range
l
–15
61
V
CIN
Differential Input Capacitance
5
pF
RIN
Differential Input Resistance
0 < VCM < V+ – 1.75V
VCM > V+
1
3.7
RINCM
Common Mode Input Resistance
0 < VCM < V+ – 1.75V
VCM > V+
>1
>100
en
Input Referred Noise Voltage Density
f = 1kHz
VCM < V+ – 1.75V
VCM > V+
18
25
nV/√Hz
nV/√Hz
Input Referred Noise Voltage
f = 0.1Hz to 10Hz
VCM < V+ – 1.25V
0.5
µVP-P
in
Input Referred Noise Current Density
f = 1kHz
VCM < V+ – 1.75V
VCM > V+
0.1
11.5
pA/√Hz
pA/√Hz
AVOL
Open Loop Gain
RL = 10kΩ
∆VOUT = 27V
l
200
1000
V/mV
PSRR
Supply Rejection Ratio
VS = ±2.5V to ±25V
VCM = VOUT = 0V
l
114
126
dB
CMRR
Input Common Mode Rejection Ratio
VCM = –15V to 13.25V
l
110
126
dB
VOL
Output Voltage Swing Low
VS = ±15V, No Load
VS = ±15V, ISINK = 5mA
l
l
3
280
55
500
mV
mV
VOH
Output Voltage Swing High
VS = ±15V, No Load
VS = ±15V, ISOURCE = 5mA
l
l
450
1000
700
1250
mV
mV
The l denotes the specifications which apply over the specified temperature range, –40°C < TA < 85°C for I-grade parts, –40°C < TA <
125°C for H–grade parts, otherwise specifications are at TA = 25°C, VS = ±15V, VCM = VOUT = mid-supply.
SYMBOL PARAMETER
CONDITIONS
MIN
I-, H-GRADE
TYP
MAX
UNITS
GBW
Gain Bandwidth Product
fTEST = 100kHz
l
2.85
2.5
3.2
3.2
MHz
MHz
SR
Slew Rate
∆VOUT = 3V
l
0.55
0.45
0.75
0.75
V/µs
V/µs
tS
Settling Time Due to Input Step
∆VOUT = ±2V
0.1% Settling
3.5
µs
VS
Supply Voltage
Reverse Supply (Note 7)
IS < –25µA/Amplifier
l
l
3
3.3
–65
50
50
–50
V
V
V
IS
Supply Current Per Amplifier
SOT-23 Package
MS8, DJC22 Packages
l
315
315
315
345
335
500
µA
µA
µA
RO
Output Impedance
∆IO = ±5mA
0.15
Ω


Similar Part No. - LT6016_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6016 LINER-LT6016 Datasheet
860Kb / 22P
   Dual/Quad 3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amp
LT6016 LINER-LT6016 Datasheet
1,014Kb / 22P
   3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amps
More results

Similar Description - LT6016_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6015 LINER-LT6015_15 Datasheet
929Kb / 22P
   3.2MHz, 0.8V/s Low Power, Over-The-Top Precision Op Amps
LT6017 LINER-LT6017_15 Datasheet
929Kb / 22P
   3.2MHz, 0.8V/s Low Power, Over-The-Top Precision Op Amps
LT6015 LINER-LT6015 Datasheet
1,014Kb / 22P
   3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amps
LT6016 LINER-LT6016 Datasheet
860Kb / 22P
   Dual/Quad 3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amp
LT1672 LINER-LT1672_15 Datasheet
220Kb / 12P
   Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1674 LINER-LT1674_15 Datasheet
220Kb / 12P
   Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1673 LINER-LT1673_15 Datasheet
220Kb / 12P
   Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
logo
Analog Devices
ADA4099-1 AD-ADA4099-1 Datasheet
1Mb / 34P
   50 V, 8 MHz, 1.5 mA per Channel, Robust, Over-The-Top, Precision Op Amps
Rev. A
logo
Linear Technology
LT1639 LINER-LT1639_15 Datasheet
262Kb / 18P
   1.2MHz, 0.4V/s Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1638 LINER-LT1638_15 Datasheet
262Kb / 18P
   1.2MHz, 0.4V/s Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com