Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3579-1 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3579-1
Description  6A Boost/Inverting DC/DC Converter with Fault Protection
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3579-1 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3579-1_15 Datasheet HTML 4Page - Linear Technology LT3579-1_15 Datasheet HTML 5Page - Linear Technology LT3579-1_15 Datasheet HTML 6Page - Linear Technology LT3579-1_15 Datasheet HTML 7Page - Linear Technology LT3579-1_15 Datasheet HTML 8Page - Linear Technology LT3579-1_15 Datasheet HTML 9Page - Linear Technology LT3579-1_15 Datasheet HTML 10Page - Linear Technology LT3579-1_15 Datasheet HTML 11Page - Linear Technology LT3579-1_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
LT3579/LT3579-1
8
35791fa
For more information www.linear.com/LT3579
BLOCK DIAGRAM
Figure 1. Block Diagram
FREQUENCY
FOLDBACK
RAMP
GENERATOR
COMPARATOR
DRIVER
DISABLE
SS
VC
RFAULT
RGATE
14.6k
14.6k
SR1
A3
SYNC
CLKOUT
÷N
SS
SHDN
COUT1
SW1
SW2
FB
15.4m
RS
12m
GND
RT
RT
RC
CC
VC
DRIVER
VIN
CIN
SYNC
BLOCK
UVLO
R
S
Q
35791 BD
+
A4
Q2
TD ~ 30ns
VBE • 0.9
1.17V
45mV
FB
ADJUSTABLE
OSCILLATOR
+
+
A1
CSS
1.33V
+
+
+
250k
2.1V
1.8V
50mV
SOFT-
START
STARTUP
& FAULT
LOGIC
COUT
VOUT
VIN
M1
L1
GATE
OPTIONAL
FAULT
933µA
+
+
+
DIE TEMP
165°C
VIN
750mV
SW1
ISW1
42V (MIN)
42V (MIN)
3.4A (MIN)
SW2
+
A2
1.215V
REFERENCE
16.2V
D1
RFB
Q1
**
**
** SW OVERVOLTAGE PROTECTION IS NOT GUARANTEED TO PROTECT THE LT3579/LT3579-1 DURING SW OVERVOLTAGE EVENTS.


Similar Part No. - LT3579-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3579-1 LINER-LT3579-1 Datasheet
519Kb / 40P
   6A Boost/Inverting DC/DC Converter with Fault Protection
More results

Similar Description - LT3579-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3579 LINER-LT3579_15 Datasheet
580Kb / 42P
   6A Boost/Inverting DC/DC Converter with Fault Protection
LT3579 LINER-LT3579 Datasheet
519Kb / 40P
   6A Boost/Inverting DC/DC Converter with Fault Protection
LT3581 LINER-LT3581_15 Datasheet
466Kb / 36P
   3.3A Boost/Inverting DC/DC Converter with Fault Protection
LT3581 LINER-LT3581 Datasheet
504Kb / 36P
   3.3A Boost/Inverting DC/DC Converter with Fault Protection
LT8582 LINER-LT8582_15 Datasheet
454Kb / 36P
   Dual 3A Boost/Inverting/SEPIC DC/DC Converter with Fault Protection
logo
Diodes Incorporated
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
   Boost/Buck/Inverting DC-DC CONVERTER
logo
Linear Technology
LT8582 LINER-LT8582 Datasheet
368Kb / 8P
   Dual 3A Boost/Inverting/SEPIC DC/DC Converter
LT3472 LINER-LT3472 Datasheet
227Kb / 12P
   Boost and Inverting DC/DC Converter for CCD Bias
LT3472 LINER-LT3472_15 Datasheet
233Kb / 12P
   Boost and Inverting DC/DC Converter for CCD Bias
logo
XLSEMI
XL6009 XLSEMI-XL6009 Datasheet
250Kb / 8P
   400KHz 60V 4A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com