Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


UPD784915B Datasheet(PDF) 1 Page - NEC

Part No. UPD784915B
Description  16-BIT SINGLE-CHIP MICROCONTROLLERS
Download  86 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

 
 1 page
background image
©
1996
DATA SHEET
MOS INTEGRATED CIRCUIT
µPD784915B, 784916B
DESCRIPTION
The
µPD784915B, 784916B are members of the NEC 78K/IV Series of microcontrollers equipped with a high-
speed 16-bit CPU and are versions with improved electrical characteristics of the
µPD784915A, 784916A of the
µPD784915 Subseries.
This series contains many peripheral hardware units ideal for VCR control, such as a multi-function timer unit
(super timer unit) suitable for software servo control and VCR analog circuits.
A one-time PROM version of the
µPD784916B, the µPD78P4916, is also available.
Detailed function descriptions are provided in the following user’s manuals. Be sure to read them before
designing.
µPD784915 Subseries User’s Manual - Hardware: U10444E
78K/IV Series User’s Manual - Instruction: U10905E
FEATURES
High instruction execution speed realized by 16-bit CPU core
Minimum instruction execution time: 250 ns (with 8-MHz internal clock)
High internal memory capacity
Part Number
ROM
RAM
µPD784915B
49152 bytes
1280 bytes
µPD784916B
63488 bytes
VCR analog circuits conforming to VHS Standard
CTL amplifier
RECCTL driver (rewritable)
CFG amplifier
DFG amplifier
DPG comparator
DPFG separation circuit (ternary separation circuit)
Reel FG comparator (2 channels)
CSYNC comparator
Timer unit (super timer unit) for servo control
Serial interface: 2 channels (3-wire serial I/O)
A/D converter: 12 channels (conversion time: 10
µs)
Low-frequency oscillation mode: main system clock frequency = internal clock frequency
Low-power dissipation mode: CPU can operate with a subsystem clock.
Supply voltage range: VDD = 2.7 to 5.5 V
Hardware watch function: watch operation at low voltage (VDD = 2.7 V (MIN.)) and low current
APPLICATIONS
Control system/servo/timer of VCR
16-BIT SINGLE-CHIP MICROCONTROLLERS
Document No. U13118EJ1V0DS00 (1st edition)
Date Published January 1998 N CP(K)
Printed in Japan
The information in this document is subject to change without notice
Unless mentioned otherwise, the
µPD784916B is described as the representative product.
1998




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UPD703003AV853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS 1 2 3 4 5 MoreNEC
C167CR-16RM16-Bit CMOS Single-Chip Microcontrollers 1 2 3 4 5 MoreSiemens Semiconductor Group
UPD784214A16-BIT SINGLE-CHIP MICROCONTROLLERS 1 2 3 4 5 MoreNEC
UPD703031AV850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS 1 2 3 4 5 MoreNEC
UPD703034AV850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS 1 2 3 4 5 MoreNEC
UPD784915A16-BIT SINGLE-CHIP MICROCONTROLLERS 1 2 3 4 5 MoreNEC
UPD703037AV850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS 1 2 3 4 5 MoreNEC
UPD703039V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS 1 2 3 4 5 MoreNEC
UPD703100-33V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS 1 2 3 4 5 MoreNEC
UPD703100A-33V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS 1 2 3 4 5 MoreNEC

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl