Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMSH1-40HE Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMSH1-40HE
Description  SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMSH1-40HE Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMSH1-40HE_15 Datasheet HTML 1Page - Central Semiconductor Corp CMSH1-40HE_15 Datasheet HTML 2Page - Central Semiconductor Corp CMSH1-40HE_15 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CMSH1-40HE
CMSH1-100HE
CMSH1-60HE
CMSH1-150HE
CMSH1-80HE
CMSH1-200HE
SURFACE MOUNT SILICON
SCHOTTKY RECTIFIERS
1.0 AMP, 40 THRU 200 VOLT
DEVICE
MARKING CODE
CMSH1-40HE
CS40HE
CMSH1-60HE
CS60HE
CMSH1-80HE
CS80HE
CMSH1-100HE
CS100HE
CMSH1-150HE
CS150HE
CMSH1-200HE
CS200HE
MIN
MAX
MIN
MAX
A
0.030
0.060
0.76
1.52
B
0.004
0.008
0.10
0.20
C
0.006
0.012
0.15
0.30
D
0.078
0.103
1.98
2.62
E
0.188
0.220
4.78
5.59
F
0.090
0.115
2.29
2.92
G
0.050
0.070
1.27
1.78
H
0.157
0.181
3.99
4.60
SMA (REV: R2)
DIMENSIONS
SYMBOL
INCHES
MILLIMETERS
SMA CASE - MECHANICAL OUTLINE
www.centr a lsemi.com
R2 (6-May 2015)


Similar Part No. - CMSH1-40HE_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMSH1-40HE_SERIES CENTRAL-CMSH1-40HE_SERIES Datasheet
1Mb / 2P
   1.0A, 40V thru 200V Schottky Rectifiers in the SMA package
More results

Similar Description - CMSH1-40HE_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMMSH1-40 CENTRAL-CMMSH1-40 Datasheet
72Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS SCHOTTKY RECTIFIERS
CSHD5-40 CENTRAL-CSHD5-40_15 Datasheet
1Mb / 3P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CMSH3-20 CENTRAL-CMSH3-20_15 Datasheet
338Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CMSH5-100HV CENTRAL-CMSH5-100HV_15 Datasheet
453Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CMSH3-100MFL CENTRAL-CMSH3-100MFL_15 Datasheet
809Kb / 3P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CMSH5-20 CENTRAL-CMSH5-20_15 Datasheet
349Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CMSH1-20M CENTRAL-CMSH1-20M_15 Datasheet
301Kb / 3P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CMSH2-20M CENTRAL-CMSH2-20M_15 Datasheet
301Kb / 3P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CMSH3-20MA CENTRAL-CMSH3-20MA_15 Datasheet
301Kb / 3P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CSHD8-60 CENTRAL-CSHD8-60_15 Datasheet
419Kb / 3P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com