Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD784915A Datasheet(PDF) 3 Page - NEC

Part # UPD784915A
Description  16-BIT SINGLE-CHIP MICROCONTROLLERS
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784915A Datasheet(HTML) 3 Page - NEC

  UPD784915A Datasheet HTML 1Page - NEC UPD784915A Datasheet HTML 2Page - NEC UPD784915A Datasheet HTML 3Page - NEC UPD784915A Datasheet HTML 4Page - NEC UPD784915A Datasheet HTML 5Page - NEC UPD784915A Datasheet HTML 6Page - NEC UPD784915A Datasheet HTML 7Page - NEC UPD784915A Datasheet HTML 8Page - NEC UPD784915A Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 86 page
background image
µPD784915A, 784916A
3
Function List (1/2)
Item
Internal ROM capacity
Internal RAM capacity
Operating clock
Minimum instruction ex-
ecution time
I/O ports
Real-time output port
Timer/counter
Capture register
VCR special circuit
General-purpose
timer
PWM output
Serial interface
A/D converter
µPD784915A
µPD784916A
48 Kbytes
64 Kbytes
1280 bytes
16 MHz (internal clock: 8 MHz)
Low frequency oscillation mode: 8 MHz (internal clock: 8 MHz)
Low power dissipation mode: 32.768 kHz (subsystem clock)
250 ns (with 8-MHz internal system clock)
input : 8
54
I/O
: 46
11 (including one each for pseudo VSYNC, head amplifier switch, and chrominance
rotation)
Timer/counter
Compare register
Capture register
Remark
TM0 (16 bits)
3
-
TM1 (16 bits)
3
1
FRC (22 bits)
-
6
TM3 (16 bits)
2
1
UDC (5 bits)
1
-
EC (8 bits)
4
-
For HSW signal generation
EDV (8 bits)
1
-
For CFG signal division
Input signal
Number of bits
Measurable cycle
Operating edge
CFG
22
125 ns to 524 ms
↑↓
DFG
22
125 ns to 524 ms
HSW
16
1
µs to 65.5 ms
↑↓
VSYNC
22
125 ns to 524 ms
CTL
16
1
µs to 65.5 ms
↑↓
TREEL
22
125 ns to 524 ms
↑↓
SREEL
22
125 ns to 524 ms
↑↓
• VSYNC separation circuit, HSYNC separation circuit
• VISS detection, wide aspect detection circuits
• Field identification circuit
• Head amplifier switch/chroma rotation output circuit
Timer
Compare register
Capture register
TM2 (16 bits)
1
-
TM4 (16 bits)
1 (capture/compare)
1
TM5 (16 bits)
1
-
• 16-bit accuracy : 3 channels (carrier frequency: 62.5 kHz)
• 8-bit accuracy : 3 channels (carrier frequency: 62.5 kHz)
3-wire serial I/O: 2 channels
• BUSY/STRB control (1 channel only)
8-bit resolution x 12 channels, conversion time: 10
µs
Super
timer
unit


Similar Part No. - UPD784915A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD784915A RENESAS-UPD784915A Datasheet
625Kb / 88P
   MOS INTEGRATED CIRCUIT
1996
More results

Similar Description - UPD784915A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F1502AGK-GAK-AX RENESAS-UPD78F1502AGK-GAK-AX Datasheet
6Mb / 1031P
   16-Bit Single-Chip Microcontrollers
logo
NEC
UPD784214A NEC-UPD784214A Datasheet
561Kb / 50P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915B NEC-UPD784915B Datasheet
384Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784938 NEC-UPD784938 Datasheet
3Mb / 733P
   16-Bit Single-Chip Microcontrollers
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Siemens Semiconductor G...
C167CR-16RM SIEMENS-C167CR-16RM Datasheet
1Mb / 67P
   16-Bit CMOS Single-Chip Microcontrollers
logo
NEC
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Siemens Semiconductor G...
C161V SIEMENS-C161V_96 Datasheet
3Mb / 260P
   16-Bit CMOS Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com