Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6406 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC6406
Description  3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6406 Datasheet(HTML) 4 Page - Linear Technology

  LTC6406_15 Datasheet HTML 1Page - Linear Technology LTC6406_15 Datasheet HTML 2Page - Linear Technology LTC6406_15 Datasheet HTML 3Page - Linear Technology LTC6406_15 Datasheet HTML 4Page - Linear Technology LTC6406_15 Datasheet HTML 5Page - Linear Technology LTC6406_15 Datasheet HTML 6Page - Linear Technology LTC6406_15 Datasheet HTML 7Page - Linear Technology LTC6406_15 Datasheet HTML 8Page - Linear Technology LTC6406_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC6406
4
6406fc
DC ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. V+ = 3V, V= 0V, VCM = VOCM = VICM = 1.25V, VSHDN = open,
RBAL = 100kΩ, RI = 150Ω, RF = 150Ω (0.1% resistors), CF = 1.8pF (see Figure 1) unless otherwise noted. VS is defined as (V+ – V).
VOUTCM is defined as (V+OUT + V–OUT)/2. VICM is defined as (V+IN + V–IN)/2. VOUTDIFF is defined as (V+OUT – V–OUT).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ISC
Output Short-Circuit Current, +OUT/–OUT Pins (Note 10)
l
±35
±55
mA
AVOL
Large-Signal Open Loop Voltage Gain
90
dB
VS
Supply Voltage Range
l
2.7
3.5
V
IS
Supply Current
l
18
22
mA
ISHDN
Supply Current in Shutdown
VSHDN = 0V
l
300
500
μA
RSHDN
SHDN Pull-Up Resistor
VSHDN = 0V to 0.5V
l
60
100
140
k
Ω
VIL
SHDN Input Logic Low
l
0.4
0.7
V
VIH
SHDN Input Logic High
l
2.25
2.55
V
tON
Turn-On Time
200
ns
tOFF
Turn-Off Time
50
ns
AC ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. V+ = 3V, V= 0V, VCM = VOCM = VICM = 1.25V, VSHDN = open, RI
= 150
Ω, RF = 150Ω (0.1% resistors), CF = 1.8pF, RLOAD = 400Ω (see Figure 2) unless otherwise noted. VS is defined as (V+ – V). VICM
is defined as (V+IN + V–IN)/2. VOUTDIFF is defined as (V+OUT – V–OUT).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SR
Slew Rate
Differential Output
630
V/μS
GBW
Gain-Bandwidth Product
fTEST = 30MHz
3
GHz
f–3dB
–3dB Frequency (See Figure 2)
l
500
800
MHz
50MHz Distortion
Differential Input, VOUTDIFF = 2VP-P
(Note 13)
VOCM = 1.25V, VS = 3V
2nd Harmonic
3rd Harmonic
l
–77
–65
–55
dBc
dBc
VOCM = 1.25V, VS = 3V, RLOAD = 800Ω
2nd Harmonic
3rd Harmonic
–85
–72
dBc
dBc
VOCM = 1.25V, VS = 3V, RLOAD = 800Ω,
RI = RF = 500Ω
2nd Harmonic
3rd Harmonic
–80
–69
dBc
dBc
50MHz Distortion
Single-Ended Input, VOUTDIFF = 2VP-P
(Note 13)
VOCM = 1.25V, VS = 3V, RLOAD = 800Ω,
RI = RF = 500Ω
2nd Harmonic
3rd Harmonic
–69
–73
dBc
dBc
3rd-Order IMD at 49.5MHz, 50.5MHz
VOUTDIFF = 2VP-P Envelope,
RLOAD = 800Ω
–65
dBc
OIP3 at 50MHz (Note 11)
RLOAD = 800Ω
36.5
dBm
tS
Settling Time
VOUTDIFF = 2V Step
1% Settling
0.1% Settling
7
11
ns
ns
NF
Noise Figure at 50MHz
Shunt-Terminated to 50
Ω, RS = 50Ω
ZIN = 200Ω (RI = 100Ω, RF = 300Ω)
14.1
7.5
dB
dB


Similar Part No. - LTC6406_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6406CMS8E-PBF LINER-LTC6406CMS8E-PBF Datasheet
271Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6406CMS8E-TRPBF LINER-LTC6406CMS8E-TRPBF Datasheet
271Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6406CUD-PBF LINER-LTC6406CUD-PBF Datasheet
271Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6406CUD-TRPBF LINER-LTC6406CUD-TRPBF Datasheet
271Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6406IMS8E-PBF LINER-LTC6406IMS8E-PBF Datasheet
271Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
More results

Similar Description - LTC6406_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6406 LINER-LTC6406 Datasheet
271Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6405 LINER-LTC6405 Datasheet
286Kb / 24P
   2.7GHz, 5V, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
logo
Cadeka Microcircuits LL...
LMV321 CADEKA-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifi er Rail-to-Rail Amplifi ers
logo
Analog Devices
AD8139 AD-AD8139_15 Datasheet
775Kb / 25P
   Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
AD8139 AD-AD8139 Datasheet
720Kb / 24P
   Low Noise Rail-to-Rail Differential ADC Driver
REV. A
AD8139 AD-AD8139_16 Datasheet
613Kb / 27P
   Low Noise, Rail-to-Rail, Differential ADC Driver
AD8139 AD-AD8139_07 Datasheet
685Kb / 24P
   Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
logo
Linear Technology
LTC6405CUD LINER-LTC6405CUD Datasheet
377Kb / 26P
   2.7GHz, 5V, Low Noise,Rail-to-Rail Input Differential Amplifier/Driver
LTC6405 LINER-LTC6405_15 Datasheet
442Kb / 26P
   2.7GHz, 5V, Low Noise, Rail-to-Rail Input Differential Amplifier/Driver
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com