Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6406 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC6406
Description  3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6406 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC6406_15 Datasheet HTML 4Page - Linear Technology LTC6406_15 Datasheet HTML 5Page - Linear Technology LTC6406_15 Datasheet HTML 6Page - Linear Technology LTC6406_15 Datasheet HTML 7Page - Linear Technology LTC6406_15 Datasheet HTML 8Page - Linear Technology LTC6406_15 Datasheet HTML 9Page - Linear Technology LTC6406_15 Datasheet HTML 10Page - Linear Technology LTC6406_15 Datasheet HTML 11Page - Linear Technology LTC6406_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC6406
8
6406fc
TYPICAL PERFORMANCE CHARACTERISTICS
Harmonic Distortion vs Frequency
Harmonic Distortion
vs Input Common Mode Voltage
Harmonic Distortion
vs Input Amplitude
Harmonic Distortion vs Frequency
Harmonic Distortion
vs Input Common Mode Voltage
Harmonic Distortion
vs Input Amplitude
Intermodulation Distortion
vs Frequency
Intermodulation Distortion
vs Input Common Mode Voltage
Intermodulation Distortion
vs Input Amplitude
FREQUENCY (MHz)
6406 G19
VS = 3V
VOCM = VICM = 1.25V
RLOAD = 800Ω
VOUTDIFF = 2VP-P
DIFFERENTIAL INPUTS
–30
–40
–50
–60
–70
–80
–90
–110
–100
2ND, RI = RF = 150Ω
2ND, RI = RF = 500Ω
3RD, RI = RF = 150Ω
3RD, RI = RF = 500Ω
1
100
10
INPUT COMMON MODE VOLTAGE (V)
6406 G20
VS = 3V
VOCM = 1.25V
fIN = 50MHz
RLOAD = 800Ω
VOUTDIFF = 2VP-P
DIFFERENTIAL INPUTS
–40
–50
–60
–70
–80
–90
–100
2ND, RI = RF = 150Ω
2ND, RI = RF = 500Ω
3RD, RI = RF = 150Ω
3RD, RI = RF = 500Ω
0
3.0
2.5
2.0
1.5
1.0
0.5
INPUT AMPLITUDE (dBm)
6406 G21
VS = 3V
VOCM = VICM = 1.25V
fIN = 50MHz
RLOAD = 800Ω
RI = RF = 150Ω
DIFFERENTIAL INPUTS
2ND
3RD
–40
–50
–60
–70
–80
–90
–100
–4
(0.4VP-P)
–2
10
(2VP-P)
8
6
4
2
0
FREQUENCY (MHz)
6406 G22
VS = 3V
VOCM =VICM =1.25V
RLOAD = 800Ω
VOUTDIFF = 2VP-P
SINGLE-ENDED INPUT
–30
–40
–50
–60
–70
–80
–90
–110
–100
2ND, RI = RF = 150Ω
2ND, RI = RF = 500Ω
3RD, RI = RF = 150Ω
3RD, RI = RF = 500Ω
1
100
10
INPUT COMMON MODE VOLTAGE (V)
6406 G23
VS = 3V
VOCM = 1.25V
fIN = 50MHz
RLOAD = 800Ω
RI = RF = 500Ω
VOUTDIFF = 2VP-P
SINGLE-ENDED INPUT
–40
–50
–60
–70
–80
–90
–100
0
3.0
2.5
2.0
1.5
1.0
0.5
2ND
3RD
INPUT AMPLITUDE (dBm)
6406 G24
VS = 3V
VOCM = VICM = 1.25V
fIN = 50MHz
RLOAD = 800Ω
RI = RF = 500Ω
SINGLE-ENDED INPUT
2ND
3RD
–40
–50
–60
–70
–80
–90
–100
–2
8
6
4
2
0
–4
(0.4VP-P)
10
(2VP-P)
FREQUENCY (MHz)
6406 G25
VS = 3V
VOCM = VICM = 1.25V
RLOAD = 800Ω
RI = RF = 150Ω
2 TONES, 1MHz TONE
SPACING, 2VP-P COMPOSITE
DIFFERENTIAL INPUTS
–30
–40
–50
–60
–70
–80
–90
–110
–100
1
100
10
INPUT COMMON MODE VOLTAGE (V)
6406 G26
–40
–50
–60
–70
–80
–90
–100
0
3.0
2.5
2.0
1.5
1.0
0.5
VS = 3V
VOCM = 1.25V
fIN = 50MHz
RLOAD = 800Ω
RI = RF = 150Ω
2 TONES, 1MHz TONE
SPACING, 2VP-P COMPOSITE
DIFFERENTIAL INPUTS
INPUT AMPLITUDE (dBm)
6406 G27
–40
–50
–60
–70
–80
–90
–100
–2
8
6
4
2
0
VS = 3V
VOCM = VICM = 1.25V
fIN = 50MHz
RLOAD = 800Ω
RI = RF = 150Ω
2 TONES, 1MHz TONE
SPACING
DIFFERENTIAL INPUTS
–4
(0.4VP-P)
10
(2VP-P)
(QFN Package)


Similar Part No. - LTC6406_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6406CMS8E-PBF LINER-LTC6406CMS8E-PBF Datasheet
271Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6406CMS8E-TRPBF LINER-LTC6406CMS8E-TRPBF Datasheet
271Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6406CUD-PBF LINER-LTC6406CUD-PBF Datasheet
271Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6406CUD-TRPBF LINER-LTC6406CUD-TRPBF Datasheet
271Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6406IMS8E-PBF LINER-LTC6406IMS8E-PBF Datasheet
271Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
More results

Similar Description - LTC6406_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6406 LINER-LTC6406 Datasheet
271Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6405 LINER-LTC6405 Datasheet
286Kb / 24P
   2.7GHz, 5V, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
logo
Cadeka Microcircuits LL...
LMV321 CADEKA-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifi er Rail-to-Rail Amplifi ers
logo
Analog Devices
AD8139 AD-AD8139_15 Datasheet
775Kb / 25P
   Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
AD8139 AD-AD8139 Datasheet
720Kb / 24P
   Low Noise Rail-to-Rail Differential ADC Driver
REV. A
AD8139 AD-AD8139_16 Datasheet
613Kb / 27P
   Low Noise, Rail-to-Rail, Differential ADC Driver
AD8139 AD-AD8139_07 Datasheet
685Kb / 24P
   Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
logo
Linear Technology
LTC6405CUD LINER-LTC6405CUD Datasheet
377Kb / 26P
   2.7GHz, 5V, Low Noise,Rail-to-Rail Input Differential Amplifier/Driver
LTC6405 LINER-LTC6405_15 Datasheet
442Kb / 26P
   2.7GHz, 5V, Low Noise, Rail-to-Rail Input Differential Amplifier/Driver
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com