Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMC1300 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # SMC1300
Description  infrared led
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SMC1300 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  SMC1300 Datasheet HTML 1Page - Roithner LaserTechnik GmbH SMC1300 Datasheet HTML 2Page - Roithner LaserTechnik GmbH SMC1300 Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.roithner-laser.com
1
SMC1300
rev 1.2 12.06.2015
Description
SMC1300 is a surface mount InGaAsP LED with a typical peak wavelength of 1300 nm and radiation of
3.5 mW. It comes in SMD package (ceramic) and is sealed with silicone or epoxy resin.
Maximum Ratings (T
CASE=25°C)
Parameter
Symbol
Values
Min.
Max.
Unit
Power Dissipation
PD
130
mW
Forward Current
IF
100
mA
Pulse Forward Current *
1
IFP
500
mA
Reverse Voltage
VF
5
V
Operating Temperature
TCASE
- 30
+ 85
°C
Storage Temperature
TSTG
- 40
+ 100
°C
Lead Solder Temperature *
2
TSLD
+ 240
°C
*
1 duty=1%, pulse width = 1 µs
*
2 must be completed within 3 seconds
Electro-Optical Characteristics (T
CASE=25°C)
*
1 measured by PD G8370-85
Parameter
Symbol Conditions
Values
Min.
Typ.
Max.
Unit
Peak Wavelength
λP
IF=50mA
1250
1300
1350
nm
Half Width
∆λ
IF=50mA
75
nm
Forward Voltage
VF
IF=50mA
1.1
1.4
V
Reverse Current
IR
VR=5V
10
µA
Radiated Power *
1
PO
IF=50mA
3.5
mW
Radiant Intensity
IE
IF=50mA
mW/sr
Viewing Angle
φ
IF=50mA
110
deg.
Rise Time
tR
IF=50mA
10
ns
Fall Time
tF
IF=50mA
10
ns


Similar Part No. - SMC1300

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SMC130 SUNMATE-SMC130 Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMC130A SUNMATE-SMC130A Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMC130C SUNMATE-SMC130C Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMC130CA SUNMATE-SMC130CA Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results

Similar Description - SMC1300

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L8245 HAMAMATSU-L8245_06 Datasheet
59Kb / 2P
   Infrared LED
logo
IC-Haus GmbH
IC-SG85 ICHAUS-IC-SG85 Datasheet
131Kb / 4P
   Infrared LED
logo
Roithner LaserTechnik G...
ELD-810-345 ROITHNER-ELD-810-345 Datasheet
264Kb / 4P
   Infrared LED
logo
Marktech Corporate
MT5850-IR MARKTECH-MT5850-IR_15 Datasheet
573Kb / 2P
   Infrared LED
MT51020-IR MARKTECH-MT51020-IR_15 Datasheet
577Kb / 2P
   Infrared LED
MT51550-IR MARKTECH-MT51550-IR_15 Datasheet
593Kb / 2P
   Infrared LED
logo
Roithner LaserTechnik G...
LED1200 ROITHNER-LED1200 Datasheet
1Mb / 8P
   Infrared LED
logo
Marktech Corporate
MTE2081-OH5 MARKTECH-MTE2081-OH5 Datasheet
755Kb / 3P
   Infrared LED
MT51550-IR MARKTECH-MT51550-IR Datasheet
593Kb / 2P
   Infrared LED
MTE1040 MARKTECH-MTE1040 Datasheet
64Kb / 2P
   INFRARED LED?
MTE1070A MARKTECH-MTE1070A Datasheet
70Kb / 2P
   INFRARED LED?
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com