Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC5569 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC5569
Description  300MHz to 4GHz 3.3V Dual Active Downconverting Mixer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5569 Datasheet(HTML) 4 Page - Linear Technology

  LTC5569_15 Datasheet HTML 1Page - Linear Technology LTC5569_15 Datasheet HTML 2Page - Linear Technology LTC5569_15 Datasheet HTML 3Page - Linear Technology LTC5569_15 Datasheet HTML 4Page - Linear Technology LTC5569_15 Datasheet HTML 5Page - Linear Technology LTC5569_15 Datasheet HTML 6Page - Linear Technology LTC5569_15 Datasheet HTML 7Page - Linear Technology LTC5569_15 Datasheet HTML 8Page - Linear Technology LTC5569_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LTC5569
4
5569fb
For more information www.linear.com/LTC5569
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC5569 is guaranteed functional over the –40°C to 105°C
case temperature range (θJC = 8°C/W).
Note 3: SSB Noise Figure measured with a small-signal noise source,
bandpass filter and 2dB matching pad on RF input, and bandpass filter on
the LO input.
Note 4: Channel A to channel B isolation is measured as the relative IF
output power of channel B to channel A, with the RF input signal applied to
channel A. The RF input of channel B is 50Ω terminated, and both mixers
are enabled.
TYPICAL DC PERFORMANCE CHARACTERISTICS
Supply Current vs Supply Voltage
(One Mixer Enabled)
Supply Current vs Supply Voltage
(Both Mixers Enabled)
Test circuit shown in Figure 1.
DC ELECTRICAL CHARACTERISTICS V
CC = 3.3V, TC = 25°C. Test circuit shown in Figure 1. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage (VCC)
3.0
3.3
3.6
V
Supply Current
One Mixer Enabled
Both Mixers Enabled
ENA or ENB = High
ENA and ENB = High
90
180
106
212
mA
mA
Shutdown Current—Both Mixers Disabled
ENA and ENB = Low
200
µA
Enable Logic Inputs (ENA, ENB)
ENA, ENB Input High Voltage (On)
2.5
V
ENA, ENB Input Low Voltage (Off)
0.3
V
ENA, ENB Input Current
–0.3V to VCC + 0.3V
100
µA
Turn-On Time
0.6
µs
Turn-Off Time
0.5
µs
Mixer DC Bias Adjust (BIASA, BIASB)
Open-Circuit DC Voltage
2.2
V
Short-Circuit DC Current
Pin Shorted to Ground
1.8
mA
VCC SUPPLY VOLTAGE (V)
3.0
98
TC = 105°C
85°C
55°C
25°C
–10°C
–40°C
96
94
92
90
88
86
84
3.3
3.5
5569 G01
3.1
3.2
3.4
3.6
VCC SUPPLY VOLTAGE (V)
3.0
165
170
175
180
185
195
TC = 105°C
85°C
55°C
25°C
–40°C
3.1
3.2
3.3
3.4
5569 G02
3.5
3.6
190
–10°C


Similar Part No. - LTC5569_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5569 LINER-LTC5569 Datasheet
584Kb / 36P
   16-Bit, 20Msps Low Noise Dual ADC
LTC5569 LINER-LTC5569 Datasheet
405Kb / 24P
   16-Bit, 20Msps Serial Low Noise Dual ADC
logo
Analog Devices
LTC5569 AD-LTC5569 Datasheet
2Mb / 26P
   1.5GHz to 7GHz Dual Programmable Gain Downconverting Mixer
More results

Similar Description - LTC5569_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5567 LINER-LTC5567 Datasheet
192Kb / 4P
   300MHz to 4GHz Active Downconverting Mixer with Wideband IF
LTC5577 LINER-LTC5577 Datasheet
379Kb / 20P
   300MHz to 6GHz High Signal Level Active Downconverting Mixer
LTC5577 LINER-LTC5577_15 Datasheet
379Kb / 20P
   300MHz to 6GHz High Signal Level Active Downconverting Mixer
LTC5566 LINER-LTC5566 Datasheet
656Kb / 28P
   300MHz to 6GHz Dual Programmable Gain Downconverting Mixer
LTC5543 LINER-LTC5543 Datasheet
56Kb / 1P
   2.3GHz to 4GHz High Dynamic Range Downconverting Mixer
LTC5543 LINER-LTC5543_15 Datasheet
252Kb / 16P
   2.3GHz to 4GHz High Dynamic Range Downconverting Mixer
LTC5544 LINER-LTC5544 Datasheet
1Mb / 12P
   4GHz to 6GHz High Dynamic Range Downconverting Mixer
LTC5551 LINER-LTC5551 Datasheet
441Kb / 24P
   300MHz to 3.5GHz Ultra-High Dynamic Range Downconverting Mixer
LTC5551 LINER-LTC5551_15 Datasheet
439Kb / 24P
   300MHz to 3.5GHz Ultra-High Dynamic Range Downconverting Mixer
LT5560 LINER-LT5560_15 Datasheet
455Kb / 28P
   0.01MHz to 4GHz Low Power Active Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com