Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4365 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4365
Description  Overvoltage, Undervoltage and Reverse Supply Protection Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4365 Datasheet(HTML) 5 Page - Linear Technology

  LTC4365_15 Datasheet HTML 1Page - Linear Technology LTC4365_15 Datasheet HTML 2Page - Linear Technology LTC4365_15 Datasheet HTML 3Page - Linear Technology LTC4365_15 Datasheet HTML 4Page - Linear Technology LTC4365_15 Datasheet HTML 5Page - Linear Technology LTC4365_15 Datasheet HTML 6Page - Linear Technology LTC4365_15 Datasheet HTML 7Page - Linear Technology LTC4365_15 Datasheet HTML 8Page - Linear Technology LTC4365_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC4365
5
4365fa
For more information www.linear.com/LTC4365
Typical perForMance characTerisTics
VOUT Operating Current vs
Temperature
VOUT Shutdown Current vs
Temperature
VOUT Current vs Reverse VIN
VIN Operating Current vs
Temperature
VIN Shutdown Current vs VIN
VIN Current vs VIN (–40 to 60V)
GATE Current vs GATE Drive
GATE Drive vs VIN
GATE Drive vs Temperature
TEMPERATURE (°C)
–50
0
20
40
60
80
0
50
100
4365 G01
100
–25
25
75
125
SHDN = 2.5V
VIN = 12V
VIN = 34V
VOUT = VIN
VIN = 2.5V
VIN (V)
0
0
5
10
15
25
20
10
20
35
30
4365 G02
30
5
15
25
VIN = VOUT
SHDN = 0V
25°C
–45°C
125°C
70°C
VIN (V)
–50
–1600
–1200
–800
–400
0
0
50
75
4365 G03
400
–25
25
SHDN = UV = 0V
25°C
25°C
–45°C
125°C
TEMPERATURE (°C)
–50
0
40
80
120
160
0
100
75
125
4365 G04
200
–25
25
50
SHDN = 2.5V
VOUT = 34V
VOUT = 12V
VOUT = 2.5V
VIN = VOUT
TEMPERATURE (°C)
–50
0
5
10
15
0
25
75
100 125
4365 G05
20
–25
50
SHDN = 0V
VOUT = 34V
VOUT = 12V
VOUT = 2.5V
VIN = VOUT
VIN (V)
0
5
10
15
20
0
–10
–30
–40
–50
4365 G06
25
–20
–45°C
25°C
125°C
VOUT = 0V
VIN (V)
0
2
4
6
8
10
0
5
15
20
35
25
30
4365 G07
12
10
VOUT = 0V
VOUT = VIN
T = 25°C
IGATE = –1µA
TEMPERATURE (°C)
–50
0
2
4
6
8
0
50
100
4365 G08
10
–25
25
75
125
VIN = VOUT = 12V
VIN = VOUT = 34V
IGATE = –1µA
VIN = VOUT = 2.5V
∆VGATE (V)
0
0
–5
–10
–15
–20
2
6
10
4365 G09
–25
4
8
VIN = VOUT = 12V
125°C
25°C
–45°C


Similar Part No. - LTC4365_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4365IDDB LINER-LTC4365IDDB Datasheet
374Kb / 16P
   UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
More results

Similar Description - LTC4365_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4367 LINER-LTC4367 Datasheet
320Kb / 6P
   100V Overvoltage, Undervoltage and Reverse Supply Protection Controller
logo
Maxim Integrated Produc...
MAX6399 MAXIM-MAX6399 Datasheet
637Kb / 10P
   High-Voltage, Overvoltage/Undervoltage, Protection Switch Controller
Rev 1; 3/06
MAX16126EVKIT MAXIM-MAX16126EVKIT Datasheet
462Kb / 10P
   Adjustable Undervoltage and Overvoltage Thresholds
Rev 1; 7/16
MAX14890E MAXIM-MAX14890E Datasheet
990Kb / 30P
   Overvoltage and Undervoltage Fault Detection
Rev 0; 3/15
logo
Linear Technology
LTC4360-1 LINER-LTC4360-1 Datasheet
319Kb / 12P
   Overvoltage Protection Controller
logo
Texas Instruments
TPS2400 TI-TPS2400 Datasheet
253Kb / 15P
[Old version datasheet]   OVERVOLTAGE PROTECTION CONTROLLER
logo
Linear Technology
LTC1696 LINER-LTC1696 Datasheet
221Kb / 12P
   Overvoltage Protection Controller
LTC4360 LINER-LTC4360 Datasheet
847Kb / 8P
   Overvoltage Protection Controller
LTC1696 LINER-LTC1696_15 Datasheet
179Kb / 14P
   Overvoltage Protection Controller
LTC4360-1 LINER-LTC4360-1_15 Datasheet
1Mb / 14P
   Overvoltage Protection Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com