Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DXT696BK Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DXT696BK
Description  180V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN TO252
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DXT696BK Datasheet(HTML) 5 Page - Diodes Incorporated

  DXT696BK_15 Datasheet HTML 1Page - Diodes Incorporated DXT696BK_15 Datasheet HTML 2Page - Diodes Incorporated DXT696BK_15 Datasheet HTML 3Page - Diodes Incorporated DXT696BK_15 Datasheet HTML 4Page - Diodes Incorporated DXT696BK_15 Datasheet HTML 5Page - Diodes Incorporated DXT696BK_15 Datasheet HTML 6Page - Diodes Incorporated DXT696BK_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DXT696BK
Document number: DS36574 Rev. 1 - 2
5 of 7
www.diodes.com
December 2013
© Diodes Incorporated
DXT696BK
Typical Electrical Characteristics (@TA = +25°C, unless otherwise specified.)


Similar Part No. - DXT696BK_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXT696BK-13 DIODES-DXT696BK-13 Datasheet
455Kb / 7P
   180V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN TO252
December 2013
More results

Similar Description - DXT696BK_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXT696BK DIODES-DXT696BK Datasheet
455Kb / 7P
   180V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN TO252
December 2013
FZT696B DIODES-FZT696B_15 Datasheet
801Kb / 7P
   180V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
ZXTN04120HK DIODES-ZXTN04120HK Datasheet
271Kb / 7P
   120V NPN MEDIUM POWER DARLINGTON TRANSISTOR IN TO252
ZXTN04120HK DIODES-ZXTN04120HK_15 Datasheet
265Kb / 7P
   120V NPN MEDIUM POWER DARLINGTON TRANSISTOR IN TO252
DXT13003DK DIODES-DXT13003DK_15 Datasheet
310Kb / 6P
   450V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO252
2DB1184Q DIODES-2DB1184Q_15 Datasheet
348Kb / 6P
   50V PNP MEDIUM POWER TRANSISTOR IN TO252
2DB1182Q DIODES-2DB1182Q_15 Datasheet
479Kb / 6P
   32V PNP MEDIUM POWER TRANSISTOR IN TO252
DXT13003EK DIODES-DXT13003EK Datasheet
416Kb / 7P
   460V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO252
February 2019
DXT13003EK DIODES-DXT13003EK_15 Datasheet
323Kb / 7P
   460V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO252
FCX493A DIODES-FCX493A Datasheet
296Kb / 7P
   60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT89
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com