Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4211 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4211
Description  Hot Swap Controller with Multifunction Current Control
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4211 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4211_15 Datasheet HTML 6Page - Linear Technology LTC4211_15 Datasheet HTML 7Page - Linear Technology LTC4211_15 Datasheet HTML 8Page - Linear Technology LTC4211_15 Datasheet HTML 9Page - Linear Technology LTC4211_15 Datasheet HTML 10Page - Linear Technology LTC4211_15 Datasheet HTML 11Page - Linear Technology LTC4211_15 Datasheet HTML 12Page - Linear Technology LTC4211_15 Datasheet HTML 13Page - Linear Technology LTC4211_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
LTC4211
10
4211fb
TYPICAL PERFORMANCE CHARACTERISTICS
SUPPLY VOLTAGE (V)
0
0.3
0.4
0.5
16
4211 G52
0.2
0.1
0
4
8
12
218
6
10
14
20
TA = 25°C
TEMPERATURE (°C)
–75
0
0.1
0.3
0.4
0.5
–25
25
50
150
4211 G53
0.2
–50
0
75 100 125
VCC = 5V
GATE Overvoltage Lockout Threshold
vs Supply Voltage
GATE Overvoltage Lockout Threshold
vs Temperature
PIN FUNCTIONS (8-Lead Package/10-Lead Package)
RESET (Pin 1/Pin 1): An open-drain output that pulls to
GND if the voltage at the FB pin (Pin 5/Pin 6) falls below
the FB pin threshold (1.236V). During the start-up cycle,
the RESET pin goes high impedance at the end of the
second timing cycle after the FB pin goes above the FB
threshold. This pin requires an external pull-up resistor
to VCC. If an undervoltage lockout condition occurs, the
RESET pin pulls low independently of the FB pin to prevent
false glitches.
ON (Pin 2/Pin 2): An active high signal used to enable or
disable LTC4211 operation. COMP1’s high-to-low thresh-
old is set at 1.236V and its hysteresis is set at 80mV. If a
logic high signal is applied to the ON pin (VON > 1.316V),
the first timing cycle begins if an overvoltage condition
does not exist on the GATE pin (Pin 6/Pin 7). If a logic
low signal is applied to the ON pin (VON < 1.236V), the
GATE pin is pulled low by an internal 200μA current sink.
The ON pin can also be used to reset the electronic circuit
breaker. If the ON pin is cycled low and then high following
a circuit breaker trip, the internal circuit breaker is reset,
and the LTC4211 begins a new start-up cycle.
TIMER (Pin 3/Pin 4): A capacitor connected from this pin
to GND sets the LTC4211’s system timing. The LTC4211’s
initial and second start-up timing cycles and its internal
“power good” delay time are defined by this capacitor.
GND (Pin 4/Pin 5): Device Ground Connection. Connect
this pin to the system’s analog ground plane.
FB (Pin 5/Pin 6): The FB (Feedback) pin is an input to the
COMP2 comparator and monitors the output supply voltage
through an external resistor divider. If VFB < 1.236V, the
RESET pin pulls low. An internal glitch filter at COMP2’s
output helps prevent negative voltage transients from
triggering a reset condition. If VFB > 1.239V, the RESET
pin goes high at the end of the second timing cycle.
GATE (Pin 6/Pin 7): The output signal at this pin is the
high side gate drive for the external N-channel FET pass
transistor.
As shown in the Block Diagram, an internal charge pump
supplies a 10μA gate current and sufficient gate volt-
age drive to the external FET for supply voltages from
2.5V to 16.5V. The internal charge-pump and zener


Similar Part No. - LTC4211_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4211 LINER-LTC4211_12 Datasheet
322Kb / 40P
   Hot Swap Controller
More results

Similar Description - LTC4211_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4211 LINER-LTC4211 Datasheet
369Kb / 36P
   Hot Swap Controller with Multifunction Current Control
LTC4230 LINER-LTC4230 Datasheet
390Kb / 36P
   Triple Hot Swap Controller with Multifunction Current Control
LTC4230 LINER-LTC4230_15 Datasheet
389Kb / 36P
   Triple Hot Swap Controller with Multifunction Current Control
logo
Analog Devices
LT4239 AD-LT4239 Datasheet
1Mb / 24P
   High Current Hot Swap Controller with Current Monitor Output
Rev. 0
logo
Texas Instruments
LM5067 TI1-LM5067 Datasheet
2Mb / 35P
[Old version datasheet]   Negative Hot Swap / Inrush Current Controller
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com