Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4085-1 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4085-1
Description  USB Power Manager with Ideal Diode Controller and 4.1V Li-Ion Charger
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4085-1 Datasheet(HTML) 5 Page - Linear Technology

  LTC4085-1_15 Datasheet HTML 1Page - Linear Technology LTC4085-1_15 Datasheet HTML 2Page - Linear Technology LTC4085-1_15 Datasheet HTML 3Page - Linear Technology LTC4085-1_15 Datasheet HTML 4Page - Linear Technology LTC4085-1_15 Datasheet HTML 5Page - Linear Technology LTC4085-1_15 Datasheet HTML 6Page - Linear Technology LTC4085-1_15 Datasheet HTML 7Page - Linear Technology LTC4085-1_15 Datasheet HTML 8Page - Linear Technology LTC4085-1_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC4085-1
5
40851fa
TEMPERATURE (°C)
–50
0.995
1.000
1.005
25
75
40851 G07
0.990
0.985
0.980
–25
0
50
1.010
1.015
1.020
100
VIN = 5V
VBAT = 4.2V
RPROG = 100k
RCLPROG = 2k
IBAT (mA)
0
3.90
3.95
4.00
4.05
4.10
4.15
4.20
200
400
600
800
40851 G08
1000
RPROG = 34k
TEMPERATURE (°C)
–50
4.095
4.100
4.105
25
75
40851 G09
4.090
4.085
4.080
–25
0
50
4.110
4.115
4.120
100
VIN = 5V
IBAT = 2mA
TEMPERATURE (°C)
–50
0
100
300
400
500
50
900
40851 G01
200
0
–25
75
25
100
600
700
800
VIN = 5V
VBAT = 4.2V
RPROG = 100k
RCLPROG = 2k
TEMPERATURE (°C)
–50
70
60
50
40
30
20
10
0
25
75
40851 G02
25
0
50
100
VIN = 5V
VBAT = 4.2V
RPROG = 100k
RCLPROG = 2k
SUSP = 5V
TEMPERATURE (°C)
–50
0
20
40
60
–25
0
25
50
40851 G03
75
80
100
10
30
50
70
90
100
VIN = 0V
VBAT = 4.2V
TEMPERATURE (°C)
–50
475
485
495
505
515
525
–25
025
50
40851 G04
75
100
VIN = 5V
VBAT = 3.7V
RPROG = 100k
RCLPROG = 2k
TEMPERATURE (°C)
–50
92
96
100
–25
0
25
50
40851 G05
75
104
108
110
90
94
98
102
106
100
VIN = 5V
VBAT = 3.7V
RPROG = 100k
RCLPROG = 2k
TEMPERATURE (°C)
–50
0
0.2
0.4
0.6
0.8
1.2
–25
025
50
40851 G06
75
100
1.0
VIN = 5V
RCLPROG = 2k
HPWR = 5V
HPWR = 0V
Input Supply Current
vs Temperature
Input Supply Current vs
Temperature (Suspend Mode)
Battery Drain Current
vs Temperature
(BAT Powers OUT, No Load)
Input Current Limit
vs Temperature, HPWR = 5V
Input Current Limit
vs Temperature, HPWR = 0V
CLPROG Pin Voltage
vs Temperature
PROG Pin Voltage
vs Temperature
VFLOAT Load Regulation
Battery Regulation (Float)
Voltage vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS T
A = 25°C unless otherwise noted.


Similar Part No. - LTC4085-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4085-1 LINER-LTC4085-1 Datasheet
305Kb / 24P
   USB Power Manager with Ideal Diode Controller and 4.1V Li-Ion Charger
More results

Similar Description - LTC4085-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4085-1 LINER-LTC4085-1 Datasheet
305Kb / 24P
   USB Power Manager with Ideal Diode Controller and 4.1V Li-Ion Charger
LTC4085EDE LINER-LTC4085EDE Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085 LINER-LTC4085_15 Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085 LINER-LTC4085 Datasheet
276Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085-3 LINER-LTC4085-3_15 Datasheet
283Kb / 24P
   USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
LTC4085-3 LINER-LTC4085-3 Datasheet
280Kb / 24P
   USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
LTC4085-4 LINER-LTC4085-4_15 Datasheet
283Kb / 24P
   USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
LTC4066 LINER-LTC4066_15 Datasheet
320Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
LTC4066 LINER-LTC4066 Datasheet
312Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
LTC4066-1 LINER-LTC4066-1_15 Datasheet
320Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com