Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4085-1 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4085-1
Description  USB Power Manager with Ideal Diode Controller and 4.1V Li-Ion Charger
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4085-1 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4085-1_15 Datasheet HTML 4Page - Linear Technology LTC4085-1_15 Datasheet HTML 5Page - Linear Technology LTC4085-1_15 Datasheet HTML 6Page - Linear Technology LTC4085-1_15 Datasheet HTML 7Page - Linear Technology LTC4085-1_15 Datasheet HTML 8Page - Linear Technology LTC4085-1_15 Datasheet HTML 9Page - Linear Technology LTC4085-1_15 Datasheet HTML 10Page - Linear Technology LTC4085-1_15 Datasheet HTML 11Page - Linear Technology LTC4085-1_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC4085-1
8
40851fa
PI FU CTIO S
IN (Pin 1): Input Supply. Connect to USB supply, VBUS.
Input current to this pin is limited to either 20% or 100%
of the current programmed by the CLPROG pin as deter-
mined by the state of the HPWR pin. Charge current (to
BAT pin) supplied through the input is set to the current
programmed by the PROG pin but will be limited by the
input current limit if charge current is set greater than the
input current limit.
OUT (Pin 2): Voltage Output. This pin is used to provide
controlled power to a USB device from either USB VBUS
(IN) or the battery (BAT) when the USB is not present. This
pin can also be used as an input for battery charging when
the USB is not present and a wall adapter is applied to this
pin. OUT should be bypassed with at least 4.7μF to GND.
CLPROG (Pin 3): Current Limit Program and Input Cur-
rent Monitor. Connecting a resistor, RCLPROG, to ground
programs the input to output current limit. The current
limit is programmed as follows:
I
CL (A) =
1000V
R
CLPROG
In USB applications the resistor RCLPROG should be set
to no less than 2.1k.
The voltage on the CLPROG pin is always proportional to
the current flowing through the IN to OUT power path.
This current can be calculated as follows:
I
IN(A) =
V
CLPROG
R
CLPROG
• 1000
HPWR (Pin 4): High Power Select. This logic input is used
to control the input current limit. A voltage greater than
1.2V on the pin will set the input current limit to 100% of
the current programmed by the CLPROG pin. A voltage
less than 0.4V on the pin will set the input current limit to
20% of the current programmed by the CLPROG pin. A 2μA
pull-down is internally applied to this pin to ensure it is low
at power up when the pin is not being driven externally.
SUSP (Pin 5): Suspend Mode Input. Pulling this pin above
1.2V will disable the power path from IN to OUT. The sup-
ply current from IN will be reduced to comply with the
USB specification for suspend mode. Both the ability to
charge the battery from OUT and the ideal diode function
(from BAT to OUT) will remain active. Suspend mode will
reset the charge timer if VOUT is less than VBAT while in
suspend mode. If VOUT is kept greater than VBAT, such as
when a wall adapter is present, the charge timer will not
be reset when the part is put in suspend. A 2μA pull-down
is internally applied to this pin to ensure it is low at power
up when the pin is not being driven externally.
TIMER (Pin 6): Timer Capacitor. Placing a capacitor, CTIMER,
to GND sets the timer period. The timer period is:
t
TIMER(Hours) =
C
TIMER •RPROG • 3Hours
0.1μF • 100k
Charge time is increased if charge current is reduced
due to undervoltage current limit, load current, thermal
regulation and current limit selection (HPWR).
Shorting the TIMER pin to GND disables the battery charg-
ing functions.


Similar Part No. - LTC4085-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4085-1 LINER-LTC4085-1 Datasheet
305Kb / 24P
   USB Power Manager with Ideal Diode Controller and 4.1V Li-Ion Charger
More results

Similar Description - LTC4085-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4085-1 LINER-LTC4085-1 Datasheet
305Kb / 24P
   USB Power Manager with Ideal Diode Controller and 4.1V Li-Ion Charger
LTC4085EDE LINER-LTC4085EDE Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085 LINER-LTC4085_15 Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085 LINER-LTC4085 Datasheet
276Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085-3 LINER-LTC4085-3_15 Datasheet
283Kb / 24P
   USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
LTC4085-3 LINER-LTC4085-3 Datasheet
280Kb / 24P
   USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
LTC4085-4 LINER-LTC4085-4_15 Datasheet
283Kb / 24P
   USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
LTC4066 LINER-LTC4066_15 Datasheet
320Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
LTC4066 LINER-LTC4066 Datasheet
312Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
LTC4066-1 LINER-LTC4066-1_15 Datasheet
320Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com