Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4079 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4079
Description  60V, 250mA Linear Charger with Low Quiescent Current
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4079 Datasheet(HTML) 4 Page - Linear Technology

  LTC4079_15 Datasheet HTML 1Page - Linear Technology LTC4079_15 Datasheet HTML 2Page - Linear Technology LTC4079_15 Datasheet HTML 3Page - Linear Technology LTC4079_15 Datasheet HTML 4Page - Linear Technology LTC4079_15 Datasheet HTML 5Page - Linear Technology LTC4079_15 Datasheet HTML 6Page - Linear Technology LTC4079_15 Datasheet HTML 7Page - Linear Technology LTC4079_15 Datasheet HTML 8Page - Linear Technology LTC4079_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC4079
4
4079f
For more information www.linear.com/LTC4079
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
NTC Temp Monitor
VCOLD
Low Temp. Fault NTC Threshold Voltage
VNTC/VNTCBIAS
l
72.3
73.8
75.3
%
VHOT
High Temp. Fault NTC Threshold Voltage
VNTC/VNTCBIAS
l
35.6
36.6
37.6
%
VNTC(DIS)
NTC Disable Voltage Threshold
VNTC
l
60
80
100
mV
Pulsed NTCBIAS Voltage
20k from NTCBIAS to Ground
4
V
NTCBIAS Period
3
Sec
NTCBIAS Pulse Width
210
µs
NTC Input Leakage Current
VNTC = VNTCBIAS
l
0.1
100
nA
Enable Input (EN)
VEN(SD)
Shutdown Threshold
VEN Falling
Hysteresis
l
0.400
0.750
55
1.100
V
mV
VEN(REG)
Enable Pin Regulation Voltage
Minimum VEN for Charge Current
l
1.170
1.190
1.210
V
Enable Pin Leakage Current When Pulled High VEN = 60V
l
0
20
nA
Status Outputs (CHRG)
Output Low Voltage
1mA Into the Open-Drain Output
l
0.16
0.4
V
Output Leakage Current
VCHRG = 60V, VEN = 0V
l
0.1
100
nA
elecTrical characTerisTics
The l denotes the specifications which apply over the specified operating junction temperature range, otherwise specifications are at
TA = 25°C (Notes 2, 3). VIN = 12V, VBAT = 7.4V, VFB = 1.057V, VEN = 12V, RPROG = 3k (100mA charge current) unless otherwise specified.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Unless otherwise specified, current into a pin is positive and
current out of a pin is negative.
Note 3: The LTC4079 is tested under pulsed load conditions such that
TJ ≈ TA. The LTC4079E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTC4079I is guaranteed over the full –40°C to 125°C operating junction
temperature range. Note that the maximum ambient temperature
consistent with these specifications is determined by specific operating
conditions in conjunction with board layout, the rated package thermal
impedance and other environmental factors.
Note 4: BAT pin charge current, PROG pin and feedback divider currents
are excluded from supply quiescent current.
Note 5: Charge current is reduced by thermal regulation as the junction
temperature rises above TLIM (118°C).


Similar Part No. - LTC4079_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4079 LINER-LTC4079 Datasheet
209Kb / 6P
   60V, 250mA Linear Charger with Low Quiescent Current
More results

Similar Description - LTC4079_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4079 LINER-LTC4079 Datasheet
209Kb / 6P
   60V, 250mA Linear Charger with Low Quiescent Current
logo
E-CMOS Corporation
EC6209 E-CMOS-EC6209 Datasheet
1Mb / 24P
   250mA Low- Quiescent Current Linear Regulator
logo
Orister Corporation
RS7202 ORISTER-RS7202 Datasheet
480Kb / 7P
   250mA Low Quiescent Linear Regulator with Enable
logo
Maxim Integrated Produc...
MAX5086AATN MAXIM-MAX5086AATN Datasheet
1Mb / 15P
   65V, 250mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay
19-3878; Rev 1; 7/06
MAX5086 MAXIM-MAX5086_08 Datasheet
323Kb / 13P
   45V, 250mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay
Rev 2; 2/08
MAX17651 MAXIM-MAX17651 Datasheet
528Kb / 8P
   60V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev 1; 3/16
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011_10 Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011 TSC-TS9011_07 Datasheet
269Kb / 6P
   250mA Low Quiescent Current CMOS LDO
TS9011PCT TSC-TS9011PCT Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011 TSC-TS9011_15 Datasheet
399Kb / 7P
   250mA Low Quiescent Current CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com