Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4079 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4079
Description  60V, 250mA Linear Charger with Low Quiescent Current
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4079 Datasheet(HTML) 2 Page - Linear Technology

  LTC4079_15 Datasheet HTML 1Page - Linear Technology LTC4079_15 Datasheet HTML 2Page - Linear Technology LTC4079_15 Datasheet HTML 3Page - Linear Technology LTC4079_15 Datasheet HTML 4Page - Linear Technology LTC4079_15 Datasheet HTML 5Page - Linear Technology LTC4079_15 Datasheet HTML 6Page - Linear Technology LTC4079_15 Datasheet HTML 7Page - Linear Technology LTC4079_15 Datasheet HTML 8Page - Linear Technology LTC4079_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC4079
2
4079f
For more information www.linear.com/LTC4079
pin conFiguraTion
absoluTe MaxiMuM raTings
IN, BAT, EN, CHRG, FB, FBG Voltage.......... –0.3V to 62V
PROG TIMER Voltage..................................................3V
BAT Current....................................................... –400mA
PROG Current .....................................................–1.6mA
FBG Current .............................................................2mA
CHRG Current ..........................................................2mA
Operating Junction Temperature Range
(Notes 3, 5)................................................ –40 to 125°C
Storage Temperature Range ......................–65 to 150°C
(Notes 1, 2)
TOP VIEW
11
GND
DD PACKAGE
10-LEAD (3mm
× 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
BAT
FB
FBG
CHRG
TIMER
IN
EN
PROG
NTCBIAS
NTC
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4079EDD#PBF
LTC4079EDD#TRPBF
LGNQ
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LTC4079IDD#PBF
LTC4079IDD#TRPBF
LGNQ
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LTC4079_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4079 LINER-LTC4079 Datasheet
209Kb / 6P
   60V, 250mA Linear Charger with Low Quiescent Current
More results

Similar Description - LTC4079_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4079 LINER-LTC4079 Datasheet
209Kb / 6P
   60V, 250mA Linear Charger with Low Quiescent Current
logo
E-CMOS Corporation
EC6209 E-CMOS-EC6209 Datasheet
1Mb / 24P
   250mA Low- Quiescent Current Linear Regulator
logo
Orister Corporation
RS7202 ORISTER-RS7202 Datasheet
480Kb / 7P
   250mA Low Quiescent Linear Regulator with Enable
logo
Maxim Integrated Produc...
MAX5086AATN MAXIM-MAX5086AATN Datasheet
1Mb / 15P
   65V, 250mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay
19-3878; Rev 1; 7/06
MAX5086 MAXIM-MAX5086_08 Datasheet
323Kb / 13P
   45V, 250mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay
Rev 2; 2/08
MAX17651 MAXIM-MAX17651 Datasheet
528Kb / 8P
   60V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev 1; 3/16
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011_10 Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011 TSC-TS9011_07 Datasheet
269Kb / 6P
   250mA Low Quiescent Current CMOS LDO
TS9011PCT TSC-TS9011PCT Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011 TSC-TS9011_15 Datasheet
399Kb / 7P
   250mA Low Quiescent Current CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com