Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4060 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4060
Description  Standalone Linear NiMH/NiCd Fast Battery Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4060 Datasheet(HTML) 5 Page - Linear Technology

  LTC4060_15 Datasheet HTML 1Page - Linear Technology LTC4060_15 Datasheet HTML 2Page - Linear Technology LTC4060_15 Datasheet HTML 3Page - Linear Technology LTC4060_15 Datasheet HTML 4Page - Linear Technology LTC4060_15 Datasheet HTML 5Page - Linear Technology LTC4060_15 Datasheet HTML 6Page - Linear Technology LTC4060_15 Datasheet HTML 7Page - Linear Technology LTC4060_15 Datasheet HTML 8Page - Linear Technology LTC4060_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LTC4060
4060f
TYPICAL PERFOR A CE CHARACTERISTICS
NiMH Battery Charging
Characteristics at 1C Rate
NiCd Battery Charging
Characteristics at 1C Rate
NiMH Battery Charging
Characteristics at C/2 Rate
NiCd Battery Charging
Characteristics at C/2 Rate
IFCH vs Temperature and
Supply Voltage
IFCL vs Temperature and
Supply Voltage
IBRD vs Temperature and
Supply Voltage
VMDV vs Temperature and
Supply Voltage
tACC vs Temperature and
Supply Voltage
CHARGE TIME (MINUTES)
0
1.4
1.5
1.6
1.7
10
20
30
40
4060 G02
50
60
–∆V TERMINATION
TA = 25°C
CHARGE TIME (MINUTES)
020
1.35
1.45
1.60
40
80
100
4060 G03
1.40
1.55
1.50
60
120
140
–∆V TERMINATION
TA = 25°C
CHARGE TIME (MINUTES)
020
1.40
1.50
1.65
40
80
100
4060 G04
1.45
1.60
1.55
60
120
140
–∆V TERMINATION
TEMPERATURE (°C)
–50
1.990
1.995
2.000
2.005
2.010
–25
0
25
50
4060 G05
75
100
125
VCC = 10V
VCC = 4.5V
TEMPERATURE (°C)
–50
398
399
400
401
402
–25
0
25
50
4060 G06
75
100
125
VCC = 10V
VCC = 4.5V
TEMPERATURE (°C)
–50
–340
–300
–260
–25
0
25
50
4060 G07
75
100
125
VCC = 10V
VCC = 4.5V
TEMPERATURE (°C)
–50
12
14
18
25
75
4060 G08
10
8
–25
0
50
100
125
6
4
16
NiCd
4.5V ≤ VCC ≤ 10V
NiMH
4.5V ≤ VCC ≤ 10V
TEMPERATURE (°C)
–50
0.5
1.0
1.7
25
75
4060 G09
0
–0.5
–25
0
50
100
125
–1.0
–1.5
1.5
VCC = 10V
VCC = 4.5V
RPROG = 3480Ω
CTIMER = 470pF
RPROG = 698Ω
CTIMER = 1.2nF
CHARGE TIME (MINUTES)
0
1.55
1.60
1.65
1.70
10
20
30
40
4060 G01
50
60
–∆V TERMINATION
TA = 25°C


Similar Part No. - LTC4060_15

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC4060EDHC LINEAR-LTC4060EDHC Datasheet
188Kb / 20P
   Standalone Linear NiMH/NiCd Fast Battery Charger
LTC4060EFE LINEAR-LTC4060EFE Datasheet
188Kb / 20P
   Standalone Linear NiMH/NiCd Fast Battery Charger
More results

Similar Description - LTC4060_15

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC4060 LINEAR-LTC4060 Datasheet
188Kb / 20P
   Standalone Linear NiMH/NiCd Fast Battery Charger
logo
Linear Technology
LTC4060 LINER-LTC4060 Datasheet
193Kb / 20P
   Standalone Linear NiMH/NiCd Fast Battery Charger
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_02 Datasheet
777Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
MAX712 MAXIM-MAX712_08 Datasheet
229Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 6; 12/08
MAX2003 MAXIM-MAX2003 Datasheet
211Kb / 20P
   NiCd/NiMH Battery Fast-Charge Controllers
MAX712 MAXIM-MAX712_V01 Datasheet
264Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
2013
MAX712 MAXIM-MAX712 Datasheet
168Kb / 18P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 3; 1/97
logo
Seaward Electronics Inc...
SE9017_0912 SEAWARD-SE9017_0912 Datasheet
409Kb / 11P
   Standalone Linear Lithium Battery Charger
SE9020 SEAWARD-SE9020_10 Datasheet
362Kb / 9P
   Standalone Linear Lithium Battery Charger
logo
E-CMOS Corporation
EC49017 E-CMOS-EC49017 Datasheet
387Kb / 11P
   Standalone Linear Lithium Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com