Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DXTP560BP5 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DXTP560BP5
Description  500V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR POWERDI짰5
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DXTP560BP5 Datasheet(HTML) 6 Page - Diodes Incorporated

  DXTP560BP5_15 Datasheet HTML 1Page - Diodes Incorporated DXTP560BP5_15 Datasheet HTML 2Page - Diodes Incorporated DXTP560BP5_15 Datasheet HTML 3Page - Diodes Incorporated DXTP560BP5_15 Datasheet HTML 4Page - Diodes Incorporated DXTP560BP5_15 Datasheet HTML 5Page - Diodes Incorporated DXTP560BP5_15 Datasheet HTML 6Page - Diodes Incorporated DXTP560BP5_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DXTP560BP5
Datasheet Number: DS35054 Rev: 1 - 2
6 of 7
www.diodes.com
January 2011
© Diodes Incorporated
DXTP560BP5
POWERDI is a registered trademark of Diodes Incorporated.
A Product Line of
Diodes Incorporated
Package Outline Dimensions
Suggested Pad Layout
POWERDI
®5
Dim
Min
Max
A
1.05
1.15
A2
0.33
0.43
b1
0.80
0.99
b2
1.70
1.88
D
3.90
4.05
D2
3.054 Typ
E
6.40
6.60
e
1.84 Typ
E1
5.30
5.45
E2
3.549 Typ
L
0.75
0.95
L1
0.50
0.65
W
1.10
1.41
All Dimensions in mm
Dimensions
Value (in mm)
C
1.840
G
0.852
X
3.360
X1
1.390
Y
4.860
Y1
1.400
G
X
C
Y1
(2x)
Y
X1
(2x)
E
E1
b1
A
A2
A2
D
b2
b1
e
D2
L
E2
L1
W


Similar Part No. - DXTP560BP5_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXTP560BP5-13 DIODES-DXTP560BP5-13 Datasheet
169Kb / 7P
   500V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
More results

Similar Description - DXTP560BP5_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXTP560BP5 DIODES-DXTP560BP5 Datasheet
169Kb / 7P
   500V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
DXT458P5 DIODES-DXT458P5_15 Datasheet
204Kb / 7P
   NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR PowerDI짰5
DXT458P5 DIODES-DXT458P5 Datasheet
204Kb / 7P
   NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR PowerDI짰5
DS32067 Rev. 1 - 2
DXTP03200BP5 DIODES-DXTP03200BP5_15 Datasheet
148Kb / 7P
   200V PNP HIGH VOLTAGE TRANSISTOR PowerDI짰5
DXTP03200BP5 DIODES-DXTP03200BP5 Datasheet
148Kb / 7P
   200V PNP HIGH VOLTAGE TRANSISTOR PowerDI짰5
DS32068 Rev. 2 - 2
FMMT560 DIODES-FMMT560_16 Datasheet
833Kb / 7P
   500V PNP HIGH VOLTAGE TRANSISTOR
logo
Zetex Semiconductors
BF621 ZETEX-BF621 Datasheet
34Kb / 1P
   PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FCX596 ZETEX-FCX596 Datasheet
21Kb / 1P
   PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FMMT560 ZETEX-FMMT560 Datasheet
42Kb / 2P
   PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FMMT593 ZETEX-FMMT593 Datasheet
124Kb / 2P
   PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com