Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCX458 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # FCX458
Description  400V NPN HIGH VOLTAGE TRANSISTOR IN SOT89
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FCX458 Datasheet(HTML) 5 Page - Diodes Incorporated

  FCX458_15 Datasheet HTML 1Page - Diodes Incorporated FCX458_15 Datasheet HTML 2Page - Diodes Incorporated FCX458_15 Datasheet HTML 3Page - Diodes Incorporated FCX458_15 Datasheet HTML 4Page - Diodes Incorporated FCX458_15 Datasheet HTML 5Page - Diodes Incorporated FCX458_15 Datasheet HTML 6Page - Diodes Incorporated FCX458_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FCX458
Document number: DS33053 Rev. 6 - 2
5 of 7
www.diodes.com
December 2014
© Diodes Incorporated
FCX458
A Product Line of
Diodes Incorporated
Typical Electrical Characteristics (@TA = +25°C, unless otherwise specified.)


Similar Part No. - FCX458_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FCX458 DIODES-FCX458_17 Datasheet
499Kb / 7P
   400V NPN HIGH VOLTAGE TRANSISTOR
More results

Similar Description - FCX458_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FCX558 DIODES-FCX558_15 Datasheet
563Kb / 7P
   400V PNP HIGH VOLTAGE TRANSISTOR IN SOT89
2DA1971 DIODES-2DA1971_15 Datasheet
284Kb / 7P
   400V PNP HIGH VOLTAGE SWITCHING TRANSISTOR IN SOT89
2DA1971 DIODES-2DA1971 Datasheet
281Kb / 7P
   400V PNP HIGH VOLTAGE SWITCHING TRANSISTOR IN SOT89
FCX558TA DIODES-FCX558TA Datasheet
297Kb / 6P
   400V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT89
BST39 DIODES-BST39_15 Datasheet
467Kb / 7P
   350V NPN HIGH VOLTAGE TRANSISTOR IN SOT89
BST39 DIODES-BST39 Datasheet
467Kb / 7P
   350V NPN HIGH VOLTAGE TRANSISTOR IN SOT89
July 2014 Rev. 5 - 2
FMMT458TA DIODES-FMMT458TA Datasheet
429Kb / 7P
   400V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
FZT658TA DIODES-FZT658TA Datasheet
267Kb / 7P
   400V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
FMMT458 DIODES-FMMT458_15 Datasheet
429Kb / 7P
   400V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
FZT658 DIODES-FZT658_15 Datasheet
597Kb / 7P
   400V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com