Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4006 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4006
Description  4A, High Efficiency, Standalone Li-Ion Battery Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4006 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4006_15 Datasheet HTML 2Page - Linear Technology LTC4006_15 Datasheet HTML 3Page - Linear Technology LTC4006_15 Datasheet HTML 4Page - Linear Technology LTC4006_15 Datasheet HTML 5Page - Linear Technology LTC4006_15 Datasheet HTML 6Page - Linear Technology LTC4006_15 Datasheet HTML 7Page - Linear Technology LTC4006_15 Datasheet HTML 8Page - Linear Technology LTC4006_15 Datasheet HTML 9Page - Linear Technology LTC4006_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC4006
4006fa
PI FU CTIO S
CSP (Pin 9): Current Amplifier CA1 Input. This pin and the
BAT pin measure the voltage across the sense resistor,
RSENSE, to provide the instantaneous current signals re-
quired for both peak and average current mode operation.
BAT (Pin 10): Battery Sense Input and the Negative
Reference for the Current Sense Resistor. A precision
internal resistor divider sets the final float potential on this
pin. The resistor divider is disconnected during shutdown.
CLP (Pin 11): Positive Input to the Supply Current Limiting
Amplifier, CL1. The threshold is set at 100mV above the
voltage at the CLN pin. When used to limit supply current,
a filter is needed to filter out the switching noise. If no
current limit function is desired, connect this pin to CLN.
CLN (Pin 12): Negative Reference for the Input Current
Limit Amplifier, CL1. This pin also serves as the power
supply for the IC. A 10
µF to 22µF bypass capacitor should
be connected as close as possible to this pin.
TGATE (Pin 13): Drives the top external P-channel MOSFET
of the battery charger buck converter.
PGND (Pin 14): High Current Ground Return for the BGATE
Driver.
BGATE (Pin 15): Drives the bottom external N-channel
MOSFET of the battery charger buck converter.
INFET (Pin 16): Drives the Gate of the External Input PFET.
RT (Pin 4): Timer Resistor. The timer period is set by
placing a resistor, RRT, to GND.
The timer period is tTIMER = (1hour • RRT/154k)
If this resistor is not present, the charger will not start.
GND (Pin 5): Ground for low power circuitry.
NTC (Pin 6): A thermistor network is connected from NTC
to GND. This pin determines if the battery temperature is
safe for charging. The charger and timer are suspended if
the thermistor indicates a temperature that is unsafe for
charging. The thermistor function may be disabled with a
300k to 500k resistor from DCIN to NTC.
ITH (Pin 7): Control Signal of the Inner Loop of the Current
Mode PWM. Higher ITH voltage corresponds to higher
charging currrent in normal operation. A 6.04k resistor, in
series with a capacitor of at least 0.1
µF to GND, provides
loop compensation. Typical full-scale output current is
40
µA. Nominal voltage range for this pin is 0V to 3V.
IMON (Pin 8): Current Monitoring Output. The voltage at
this pin provides a linear indication of charging current.
Peak current is equivalent to 1.19V. Zero current is ap-
proximately 0.309V. A capacitor from IMON to ground is
required to filter higher frequency components. If VBAT <
2.5V/cell, then V(IMON) = 1.19V when conditioning a
depleted battery. Any current sourced or sinked from this
pin directly affects the charging current accuracy. If this
pin is to be monitored, a high impedance input buffer
should be used.
TEST CIRCUIT
+
+
+
EA
LT1055
LTC4006
VREF
11.67
µA
BAT
10
CSP
9
ITH
0.6V
4006 TC
7
35mV
3k


Similar Part No. - LTC4006_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4006 LINER-LTC4006_1 Datasheet
266Kb / 20P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
More results

Similar Description - LTC4006_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4006 LINER-LTC4006 Datasheet
219Kb / 16P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4007 LINER-LTC4007_1 Datasheet
273Kb / 24P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4006 LINER-LTC4006_1 Datasheet
266Kb / 20P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4007 LINER-LTC4007 Datasheet
241Kb / 20P
   4A, High Efficiency, Standalone Li Battery Charger
LTC4007-1 LINER-LTC4007-1_15 Datasheet
280Kb / 24P
   4A, High Efficiency, Li-Ion Battery Charger
LTC4007-1 LINER-LTC4007-1 Datasheet
274Kb / 24P
   4A, High Efficiency, Li-Ion Battery Charger
LTC4007 LINER-LTC4007_15 Datasheet
231Kb / 24P
   4A, High Effi ciency, Standalone Li-Ion Battery Charger
logo
Shanghai Consonance Ele...
CN3703 CONSONANCE-CN3703 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3704 CONSONANCE-CN3704 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3702 CONSONANCE-CN3702 Datasheet
239Kb / 11P
   Standalone Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com