Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4006 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4006
Description  4A, High Efficiency, Standalone Li-Ion Battery Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4006 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4006_15 Datasheet HTML 6Page - Linear Technology LTC4006_15 Datasheet HTML 7Page - Linear Technology LTC4006_15 Datasheet HTML 8Page - Linear Technology LTC4006_15 Datasheet HTML 9Page - Linear Technology LTC4006_15 Datasheet HTML 10Page - Linear Technology LTC4006_15 Datasheet HTML 11Page - Linear Technology LTC4006_15 Datasheet HTML 12Page - Linear Technology LTC4006_15 Datasheet HTML 13Page - Linear Technology LTC4006_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LTC4006
4006fa
OPERATIO
Table 2. Truth Table for LTC4006 Operation (Supplemental)
FROM
TO
BAT
PRESENT C/10
NEXT C/10
MAX BAT
TIMER
NUMBER
STATE
STATE
MODE
DCIN
VOLTAGE
LATCH
LATCH
CURRENT
ACP/SHDN
STATE
CHG*
1
Any
MSD
Shut Down by Low Adapter Voltage
<BAT
0
OFF
LOW
Reset
HIGH
2
MSD
SD
Charge Shutdown
>BAT
0
OFF
HIGH
Reset
HIGH
3
SD,
SD
Shut Down by Undervoltage Lockout
>BAT
OFF
HIGH
Reset
HIGH**
CONDITION,
and
CHARGE
<UVL
4
SD
CONDITION
Start Conditioning a Depleted Battery
>BAT
<2.5V/Cell
10% Programmed
HIGH
LOW
Current
5
CONDITION
CONDITION
Input Current Limited Condition Charging
>BAT
<2.5V/Cell
<10% Programmed
HIGH
Running
LOW
Current (Note 2)
6
CONDITION
CONDITION
Conditioning a Depleted Battery
>BAT
<2.5V/Cell
10% Programmed
HIGH
Running
LOW
Current
7
CONDITION
CONDITION
Timer Defeated. (Low-Battery Conditioning Still
>BAT
<2.5V/Cell
10% Programmed
HIGH
Ignored
Forced LOW
Functional)
Current
8
CONDITION
SD
Charger Paused Due to Thermistor Out of Range
>BAT
<2.5V/Cell
OFF
HIGH
Paused
LOW
(Faulted)
9
CONDITION
SD
Timeout in CONDITION Mode
>BAT
<2.5V/Cell
OFF
HIGH
>T/4
HIGH
(Faulted)
10
CONDITION
SD
Shut Down by ACP/SHDN Pin
>BAT
<2.5V/Cell
0
OFF
Forced LOW
Reset
HIGH
11
CONDITION
CHARGE
Start Normal Charging
>BAT
>2.5V/Cell
Programmed
HIGH
Running
Current
12
CHARGE
CHARGE
Timer Defeated. (Low-Battery Conditioning Still
>BAT
>2.5V/Cell
Programmed
HIGH
Ignored
Forced LOW
Functional)
Current
13
SD
CHARGE
Restart
>BAT
2.5V
≤ VBAT ≤ 3.9V
0
Programmed
HIGH
Reset
(V/Cell)
Current
14
CHARGE
CHARGE
Top-Off Charging
>BAT
>3.9V/Cell
0
Programmed
HIGH
Running
LOW
Current
15
CHARGE
CHARGE
C/10 Latch is SET when Battery Current is Less
>BAT
>2.5V/Cell
1
Programmed
HIGH
Reset
25
µA
Than 10% of Programmed Current
Current
16
CHARGE
CHARGE
Top-Off Charging
>BAT
>3.9V/Cell
1
Programmed
HIGH
Running
25
µA
Current
17
CHARGE
CHARGE
Input Current Limited Charging
>BAT
>2.5V/Cell
<Programmed
HIGH
Current (Note 2)
18
CHARGE
SD
Charger Paused Due to Thermistor Out of Range
>BAT
>2.5V/Cell
OFF
HIGH
Paused
LOW or 25
µA
(Faulted)
19
CHARGE
SD
Shut Down by ACP/SHDN Pin
>BAT
>2.5V/Cell
0
OFF
Forced LOW
Reset
HIGH
20
CHARGE
SD
Terminated by Low-Battery Fault (Note 1)
>BAT
<2.5V/Cell
0
OFF
HIGH
>T/4 then Reset
HIGH
(Faulted)
21
CHARGE
SD
Terminates After 1/4 T
>BAT
VFLOAT
1
OFF
HIGH
>T/4 then Reset
HIGH
22
CHARGE
SD
Terminates After T
>BAT
VFLOAT**
0
OFF
HIGH
>T/4 then Reset
HIGH
Note 1: If a depleted battery is inserted while the charger is in this state,
the charger must be reset to initiate charging.
Note 2: See section on “Adapter Limiting”.
Note 3: The information contained in this table is supplemental to the
LTC4006 data sheet and has not been production qualified.
Note 4: Blank fields indicate no change, not considered, or other states
impact value.
*Open Drain. High when used with pull-up resistor.
** Most probable condition.
MASTER
SHUTDOWN
1
2
ANY
SHUTDOWN
4
CONDITION
11
13
3, 18, 19,
20, 21, 22
3, 8,
9, 10
5,
6,
7
CHARGE
12, 14, 15, 16, 17
4006 F15
LTC4006: State Diagram (Supplemental)


Similar Part No. - LTC4006_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4006 LINER-LTC4006_1 Datasheet
266Kb / 20P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
More results

Similar Description - LTC4006_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4006 LINER-LTC4006 Datasheet
219Kb / 16P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4007 LINER-LTC4007_1 Datasheet
273Kb / 24P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4006 LINER-LTC4006_1 Datasheet
266Kb / 20P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4007 LINER-LTC4007 Datasheet
241Kb / 20P
   4A, High Efficiency, Standalone Li Battery Charger
LTC4007-1 LINER-LTC4007-1_15 Datasheet
280Kb / 24P
   4A, High Efficiency, Li-Ion Battery Charger
LTC4007-1 LINER-LTC4007-1 Datasheet
274Kb / 24P
   4A, High Efficiency, Li-Ion Battery Charger
LTC4007 LINER-LTC4007_15 Datasheet
231Kb / 24P
   4A, High Effi ciency, Standalone Li-Ion Battery Charger
logo
Shanghai Consonance Ele...
CN3703 CONSONANCE-CN3703 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3704 CONSONANCE-CN3704 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3702 CONSONANCE-CN3702 Datasheet
239Kb / 11P
   Standalone Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com