Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4006 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4006
Description  4A, High Efficiency, Standalone Li-Ion Battery Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4006 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4006_15 Datasheet HTML 4Page - Linear Technology LTC4006_15 Datasheet HTML 5Page - Linear Technology LTC4006_15 Datasheet HTML 6Page - Linear Technology LTC4006_15 Datasheet HTML 7Page - Linear Technology LTC4006_15 Datasheet HTML 8Page - Linear Technology LTC4006_15 Datasheet HTML 9Page - Linear Technology LTC4006_15 Datasheet HTML 10Page - Linear Technology LTC4006_15 Datasheet HTML 11Page - Linear Technology LTC4006_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LTC4006
4006fa
Overview
The LTC4006 is a synchronous current mode PWM step-
down (buck) switcher battery charger controller. The charge
current is programmed by the sense resistor (RSENSE)
between the CSP and BAT pins. The final float voltage is
internally programmed to 8.4V (LTC4006-6), 12.6V
(LTC4006-2) or 16.8V (LTC4006-4) with better than
±0.8%
accuracy. Charging begins when the potential at the DCIN
pin rises above the voltage at CLN (and the UVLO voltage)
and the ACP/SHDN pin is allowed to go high; the CHG pin
is set low. At the beginning of the charge cycle, if the cell
voltage is below 2.5V, the charger will trickle charge the
battery with 10% of the maximum programmed current.
If the cell voltage stays below 2.5V for 25% of the total
charge time, the charge sequence will be terminated im-
mediately and the CHG pin will be set to a high impedance.
An external thermistor network is sampled at regular
intervals. If the thermistor value exceeds design limits,
charging is suspended. If the thermistor value returns to
an acceptable value, charging resumes. An external resis-
tor on the RT pin sets the total charge time. The timer can
be defeated by forcing the CHG pin to a low voltage.
As the battery approaches the final float voltage, the charge
current will begin to decrease. When the current drops to
10% of the programmed charge current, an internal C/10
comparator will indicate this condition by sinking 25
µAatthe
CHG pin. The charge timer is also reset to 25% of the total
charge time. If this condition is caused by an input current
limit condition, described below, then the C/10 comparator
will be inhibited. When a time-out occurs, charging is termi-
nated immediately and the CHG pin changes to a high
impedance. The charger will automatically restart if the cell
voltage is less than 3.9V. To restart the charge cycle manu-
ally, simply remove the input voltage and reapply it, or force
the ACP/SHDN pin low momentarily. When the input voltage
is not present, the charger goes into a sleep mode, dropping
batterycurrentdrainto15
µA.Thisgreatlyreducesthecurrent
drain on the battery and increases the standby time. The
charger can be inhibited at any time by forcing the ACP/SHDN
pin to a low voltage.
Input FET
The input FET circuit performs two functions. It enables
the charger if the input voltage is higher than the CLN pin
and provides the logic indicator of AC present on the
ACP/SHDN pin. It controls the gate of the input FET to keep
a low forward voltage drop when charging and also
prevents reverse current flow through the input FET.
If the input voltage is less than VCLN, it must go at least
170mV higher than VCLN to activate the charger. When this
occurs the ACP/SHDN pin is released and pulled up with
an internal load to indicate that the adapter is present. The
gate of the input FET is driven to a voltage sufficient to keep
a low forward voltage drop from drain to source. If the
voltage between DCIN and CLN drops to less than 25mV,
the input FET is turned off slowly. If the voltage between
DCIN and CLN is ever less than – 25mV, then the input FET
is turned off in less than 10
µs to prevent significant
reverse current from flowing in the input FET. In this
condition, the ACP/SHDN pin is driven low and the charger
is disabled.
Battery Charger Controller
The LTC4006 charger controller uses a constant off-time,
current mode step-down architecture. During normal opera-
tion, the top MOSFET is turned on each cycle when the
oscillator sets the SR latch and turned off when the main
current comparator ICMP resets the SR latch. While the top
MOSFET is off, the bottom MOSFET is turned on until either
the inductor current trips the current comparator IREV or the
beginning of the next cycle. The oscillator uses the equation:
t
VV
Vf
OFF
DCIN
BAT
DCIN
OSC
=
to set the bottom MOSFET on time. This activity is dia-
grammed in Figure 1.
The peak inductor current, at which ICMP resets the SR latch,
is controlled by the voltage on ITH. ITH is in turn controlled by
several loops, depending upon the situation at hand. The
average current control loop converts the voltage between
CSP and BAT to a representative current. Error amp CA2
OPERATIO
TGATE
OFF
ON
BGATE
INDUCTOR
CURRENT
tOFF
TRIP POINT SET BY ITH VOLTAGE
ON
OFF
4006 F01
Figure 1


Similar Part No. - LTC4006_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4006 LINER-LTC4006_1 Datasheet
266Kb / 20P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
More results

Similar Description - LTC4006_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4006 LINER-LTC4006 Datasheet
219Kb / 16P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4007 LINER-LTC4007_1 Datasheet
273Kb / 24P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4006 LINER-LTC4006_1 Datasheet
266Kb / 20P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4007 LINER-LTC4007 Datasheet
241Kb / 20P
   4A, High Efficiency, Standalone Li Battery Charger
LTC4007-1 LINER-LTC4007-1_15 Datasheet
280Kb / 24P
   4A, High Efficiency, Li-Ion Battery Charger
LTC4007-1 LINER-LTC4007-1 Datasheet
274Kb / 24P
   4A, High Efficiency, Li-Ion Battery Charger
LTC4007 LINER-LTC4007_15 Datasheet
231Kb / 24P
   4A, High Effi ciency, Standalone Li-Ion Battery Charger
logo
Shanghai Consonance Ele...
CN3703 CONSONANCE-CN3703 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3704 CONSONANCE-CN3704 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3702 CONSONANCE-CN3702 Datasheet
239Kb / 11P
   Standalone Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com