Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3622-23 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3622-23
Description  17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3622-23 Datasheet(HTML) 1 Page - Linear Technology

  LTC3622-23_15 Datasheet HTML 1Page - Linear Technology LTC3622-23_15 Datasheet HTML 2Page - Linear Technology LTC3622-23_15 Datasheet HTML 3Page - Linear Technology LTC3622-23_15 Datasheet HTML 4Page - Linear Technology LTC3622-23_15 Datasheet HTML 5Page - Linear Technology LTC3622-23_15 Datasheet HTML 6Page - Linear Technology LTC3622-23_15 Datasheet HTML 7Page - Linear Technology LTC3622-23_15 Datasheet HTML 8Page - Linear Technology LTC3622-23_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC3622/
LTC3622-2/LTC3622-23/5
1
3622fa
For more information www.linear.com/LTC3622
Typical applicaTion
FeaTures
DescripTion
17V, Dual 1A
Synchronous Step-Down Regulator
with Ultralow Quiescent Current
The LTC®3622 is a dual 1A output, high efficiency synchro-
nousmonolithicstep-downregulatorcapableofoperating
from input supplies up to 17V. The switching frequency is
fixed to 1MHz or 2.25MHz with a ±50% synchronization
range to an external clock. The regulator features ultralow
quiescent current and high efficiency over a wide output
voltage range.
The step-down regulators operate from an input voltage
range of 2.7V to 17V and provide an adjustable output
from 0.6V to VIN while delivering up to 1A of output cur-
rent. A user-selectable mode input is provided to allow
the user to trade off ripple noise for light load efficiency.
Burst Mode® operation provides the highest efficiency at
lightloads,whilepulse-skippingmodeprovidesthelowest
ripplenoise.Theswitchingregulatorscanbesynchronized
to an external clock. Furthermore, fixed VOUT options are
available to eliminate the external feedback resistors.
2.5V/5V VOUT Application, fSW = 1MHz
Efficiency vs Load Current
applicaTions
n
Dual Step-Down Outputs: 1A Per Channel
n
Wide VIN Range: 2.7V to 17V
n
Wide VOUT Range: 0.6V to VIN
n
Up to 95% Efficiency
n
No-Load IQ = 5µA with Both Channels Enabled;
IQ < 4µA with Only One Channel Enabled
n
High Efficiency, Low Dropout Operation
(100% Duty Cycle)
n
Constant Frequency (1MHz/2.25MHz) with External
Frequency Synchronization
n
±1% Output Voltage Accuracy
n
Current Mode Operation for Excellent Line and Load
Transient Response
n
Phase Shift Programmable with External Clock
n
Selectable Current Limit
n
Internal Compensation and Soft-Start
n
Compact 14-Pin DFN (3mm
×4mm) and 16-Lead
MSOP Packages
n
Battery Powered Systems
n
Point-of-Load Supplies
n
Portable – Handheld Scanners
L
, LT, LTC, LTM, Burst Mode, Linear Technology and the Linear logo are registered trademarks
and Hot Swap is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners. Protected by U.S. Patents, including 5481178, 6580258,
6498466, 6611131, 5705919.
List of LTC3622 Options
PART NAME
FREQUENCY
VOUT
LTC3622
1.00MHz
Adjustable
LTC3622-2
2.25MHz
Adjustable
LTC3622-23/5
2.25MHZ
5V/3.3V
LOAD CURRENT (A)
3622 TA01b
90
80
100
70
60
50
40
30
20
10
0
0.5
0.4
0.6
0.3
0.2
0.1
0
0.0001
0.001
0.01
0.1
1
VOUT2 = 5V
VOUT1 = 2.5V
VIN = 12V
fSW = 1MHz
BURST MODE OPERATION
22pF
619k
84.5k
6.8µH
4.7µH
3622 TA01
RUN1
RUN2
GND
FB1
SW1
VIN1
VIN
5.5V TO 17V
VOUT2
5V
1A
COUT2
22µF
CIN
10µF
C1
1µF
VIN2
PHASE
ILIM
INTVCC
MODE/SYNC
SW2
FB2
LTC3622
22pF
619k
196k
VOUT1
2.5V
1A
COUT1
22µF


Similar Part No. - LTC3622-23_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3622-23 LINER-LTC3622-23 Datasheet
1Mb / 24P
   17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
logo
Analog Devices
LTC3622-23 AD-LTC3622-23 Datasheet
1Mb / 20P
   Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
More results

Similar Description - LTC3622-23_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3622 LINER-LTC3622_15 Datasheet
593Kb / 24P
   17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC3622 LINER-LTC3622 Datasheet
1Mb / 24P
   17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC3622-2 LINER-LTC3622-2_15 Datasheet
593Kb / 24P
   17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC7124 LINER-LTC7124 Datasheet
1Mb / 22P
   17V, Dual 3.5A Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC3621 LINER-LTC3621_15 Datasheet
289Kb / 18P
   17V, 1A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC3621-2 LINER-LTC3621-2_15 Datasheet
289Kb / 18P
   17V, 1A Synchronous Step-Down Regulator with 3.5A Quiescent Current
logo
Analog Devices
LTC3644 AD-LTC3644 Datasheet
1Mb / 20P
   Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
logo
Linear Technology
LTC3621 LINER-LTC3621 Datasheet
240Kb / 16P
   17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
LTC3624 LINER-LTC3624_15 Datasheet
369Kb / 20P
   17V, 2A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC3624-2 LINER-LTC3624-2_15 Datasheet
369Kb / 20P
   17V, 2A Synchronous Step-Down Regulator with 3.5A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com