Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3622-2 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3622-2
Description  17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3622-2 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3622-2_15 Datasheet HTML 5Page - Linear Technology LTC3622-2_15 Datasheet HTML 6Page - Linear Technology LTC3622-2_15 Datasheet HTML 7Page - Linear Technology LTC3622-2_15 Datasheet HTML 8Page - Linear Technology LTC3622-2_15 Datasheet HTML 9Page - Linear Technology LTC3622-2_15 Datasheet HTML 10Page - Linear Technology LTC3622-2_15 Datasheet HTML 11Page - Linear Technology LTC3622-2_15 Datasheet HTML 12Page - Linear Technology LTC3622-2_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTC3622/
LTC3622-2/LTC3622-23/5
9
3622fa
For more information www.linear.com/LTC3622
block DiagraM
+
+
+
+
+
+
0.5ms
SOFT-START
SLOPE
COMPENSATION
BUCK
LOGIC
AND
GATE DRIVE
0.6V
FB1
RUN1
PGOOD1
MODE/SYNC
PHASE
INTVCC
ERROR
AMPLIFIER
BURST
COMPARATOR
MAIN
I-COMPARATOR
OVERCURRENT
COMPARATOR
REVERSE
CURRENT
COMPARATOR
LDO
OSCILLATOR
CURRENT LIMIT
SELECT
VIN1
SW1
GND
ILIM
CHANNEL 1
CHANNEL 2
SAME AS CHANNEL 1
3622 BD
VIN–5V
INTVCC
SW2
SVIN (MSOP ONLY)
CLK1
CLK2
FB2
RUN2
PGOOD2
VIN2
FIXED VOUT


Similar Part No. - LTC3622-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3622-23 LINER-LTC3622-23 Datasheet
1Mb / 24P
   17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
logo
Analog Devices
LTC3622-23 AD-LTC3622-23 Datasheet
1Mb / 20P
   Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
logo
Linear Technology
LTC3622-23 LINER-LTC3622-23_15 Datasheet
593Kb / 24P
   17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
More results

Similar Description - LTC3622-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3622 LINER-LTC3622_15 Datasheet
593Kb / 24P
   17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC3622-23 LINER-LTC3622-23_15 Datasheet
593Kb / 24P
   17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC3622 LINER-LTC3622 Datasheet
1Mb / 24P
   17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC7124 LINER-LTC7124 Datasheet
1Mb / 22P
   17V, Dual 3.5A Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC3621 LINER-LTC3621_15 Datasheet
289Kb / 18P
   17V, 1A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC3621-2 LINER-LTC3621-2_15 Datasheet
289Kb / 18P
   17V, 1A Synchronous Step-Down Regulator with 3.5A Quiescent Current
logo
Analog Devices
LTC3644 AD-LTC3644 Datasheet
1Mb / 20P
   Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
logo
Linear Technology
LTC3621 LINER-LTC3621 Datasheet
240Kb / 16P
   17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
LTC3624 LINER-LTC3624_15 Datasheet
369Kb / 20P
   17V, 2A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC3624-2 LINER-LTC3624-2_15 Datasheet
369Kb / 20P
   17V, 2A Synchronous Step-Down Regulator with 3.5A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com