Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS21HT1 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # BAS21HT1
Description  HIGH VOLTAGE SWITCHING DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BAS21HT1 Datasheet(HTML) 2 Page - Leshan Radio Company

  BAS21HT1 Datasheet HTML 1Page - Leshan Radio Company BAS21HT1 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
BAS21HT1–2/2
BAS21HT1
Figure 1. Recovery Time Equivalent Test Circuit
7000
6000
5000
4000
3000
6
5
4
3
2
1
0
1
2
5
10
20
50
100
200 300
VR, REVERSE VOLTAGE (V)
Figure 2. Reverse Leakage
1200
1000
800
600
400
200
1
1
10
100
1000
Notes: 1. A 2.0 k
Ω variable resistor adjusted for a Forward Current (I
F) of 30 mA.
Notes: 2. Input pulse is adjusted so IR(peak) is equal to 30 mA.
Notes : 3. tp » trr
+10 V
2.0 k
820
0.1
µF
D.U.T.
VR
100
µH
0.1
µF
50
Ω Output
Pulse
Generator
50
ΩInput
Sampling
Oscilloscope
tr
IF
tp
t
10%
90%
IR
trr
IF
t
iR(REC) = 3.0 mA
OUTPUT PULSE
(IF = IR = 30 mA; MEASURED
at iR(REC) = 3.0 mA)
INPUT SIGNAL
IF, FORWARD CURRENT (mA)
Figure 1. Forward Voltage


Similar Part No. - BAS21HT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS21HT1 ONSEMI-BAS21HT1 Datasheet
45Kb / 3P
   High Voltage Switching Diode
July, 2006 ??Rev. 4
BAS21HT1 ONSEMI-BAS21HT1 Datasheet
93Kb / 4P
   High Voltage Switching Diode
July, 2010 ??Rev. 5
logo
Skyworks Solutions Inc.
BAS21HT1 SKYWORKS-BAS21HT1 Datasheet
1Mb / 59P
   SINGLE-CHIP DUAL PROSLIC®
Rev. 1.4 October 7, 2021
logo
ON Semiconductor
BAS21HT1G ONSEMI-BAS21HT1G Datasheet
45Kb / 3P
   High Voltage Switching Diode
July, 2006 ??Rev. 4
logo
Zowie Technology Corpor...
BAS21HT1G ZOWIE-BAS21HT1G Datasheet
60Kb / 2P
   HIGH VOLTAGE SWITCHING DIODE Lead free product
More results

Similar Description - BAS21HT1

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V_10 Datasheet
400Kb / 2P
   Switching Diode High Voltage Switching Diode Chip
CPD80V CENTRAL-CPD80V Datasheet
231Kb / 2P
   Switching Diode High Voltage Switching Diode Chip
logo
SHENZHEN YONGERJIA INDU...
1SS245 WINNERJOIN-1SS245_15 Datasheet
129Kb / 3P
   High-voltage switching diode
logo
Leshan Radio Company
LBAS21HT1G LRC-LBAS21HT1G_15 Datasheet
606Kb / 3P
   HIGH VOLTAGE SWITCHING DIODE
LBAS20HT1G LRC-LBAS20HT1G_15 Datasheet
295Kb / 3P
   High Voltage Switching Diode
logo
ON Semiconductor
NSD350H ONSEMI-NSD350H Datasheet
59Kb / 4P
   High Voltage Switching Diode
April, 2015 ??Rev. 0
logo
Diodes Incorporated
BAV5004LP DIODES-BAV5004LP_15 Datasheet
92Kb / 4P
   HIGH VOLTAGE SWITCHING DIODE
logo
Central Semiconductor C...
CMXD3004SR CENTRAL-CMXD3004SR Datasheet
764Kb / 3P
   HIGH VOLTAGE SWITCHING DIODE
logo
ON Semiconductor
BAS19LT1 ONSEMI-BAS19LT1_07 Datasheet
128Kb / 6P
   High Voltage Switching Diode
January, 2007 ??Rev. 9
logo
SEMTECH ELECTRONICS LTD...
BAS521WT SEMTECH_ELEC-BAS521WT Datasheet
235Kb / 3P
   High Voltage Switching Diode
logo
Cystech Electonics Corp...
BAS21SG CYSTEKEC-BAS21SG Datasheet
150Kb / 4P
   High voltage switching diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com