Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD784036GC Datasheet(PDF) 7 Page - NEC

Part # UPD784036GC
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784036GC Datasheet(HTML) 7 Page - NEC

Back Button UPD784036GC Datasheet HTML 3Page - NEC UPD784036GC Datasheet HTML 4Page - NEC UPD784036GC Datasheet HTML 5Page - NEC UPD784036GC Datasheet HTML 6Page - NEC UPD784036GC Datasheet HTML 7Page - NEC UPD784036GC Datasheet HTML 8Page - NEC UPD784036GC Datasheet HTML 9Page - NEC UPD784036GC Datasheet HTML 10Page - NEC UPD784036GC Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 90 page
background image
µPD784035(A), 784036(A)
7
1. DIFFERENCES BETWEEN
µPD784038 SUB-SERIES SPECIAL PRODUCTS
The only difference between the
µPD784031(A), µPD784035(A), and µPD784036(A) is their capacity of internal
memory.
The
µPD78P4038(A) is produced by replacing the masked ROM in the µPD784031(A), µPD784035(A), or
µPD784036(A) with 128K-byte one-time PROM or EPROM. Table 1-1 shows the differences between these products.
Table 1-1. Differences between the
µPD784038 Sub-Series Special Products
2. DIFFERENCES BETWEEN STANDARD AND SPECIAL PRODUCTS
Table 2-1 shows the differences between standard and special products.
Table 2-1. Differences between Standard and Special Products
Product
Item
Internal ROM
Internal RAM
µPD784035(A)
48K bytes
(masked ROM)
2 048 bytes
µPD784031(A)
None
µPD784036(A)
64K bytes
(masked ROM)
µPD78P4038(A)
(under develoment)
128K bytes
(one-time PROM or
EPROM)
4 352 bytes
Product
Item
Quality grade
Package
µPD784035, µPD784036, µPD784037, µPD784038
µPD784035(A), µPD784036(A)
Special
80-pin plastic QFP (14
× 14 × 2.7 mm)
Standard
80-pin plastic QFP (14
× 14 × 2.7 mm)
80-pin plastic QFP (14
× 14 × 1.4 mm)
80-pin plastic TQFP (fine pitch, 12
× 12 mm)


Similar Part No. - UPD784036GC

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784036Y NEC-UPD784036Y Datasheet
503Kb / 94P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784036YGC NEC-UPD784036YGC Datasheet
503Kb / 94P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784036YGK NEC-UPD784036YGK Datasheet
503Kb / 94P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - UPD784036GC

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784031 NEC-UPD784031 Datasheet
377Kb / 90P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P328 NEC-UPD78P328 Datasheet
1Mb / 48P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78361A NEC-UPD78361A Datasheet
782Kb / 88P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4038 NEC-UPD78P4038 Datasheet
324Kb / 72P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4038Y NEC-UPD78P4038Y Datasheet
435Kb / 72P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78323 NEC-UPD78323 Datasheet
454Kb / 86P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78320 NEC-UPD78320 Datasheet
479Kb / 88P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784031 NEC-UPD784031 Datasheet
539Kb / 86P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P322 NEC-UPD78P322 Datasheet
340Kb / 56P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD70320 NEC-UPD70320 Datasheet
439Kb / 74P
   V25TM 16/8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com