Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDS835L Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PDS835L
Description  8A LOW VF SCHOTTKY BARRIER RECTIFIER POWERDI짰
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDS835L Datasheet(HTML) 1 Page - Diodes Incorporated

  PDS835L_15 Datasheet HTML 1Page - Diodes Incorporated PDS835L_15 Datasheet HTML 2Page - Diodes Incorporated PDS835L_15 Datasheet HTML 3Page - Diodes Incorporated PDS835L_15 Datasheet HTML 4Page - Diodes Incorporated PDS835L_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
PDS835L
Document number: DS30488 Rev. 11 - 2
1 of 5
www.diodes.com
October 2012
© Diodes Incorporated
PDS835L
8A LOW VF SCHOTTKY BARRIER RECTIFIER
POWERDI
®
Features
Guard Ring Die Construction for Transient Protection
Low Forward Voltage Drop
For Use in Low Voltage, High Frequency Inverters, Free
Wheeling, and Polarity Protection Applications
High Forward Surge Current Capability
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: POWERDI5
Case Material: Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish – Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
Polarity: See Diagram
Weight: 0.094 grams (approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
PDS835L-13
POWERDI5
5000/Tape & Reel
PDS835L-7
POWERDI5
1500/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
 
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Top View
Bottom View
LEFT PIN
RIGHT PIN
Note: Pins Left & Right must
be electrically connected
at the printed circuit board.
BOTTOMSIDE
HEAT SINK
S835L = Product type marking code
= Manufacturers’ code marking
YYWW = Date code marking
YY = Last two digits of year (ex: 04 for 2004)
WW = Week code (01 - 53)
K = Factory Designator
YYWWK
S835L
Green
POWERDI5


Similar Part No. - PDS835L_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS835L-13 DIODES-PDS835L-13 Datasheet
94Kb / 3P
   8A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30488 Rev. 7 - 2
PDS835L-13 DIODES-PDS835L-13 Datasheet
99Kb / 5P
   8A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30488 Rev. 10 - 2
PDS835L DIODES-PDS835L_10 Datasheet
99Kb / 5P
   8A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30488 Rev. 10 - 2
More results

Similar Description - PDS835L_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS1040L DIODES-PDS1040L_15 Datasheet
369Kb / 6P
   10A LOW VF SCHOTTKY BARRIER RECTIFIER POWERDI짰
MBRD835L DIODES-MBRD835L Datasheet
62Kb / 2P
   8A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30284 Rev. B-2
PDS835L DIODES-PDS835L_10 Datasheet
99Kb / 5P
   8A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30488 Rev. 10 - 2
SBM835L DIODES-SBM835L Datasheet
59Kb / 2P
   8A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30225 Rev. 1 - 1
PDS835L DIODES-PDS835L Datasheet
94Kb / 3P
   8A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30488 Rev. 7 - 2
PDS1240CTL DIODES-PDS1240CTL_15 Datasheet
517Kb / 5P
   12A DUAL LOW VF SCHOTTKY BARRIER RECTIFIER POWERDI짰
logo
Shenzhen Luguang Electr...
SD8U60SL LUGUANG-SD8U60SL Datasheet
2Mb / 4P
   8A/60V Low VF Schottky Rectifier
logo
Diodes Incorporated
PDS360 DIODES-PDS360_15 Datasheet
507Kb / 5P
   3A SCHOTTKY BARRIER RECTIFIER POWERDI짰
PDS760Q DIODES-PDS760Q_15 Datasheet
207Kb / 5P
   7A SCHOTTKY BARRIER RECTIFIER POWERDI짰
PDS540 DIODES-PDS540_15 Datasheet
436Kb / 5P
   5A SCHOTTKY BARRIER RECTIFIER POWERDI짰
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com