Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA892 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # BA892
Description  Band-switching diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BA892 Datasheet(HTML) 1 Page - Leshan Radio Company

  BA892 Datasheet HTML 1Page - Leshan Radio Company BA892 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
S22–1/2
Band-switching diode
SOD523 SC-79
1
2
BA 892
2
ANODE
1
CATHODE
FEATURES
· Small plastic SMD package
· Low diode capacitance
· Low diode forward resistance
· Small inductance.
APPLICATIONS
· Low loss band-switching in VHF television tuners
· Surface mount band-switching circuits.
DESCRIPTION
Planar, high performance band-switch diode in a small SMD plastic
package (SOD523).
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V R
continuous reverse voltage
35
V
II F
continuous forward current
100
mA
P tot
total power dissipation
T s =90°C
715
mW
T stg
storage temperature
-65
+150
°C
T j
junction temperature
-65
+150
°C
ELECTRICAL CHARACTERISTICS T j = 25°C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX.
UNIT
V
F
forward voltage
I F =10 mA
1
V
I R
reverse current
V R =30 V
20
nA
C d
diode capacitance
f = 1 MHz; note 1;
V R = 1 V
0.92
1.4
pF
V R = 3 V
0.6
0.85
1.1
pF
r D
diode forward resistance
f = 100 MHz; note 1;
I F = 3 mA
0.45
0.7
I F = 10 mA
0.36
0.5
L S
series inductance
0.6
-
nH
Note
1. Guaranteed on AQL basis; inspection level S4, AQL 1.0.
THERMALCHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering-point
85
K/W


Similar Part No. - BA892

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA892 PHILIPS-BA892 Datasheet
62Kb / 8P
   Band-switching diode
1998 May 08
logo
Siemens Semiconductor G...
BA892 SIEMENS-BA892 Datasheet
15Kb / 3P
   Silicon Rf Switching Diode Preliminary data
logo
Infineon Technologies A...
BA892 INFINEON-BA892 Datasheet
416Kb / 4P
   Silicon RF Switching Diode
Feb-04-2003
BA892 INFINEON-BA892 Datasheet
108Kb / 11P
   Silicon RF Switching Diode
2007-04-19
BA892 INFINEON-BA892 Datasheet
976Kb / 11P
   For band switching in TV/VTR tuners and mobile applications
2011-07-21
More results

Similar Description - BA892

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA892 PHILIPS-BA892 Datasheet
62Kb / 8P
   Band-switching diode
1998 May 08
BA891_N_15 PHILIPS-BA891_N_15_15 Datasheet
243Kb / 6P
   Band-switching diode
Rev. 04-8 January 2008
logo
Rohm
DAN235ETL ROHM-DAN235ETL Datasheet
321Kb / 6P
   Band Switching Diode
logo
KODENSHI_AUK CORP.
SDP410D KODENSHI-SDP410D Datasheet
52Kb / 3P
   Band switching Diode
SDP410Q KODENSHI-SDP410Q Datasheet
177Kb / 3P
   Band switching Diode
logo
Leshan Radio Company
L1SS356T1G LRC-L1SS356T1G_15 Datasheet
67Kb / 3P
   Band Switching Diode
logo
Rohm
1SS390 ROHM-1SS390_1 Datasheet
1Mb / 4P
   Band switching diode
logo
SEMTECH ELECTRONICS LTD...
1SS356WS SEMTECH_ELEC-1SS356WS Datasheet
207Kb / 3P
   BAND SWITCHING DIODE
logo
NXP Semiconductors
BA277 NXP-BA277 Datasheet
224Kb / 6P
   Band-switching diode
Rev. 02-7 January 2008
logo
SEMTECH ELECTRONICS LTD...
1SS277WT SEMTECH_ELEC-1SS277WT_11 Datasheet
504Kb / 3P
   BAND SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com