Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT3904FA-7B Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MMBT3904FA-7B
Description  40V NPN SMALL SIGNAL TRANSISTOR IN DFN0806
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBT3904FA-7B Datasheet(HTML) 3 Page - Diodes Incorporated

  MMBT3904FA-7B Datasheet HTML 1Page - Diodes Incorporated MMBT3904FA-7B Datasheet HTML 2Page - Diodes Incorporated MMBT3904FA-7B Datasheet HTML 3Page - Diodes Incorporated MMBT3904FA-7B Datasheet HTML 4Page - Diodes Incorporated MMBT3904FA-7B Datasheet HTML 5Page - Diodes Incorporated MMBT3904FA-7B Datasheet HTML 6Page - Diodes Incorporated MMBT3904FA-7B Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MMBT3904FA
Document number: DS36016 Rev. 1 - 2
3 of 7
www.diodes.com
July 2013
© Diodes Incorporated
MMBT3904FA
Thermal Characteristics and Derating Curves
100m
1
10
10m
100m
100µs
Single Pulse
T
amb
=25°C
V
CE(sat)
Limited
1ms
10ms
100ms
1s
DC
Safe Operating Area
V
CE
Collector-Emitter Voltage (V)
0
20
40
60
80
100
120
140
160
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
Derating Curve
Temperature (°C)
100µ
1m
10m 100m
1
10
100
1k
0
25
50
75
100
125
150
175
200
225
250
275
300
T
amb
=25°C
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
100µ
1m
10m 100m
1
10
100
1k
1
10
100
Single Pulse
T
amb
=25°C
Pulse Power Dissipation
Pulse Width (s)


Similar Part No. - MMBT3904FA-7B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT3904FA DIODES-MMBT3904FA_15 Datasheet
141Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN DFN0806
More results

Similar Description - MMBT3904FA-7B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT3904FA DIODES-MMBT3904FA_15 Datasheet
141Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN DFN0806
MMBT3906FA DIODES-MMBT3906FA_15 Datasheet
128Kb / 7P
   40V PNP SMALL SIGNAL TRANSISTOR IN DFN0806
MMBT3906FA DIODES-MMBT3906FA Datasheet
128Kb / 7P
   40V PNP SMALL SIGNAL TRANSISTOR IN DFN0806
BC847BFA DIODES-BC847BFA_15 Datasheet
336Kb / 6P
   45V NPN SMALL SIGNAL TRANSISTOR IN DFN0806
BC857BFA DIODES-BC857BFA_15 Datasheet
213Kb / 6P
   45V PNP SMALL SIGNAL TRANSISTOR IN DFN0806
MMBT3904LP DIODES-MMBT3904LP_15 Datasheet
402Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
MMBT3904 DIODES-MMBT3904_15 Datasheet
168Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN SOT23
DXT3904 DIODES-DXT3904_15 Datasheet
392Kb / 6P
   40V NPN SMALL SIGNAL TRANSISTOR IN SOT89
MMBT3904FZ DIODES-MMBT3904FZ_15 Datasheet
504Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN DFN0606
MMBT3904FZ DIODES-MMBT3904FZ Datasheet
504Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN DFN0606
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com