Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTLSH3-30M833S Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CTLSH3-30M833S
Description  SILICON SCHOTTKY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CTLSH3-30M833S Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CTLSH3-30M833S_15 Datasheet HTML 1Page - Central Semiconductor Corp CTLSH3-30M833S_15 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Continuous Reverse Voltage
VR
30
V
Average Forward Current
IO
3.0
A
Peak Forward Surge Current, tp=8.3ms
IFSM
25
A
Power Dissipation (Note 1)
PD
4.5
W
Power Dissipation (Note 2)
PD
4.0
W
Power Dissipation (Note 3)
PD
2.5
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance (Note 1)
ΘJA
27.78
°C/W
Thermal Resistance (Note 2)
ΘJA
31.25
°C/W
Thermal Resistance (Note 3)
ΘJA
50.00
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IR
VR=30V
1.0
mA
BVR
IR=5.0mA
30
V
VF
IF=500mA
0.30
V
VF
IF=1.0A
0.35
V
VF
IF=2.0A
0.40
V
VF
IF=3.0A
0.45
V
CTLSH3-30M833S
SURFACE MOUNT
LOW VF
SILICON SCHOTTKY RECTIFIER
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CTLSH3-30M833S
is a high performance 3.0 Amp Silicon Schottky
Rectifier designed for applications where small size
and operational efficiency are prime requirements. With
a maximum power dissipation of 4.5W, this leadless
package design has a watts per unit area at least twice
that of equivalent packaged devices.
MARKING CODE: CHA1S
FEATURES:
• High Current (IF=3.0A) • High Thermal Efficiency
• Low Leakage/Low VF
• 3 x 3mm TLM™ case
Notes: (1) Ceramic or aluminum core PC Board with copper mounting pad area of 75 mm2
(2) FR-4 Epoxy PC Board with copper mounting pad area of 75 mm2
(3) FR-4 Epoxy PC Board with copper mounting pad area of 25 mm2
TLM833S CASE
R0 (25-March 2010)
www.centra lsemi.com
• Device is Halogen Free by design


Similar Part No. - CTLSH3-30M833S_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CTLSH3-30M833S-BK CENTRAL-CTLSH3-30M833S-BK Datasheet
723Kb / 4P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
R0 8-August 2012
CTLSH3-30M833S-TR CENTRAL-CTLSH3-30M833S-TR Datasheet
723Kb / 4P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
R0 8-August 2012
More results

Similar Description - CTLSH3-30M833S_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CTLSH1-40M322 CENTRAL-CTLSH1-40M322_15 Datasheet
443Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CTLSH1-40M322S CENTRAL-CTLSH1-40M322S Datasheet
585Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CTLM7110-M832D CENTRAL-CTLM7110-M832D_15 Datasheet
603Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CMHSH5-4 CENTRAL-CMHSH5-4_15 Datasheet
371Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CMIDSH1-3 CENTRAL-CMIDSH1-3_15 Datasheet
486Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CMPSH1-4L CENTRAL-CMPSH1-4L_15 Datasheet
504Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CTLM8110-M832D CENTRAL-CTLM8110-M832D_15 Datasheet
602Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CMIDSH1-4 CENTRAL-CMIDSH1-4 Datasheet
474Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CMSH2-20L CENTRAL-CMSH2-20L_15 Datasheet
360Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CTLSH3-30M833 CENTRAL-CTLSH3-30M833_15 Datasheet
668Kb / 2P
   SILICON SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com