Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJD32CQ-13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # MJD32CQ-13
Description  100V PNP HIGH VOLTAGE TRANSISTOR IN TO252
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MJD32CQ-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  MJD32CQ-13 Datasheet HTML 1Page - Diodes Incorporated MJD32CQ-13 Datasheet HTML 2Page - Diodes Incorporated MJD32CQ-13 Datasheet HTML 3Page - Diodes Incorporated MJD32CQ-13 Datasheet HTML 4Page - Diodes Incorporated MJD32CQ-13 Datasheet HTML 5Page - Diodes Incorporated MJD32CQ-13 Datasheet HTML 6Page - Diodes Incorporated MJD32CQ-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MJD32CQ
Document number: DS37050 Rev. 1 - 2
4 of 7
www.diodes.com
March 2014
© Diodes Incorporated
MJD32CQ
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Emitter Breakdown Voltage (Note 11)
BVCEO
-100
V
IC = -30mA, IB = 0
Collector Cut-off Current
ICEO
-1
μA
VCB = -60V, IB = 0
Collector Cut-off Current
ICES
-1
μA
VCE = -100V, VEB = 0
Emitter Cut-off Current
IEBO
-1
μA
VEB = -5V, IC = 0
Collector-Emitter Saturation Voltage (Note 11)
VCE(sat)

-1.2
V
IC = -3.0A, IB = -375mA
Base-Emitter Turn-On Voltage (Note 11)
VBE(on)

-1.8
V
IC = -3A, VCE = -4V
DC Current Gain (Note 11)
hFE
25
10
50
VCE = -4V, IC = -1A
VCE = -4V, IC = -3A
Current Signal Current Gain
Hfe
20



VCE = -10V, IC = -0.5A, f = 1KHz
Current Gain-Bandwidth Product
fT
3.0


MHz
IC = -500mA, VCE = -10V, f = 1MHz
Notes:
11. Measured under pulsed conditions. Pulse width
 300μs. Duty cycle 2%.
Typical Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
1
10
100
1,000
10,000
-I , COLLECTOR CURRENT (mA)
C
Figure 1 Typical DC Current Gain vs. Collector Current
10
100
1,000
T = 150°C
A
T = 25°C
A
T = -55°C
A
T = 85°C
A
V
= -4V
CE
1
10
100
1,000
10,000
-I , COLLECTOR CURRENT (mA)
C
Figure 2 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
0.001
0.01
0.1
1
I/I = 8
CB
T = 85°C
A
T = 25°C
A
T = -55°C
A
T = 150°C
A
1
10
100
1,000
10,000
-I , COLLECTOR CURRENT (mA)
C
Figure 3 Typical Base-Emitter Turn-On Voltage
vs. Collector Current
0
0.2
0.4
0.6
0.8
1.0
1.4
1.2
T = 150°C
A
T = 25°C
A
T = -55°C
A
T = 85°C
A
V
= -4V
CE
1
10
100
1,000
10,000
-I , COLLECTOR CURRENT (mA)
C
Figure 4 Typical Base-Emitter Saturation Voltage
vs. Collector Current
0.2
0.4
0.6
0.8
1.0
1.2
0
T = 150°C
A
T = 25°C
A
T = -55°C
A
T = 85°C
A
I
= 8
CB
/I


Similar Part No. - MJD32CQ-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MJD32CQ-13 DIODES-MJD32CQ-13 Datasheet
433Kb / 7P
   100V PNP HIGH VOLTAGE TRANSISTOR
More results

Similar Description - MJD32CQ-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MJD32C DIODES-MJD32C_15 Datasheet
314Kb / 7P
   100V PNP HIGH VOLTAGE TRANSISTOR IN TO252
MJD32CQ DIODES-MJD32CQ_15 Datasheet
315Kb / 7P
   100V PNP HIGH VOLTAGE TRANSISTOR IN TO252
MJD31C DIODES-MJD31C_15 Datasheet
314Kb / 7P
   100V NPN HIGH VOLTAGE TRANSISTOR IN TO252
MJD31CQ DIODES-MJD31CQ_15 Datasheet
316Kb / 7P
   100V NPN HIGH VOLTAGE TRANSISTOR IN TO252
MJD31CQ DIODES-MJD31CQ Datasheet
316Kb / 7P
   100V NPN HIGH VOLTAGE TRANSISTOR IN TO252
FMMT593 DIODES-FMMT593_13 Datasheet
341Kb / 7P
   100V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
FMMT593 DIODES-FMMT593_15 Datasheet
341Kb / 7P
   100V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
DXT13003DK DIODES-DXT13003DK_15 Datasheet
310Kb / 6P
   450V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO252
2DB1182Q DIODES-2DB1182Q_15 Datasheet
479Kb / 6P
   32V PNP MEDIUM POWER TRANSISTOR IN TO252
DXT13003EK DIODES-DXT13003EK Datasheet
416Kb / 7P
   460V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO252
February 2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com