Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCX493ATA Datasheet(PDF) 4 Page - Diodes Incorporated

Part # FCX493ATA
Description  60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT89
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FCX493ATA Datasheet(HTML) 4 Page - Diodes Incorporated

  FCX493ATA Datasheet HTML 1Page - Diodes Incorporated FCX493ATA Datasheet HTML 2Page - Diodes Incorporated FCX493ATA Datasheet HTML 3Page - Diodes Incorporated FCX493ATA Datasheet HTML 4Page - Diodes Incorporated FCX493ATA Datasheet HTML 5Page - Diodes Incorporated FCX493ATA Datasheet HTML 6Page - Diodes Incorporated FCX493ATA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FCX493A
Document number: DS36573 Rev. 1 - 2
4 of 7
www.diodes.com
December 2013
© Diodes Incorporated
FCX493A
A Product Line of
Diodes Incorporated
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
120
V
IC = 100 µA
Collector-Emitter Breakdown Voltage (Note 10)
BVCEO
60
V
IC = 10mA
Emitter-Base Breakdown Voltage
BVEBO
7
V
IE = 100 µA
Collector-Base Cutoff Current
ICBO
100
nA
VCB = 45V
Collector Cutoff Current
ICES
100
nA
VCES = 45V
Emitter Cutoff Current
IEBO
100
nA
VEB = 5V
Collector-Emitter Saturation Voltage (Note 10)
VCE(sat)
250
500
mV
IC = 500mA, IB = 50mA
IC = 1A, IB = 100mA
Base-Emitter Saturation Voltage (Note 10)
VBE(sat)
1.15
V
IC = 1A, IB = 100mA
Base-Emitter Turn-On Voltage (Note 10)
VBE(on)
1.0
V
IC = 1A, VCE = 10V
DC Current Gain (Note 10)
hFE
300
500
300
100
20
1200
IC = 1mA, VCE = 10V
IC = 150mA, VCE = 10V
IC = 250mA, VCE = 10V
IC = 500mA, VCE = 10V
IC = 1A, VCE = 10V
Transitional Frequency
fT
150
MHz
IC = 50mA, VCE = 10V
f=100MHz
Output capacitance
Cobo
10
pF
VCB= 10V, f=1MHz
Notes:
10. Measured under pulsed conditions. Pulse width
300µs. Duty cycle ≤ 2%


Similar Part No. - FCX493ATA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FCX493A DIODES-FCX493A_15 Datasheet
296Kb / 7P
   60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT89
More results

Similar Description - FCX493ATA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FCX493A DIODES-FCX493A_15 Datasheet
296Kb / 7P
   60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT89
FCX491 DIODES-FCX491_15 Datasheet
435Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR IN SOT89
logo
Zetex Semiconductors
ZXTN25060BZ ZETEX-ZXTN25060BZ Datasheet
767Kb / 8P
   60V, SOT89, NPN medium power transistor
logo
Diodes Incorporated
ZXTN25060BZ DIODES-ZXTN25060BZ Datasheet
780Kb / 8P
   60V, SOT89, NPN medium power transistor
logo
Zetex Semiconductors
ZX5T851Z ZETEX-ZX5T851Z Datasheet
126Kb / 6P
   60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Zhaoxingwei Electronics...
ZX5T852Z ZHAOXINGWEI-ZX5T852Z Datasheet
235Kb / 6P
   60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Zetex Semiconductors
ZXTN2010Z ZETEX-ZXTN2010Z Datasheet
126Kb / 6P
   60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTN2010Z DIODES-ZXTN2010Z Datasheet
147Kb / 6P
   60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTN2010Z DIODES-ZXTN2010Z_15 Datasheet
202Kb / 7P
   60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
FZT493A DIODES-FZT493A Datasheet
515Kb / 7P
   60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com