Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ9481-1CE-9D Datasheet(PDF) 1 Page - ZETTLER Electronics

Part # AZ9481-1CE-9D
Description  16 AMP LOW PROFILE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ9481-1CE-9D Datasheet(HTML) 1 Page - ZETTLER Electronics

  AZ9481-1CE-9D Datasheet HTML 1Page - ZETTLER Electronics AZ9481-1CE-9D Datasheet HTML 2Page - ZETTLER Electronics AZ9481-1CE-9D Datasheet HTML 3Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
-
A ZETTLER
Company
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
GROUP
GROUP
AZ9481
16 AMP LOW PROFILE
POWER RELAY
FEATURES
• High power switching (4000 VA)
• High sensitivity, 128 mW / 256 mW pickup
• Low profile (less than 11.4 mm height)
• SPST (1 Form A) and SPDT (1 Form C)
• UL Class F (155°C) standard
• Epoxy sealed version available
• DC coils up to 48 VDC
• UL file E43203
• TÜV certificate 50155384
Arrangement
SPST (1 Form A)
SPDT (1 Form C)
Ratings
Standard
1 Form A
1 Form C
Heavy Duty
1 Form A
Resistive load:
Max. switched power:
300 W or 2500 VA
Max. switched current:
10 A
Max. switched voltage:
30 VDC* or 250 VAC
Max. switched power:
300 W or 2500 VA
Max. switched current:
10 A
Max. switched voltage:
30 VDC* or 250 VAC
Max. switched power:
300 W or 4000 VA
Max. switched current:
16 A
Max. switched voltage:
30 VDC* or 250 VAC
* Note:
If switching voltage is greater than 30 VDC,
special precautions must be taken.
Please contact the factory.
Rated Load
UL
TÜV
Standard, 1 Form A
10 A at 250 VAC, resistive, 100k cycles [1][2]
10 A at 30 VDC, resistive, 100k cycles [1][2]
TV-5 [1]
Standard, 1 Form C
10 A at 250 VAC, resistive, 100k cycles (N.O.) [2]
10 A at 250 VAC, resistive, 30k cycles (N.O.) [3]
6 A at 250 VAC, resistive, 100k cycles (N.C.) [2][3]
Heavy Duty, 1 Form A
16 A at 125 VAC, resistive, 100K cycles [1][2]
10 A at 250 VAC, resistive, 100K cycles [1][2]
10 A at 30 VDC, resistive, 100k cycles [1][2]
0.3 A at 110 VDC, resistive, 50k cycles [1][2]
TV-5 [1]
Heavy Duty, 1 Form A
16 A at 250 VAC, resistive, 50k cycles [1][2]
8 A at 250 VAC, cos phi 0.4, 50k cycles [1][2]
10 A at 30 VDC, resistive, 50k cycles [1][2]
Material
Silver cadmium oxide [1], silver tin oxide [2],
silver nickel [3], gold plating available
Resistance
< 100 milliohms initially
1. All values at 20°C (68°F)
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.
NOTES
CONTACTS
Life Expectancy
Mechanical
Electrical
Minimum operations
1 x 107
1 x 105 at 10 A 250 VAC Res.
Operate Time (typical)
10 ms at nominal coil voltage
Release Time (typical)
5 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
(at sea level for 1 min.)
2500 Vrms coil to contact
1000 Vrms between open contacts
Insulation
Resistance
100 megaohms at 20°C, 500 VDC,
50% RH
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
Operating
At nominal coil voltage
1 Form A: -40°C (-40°F) to 85°C (185°F)
1 Form C: -40°C (-40°F) to 70°C (158°F)
Vibration
0.062” (1.5 mm) DA at 10-55 Hz
Shock
10 g
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
8 grams
GENERAL DATA
Power
At Pickup Voltage
(typical)
Max. Continuous
Disspiation
Temperature Rise
128 mW (1 Form A)
256 mW (1 Form C)
1.34 W at 20°C (68°F) ambient
13°C (23°F) at nominal coil voltage (1 Form A)
24°C (43°F) at nominal coil voltage (1 Form C)
Temperature
Max. 155°C (333°F)
COIL
2014-06-26


Similar Part No. - AZ9481-1CE-9D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ9481-1CE-9D AZETTLER-AZ9481-1CE-9D Datasheet
117Kb / 3P
   16 AMP LOW PROFILE POWER RELAY
More results

Similar Description - AZ9481-1CE-9D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ944 ZETTLER-AZ944 Datasheet
103Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
logo
American Zettler, Inc.
AZ944 AZETTLER-AZ944 Datasheet
76Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
AZ9481 AZETTLER-AZ9481 Datasheet
117Kb / 3P
   16 AMP LOW PROFILE POWER RELAY
logo
ZETTLER Electronics
AZ948 ZETTLER-AZ948 Datasheet
139Kb / 3P
   16 AMP LOW PROFILE POWER RELAY
logo
American Zettler, Inc.
AZ948 AZETTLER-AZ948 Datasheet
80Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
logo
List of Unclassifed Man...
AZ948 ETC-AZ948 Datasheet
48Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
logo
American Zettler, Inc.
AZ9481F AZETTLER-AZ9481F Datasheet
105Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
AZ936 AZETTLER-AZ936 Datasheet
76Kb / 2P
   10 AMP LOW PROFILE POWER RELAY
logo
ZETTLER Electronics
AZ936 ZETTLER-AZ936 Datasheet
71Kb / 2P
   10 AMP LOW PROFILE POWER RELAY
logo
List of Unclassifed Man...
AZ936 ETC2-AZ936 Datasheet
42Kb / 2P
   10 AMP LOW PROFILE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com