Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSHD5-100 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CSHD5-100
Description  SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CSHD5-100 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CSHD5-100 Datasheet HTML 1Page - Central Semiconductor Corp CSHD5-100 Datasheet HTML 2Page - Central Semiconductor Corp CSHD5-100 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CSHD5-40
CSHD5-60
CSHD5-100
SURFACE MOUNT SILICON
SCHOTTKY RECTIFIERS
5.0 AMP, 40 THRU 100 VOLT
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CSHD5-40,
CSHD5-60 and CSHD5-100 are 5.0 Amp high quality,
highly reliable silicon Schottky Rectifiers designed for
use in all types of commercial, industrial, entertainment,
computer, and automotive applications.
MARKING: FULL PART NUMBER
DPAK CASE
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
CSHD5-40
CSHD5-60
CSHD5-100
UNITS
Peak Repetitive Reverse Voltage
VRRM
40
60
100
V
DC Blocking Voltage
VR
40
60
100
V
RMS Reverse Voltage
VR(RMS)
28
42
71
V
Average Forward Current (TL=75°C)
IO
5.0
A
Peak Forward Surge Current, tp=8.3ms
IFSM
100
A
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJL
5.0
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
TYP
MAX
UNITS
IR
VR=Rated VRRM
0.2
mA
IR
VR=Rated VRRM, TL=100°C
20
mA
VF
IF=5.0A (CSHD5-40)
0.55
V
VF
IF=5.0A (CSHD5-60)
0.75
V
VF
IF=5.0A (CSHD5-100)
0.85
V
CJ
VR=4.0V, f=1.0MHz (CSHD5-40)
225
pF
CJ
VR=4.0V, f=1.0MHz (CSHD5-60)
185
pF
CJ
VR=4.0V, f=1.0MHz (CSHD5-100)
145
pF
R3 (21-January 2013)
www.centr a lsemi.com


Similar Part No. - CSHD5-100

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CSHD5-100 CENTRAL-CSHD5-100 Datasheet
96Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 5.0 AMP, 40 THRU 100 VOLTS
CSHD5-100 CENTRAL-CSHD5-100 Datasheet
358Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER 5 AMP, 40 THRU 100 VOLTS
More results

Similar Description - CSHD5-100

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMMSH1-40 CENTRAL-CMMSH1-40 Datasheet
72Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS SCHOTTKY RECTIFIERS
CMSH3-20 CENTRAL-CMSH3-20_15 Datasheet
338Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CMSH5-100HV CENTRAL-CMSH5-100HV_15 Datasheet
453Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CMSH1-40HE CENTRAL-CMSH1-40HE_15 Datasheet
301Kb / 3P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CMSH3-100MFL CENTRAL-CMSH3-100MFL_15 Datasheet
809Kb / 3P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CMSH5-20 CENTRAL-CMSH5-20_15 Datasheet
349Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CMSH1-20M CENTRAL-CMSH1-20M_15 Datasheet
301Kb / 3P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CMSH2-20M CENTRAL-CMSH2-20M_15 Datasheet
301Kb / 3P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CMSH3-20MA CENTRAL-CMSH3-20MA_15 Datasheet
301Kb / 3P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CSHD8-60 CENTRAL-CSHD8-60_15 Datasheet
419Kb / 3P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com