Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ9405-1A-3DSF Datasheet(PDF) 1 Page - ZETTLER Electronics

Part # AZ9405-1A-3DSF
Description  10 AMP MINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ9405-1A-3DSF Datasheet(HTML) 1 Page - ZETTLER Electronics

  AZ9405-1A-3DSF Datasheet HTML 1Page - ZETTLER Electronics AZ9405-1A-3DSF Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-
A ZETTLER
Company
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
GROUP
GROUP
2015-01-16
AZ9405
Arrangement
SPST (1 Form A)
SPDT (1 Form C)
Ratings
Resistive load:
Max. switched power: 150 W or 1400 VA (N.O.)
90 W or 850 VA (N.C.)
Max. switched current: 10 A
Max. switched voltage: 30 VDC* or 277 VAC
*
Note: If switching voltage is greater than 30 VDC,
special precautions must be taken.
Please contact the factory.
Rated Load
UL
TÜV
1 Form A
10 A at 125 VAC, resistive, 85°C, 100k cycles
5 A at 277 VAC, resistive, 85°C, 100k cycles
1/10 HP at 125/250 VAC, 85°C, 100k cycles
1 Form C - normally open contacts
5 A at 277 VAC, resistive, 85°C, 100k cycles
5 A at 30 VDC, resistive, 85°C, 100k cycles
1/10 HP at 125/250 VAC, 85°C, 100k cycles
1 Form C - normally closed contacts
3 A at 277 VAC, resistive, 85°C, 100k cycles
3 A at 30 VDC, resistive, 85°C, 100k cycles
1 Form A
10 A at 125 VAC, resistive, 85°C, 100k cycles
5 A at 277 VAC, resistive, 85°C, 100k cycles
1 Form C - normally open contacts
5 A at 277 VAC, resistive, 85°C, 100k cycles
5 A at 30 VDC, resistive, 85°C, 100k cycles
1 Form C - normally closed contacts
3 A at 277 VAC, resistive, 85°C, 100k cycles
3 A at 30 VDC, resistive, 85°C, 100k cycles
Material
Silver tin oxide
Resistance
< 100 milliohms initially
(6 V, 1 A voltage drop method)
10 AMP MINIATURE
POWER RELAY
FEATURES
• 4 kV dielectric strength
• Epoxy sealed version available
• 4 mm clearance & 6 mm creepage (1 Form A)
• 3 mm clearance & 5 mm creepage (1 Form C)
• UL, CUR file E44211
• TÜV R50304647
GENERAL DATA
Life Expectancy
Mechanical
Electrical
Minimum operations
1 x 107
1 x 105 at rated load
Operate Time (max.)
10 ms at nominal cail voltage (standard)
15 ms at nominal coil voltage (sensitive)
Release Time (max.)
5 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
(at sea level for 1 min.)
4000 Vrms coil to contact
1000 Vrms between open contacts
Insulation
Resistance
1000 megohms min. at 20°C, 500 VDC,
50% RH
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
Operating
At nominal coil voltage
-40°C (-40°F) to 85°C (185°F)
Vibration
1.5 mm DA at 10–55 Hz
Shock
10 g operating, 100 g damage
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
7 grams
CONTACTS
Power
At Pickup Voltage
(typical)
Max. Continuous
Dissipation
Temperature Rise
(at nominal voltage)
196 mW (standard coil)
113 mW (sensitive coil)
676 mW at 20°C (68°F) ambient
42°C (76°F) standard coil
24°C (44°F) sensitive coil
Temperature
Max. 130°C (266°F)
COIL
1. All values at 20°C (68°F)
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.
NOTES


Similar Part No. - AZ9405-1A-3DSF

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ9405 AZETTLER-AZ9405 Datasheet
640Kb / 2P
   10 Amp switching capability
More results

Similar Description - AZ9405-1A-3DSF

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ940 ZETTLER-AZ940_14 Datasheet
49Kb / 3P
   10 AMP MINIATURE POWER RELAY
AZ697 ZETTLER-AZ697 Datasheet
56Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ692 AZETTLER-AZ692 Datasheet
156Kb / 4P
   10 AMP MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ697 ETC1-AZ697 Datasheet
53Kb / 2P
   10 AMP MINIATURE POWER RELAY
AZ692 ETC1-AZ692 Datasheet
20Kb / 1P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ940 AZETTLER-AZ940 Datasheet
104Kb / 2P
   10 AMP MINIATURE POWER RELAY
AZ697 AZETTLER-AZ697 Datasheet
92Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ940 ZETTLER-AZ940 Datasheet
49Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ9402 AZETTLER-AZ9402 Datasheet
118Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ743 ZETTLER-AZ743 Datasheet
52Kb / 2P
   10 AMP DPDT MINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com