Electronic Components Datasheet Search |
|
AZ7709-1A-12D Datasheet(PDF) 1 Page - ZETTLER Electronics |
|
AZ7709-1A-12D Datasheet(HTML) 1 Page - ZETTLER Electronics |
1 / 3 page - A ZETTLER Company ZETTLER electronics GmbH Junkersstr. 3, D-82178 Puchheim, Germany phone: +49 89 800 97-0 fax: +49 89 800 97-200 office@ZETTLERelectronics.com www.ZETTLERelectronics.com This product specification to be used only together with the application notes which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf GROUP GROUP 2015-04-09 AZ7709 Arrangement SPST (1 Form A) Ratings Resistive load: Max. switched power: 150 W or 1250 VA (Version “T”: 300 W or 2500 VA) Max. switched current: 5 A (Version “T”: 10 A) Max. switched voltage: 30 VDC* or 250 VAC * Note: If switching voltage is greater than 30 VDC, special precautions must be taken. Please contact the factory. Rated Load UL, CUR TÜV Standard coil 5 A at 250 VAC, resistive, 85°C, 100k cycles [1][2][3] 5 A at 30 VDC, resistive, 85°C, 100k cycles [1][2][3] 1/6 HP at 125/250 VAC, 85°C, 100k cycles [1][2][3] Sensitive coil 3 A at 250 VAC, resistive, 85°C, 100k cycles [1][2][3] 3 A at 30 VDC, resistive, 85°C, 100k cycles [1][2][3] High capacity version “T” - Standard coil 10 A at 250 VAC, resistive, 85°C, 100k cycles [1][2][3] 10 A at 30 VDC, resistive, 85°C, 100k cycles [1][2][3] 1/6 HP at 125/250 VAC, 85°C, 100k cycles [1][2][3] High capacity version “T” - Sensitive coil 8 A at 250 VAC, resistive, 85°C, 100k cycles [1][2][3] 8 A at 30 VDC, resistive, 85°C, 100k cycles [1][2][3] Standard coil 5 A at 250 VAC, 100k cycles [1][2] 5 A at 30 VDC, 100k cycles [1][2] Sensitive coil 3 A at 250 VAC, 100k cycles [1][2] 3 A at 30 VDC, 100k cycles [1][2] High capacity version “T” - Standard coil 10 A at 250 VAC, 100k cycles [1][2] 10 A at 30 VDC, 100k cycles [1][2] High capacity version “T” - Sensitive coil 8 A at 250 VAC, 100k cycles [1][2] 8 A at 30 VDC, 100k cycles [1][2] Material Silver cadmium oxide [1], silver tin oxide [2], silver tin oxide indium oxide [3], gold plating available Resistance < 100 milliohms initially SPST SUBMINIATURE POWER RELAY FEATURES • 4 kV dielectric strength • Proof tracking index (PTI/CTI) 250 • 5 Amp switching capability (version “T” 10 Amp) • Epoxy sealed version available • UL, CUR file E365652 • TÜV file B150188793002 GENERAL DATA Life Expectancy Mechanical Standard version Electrical High capacity version “T” Electrical Minimum operations 1 x 107 1 x 105 at 5 A 250 VAC Res. 1 x 105 at 10 A 250 VAC Res. Operate Time (max.) 8 ms at nominal coil voltage Release Time (max.) 4 ms at nominal coil voltage (with no coil suppression) Dielectric Strength (at sea level for 1 min.) 4000 Vrms coil to contact 1000 Vrms between open contacts Insulation Resistance 1000 megohms min. at 20°C, 500 VDC, 50% RH Insulation (according to DIN VDE 0110, IEC 60664-1) C250 Overvoltage category: III Pollution dregree: 3 Nominal voltage: 250 VAC Dropout Greater than 5% of nominal coil voltage Ambient Temperature Operating At nominal coil voltage -40°C (-40°F) to 85°C (185°F) Vibration 1.65 mm DA at 10–55 Hz Shock 10 g operating, 100 g damage Enclosure P.B.T. polyester Terminals Tinned copper alloy, P.C. Max. Solder Temp. 270°C (518°F) Max. Solder Time 5 seconds Max. Solvent Temp. 80°C (176°F) Max. Immersion Time 30 seconds Weight 6 grams CONTACTS |
Similar Part No. - AZ7709-1A-12D |
|
Similar Description - AZ7709-1A-12D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |