Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ9371 Datasheet(PDF) 1 Page - ZETTLER Electronics

Part # AZ9371
Description  SENSITIVE SUBMINIATURE RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ9371 Datasheet(HTML) 1 Page - ZETTLER Electronics

  AZ9371 Datasheet HTML 1Page - ZETTLER Electronics AZ9371 Datasheet HTML 2Page - ZETTLER Electronics AZ9371 Datasheet HTML 3Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
-
A ZETTLER
Company
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
GROUP
GROUP
AZ9371
Arrangement
SPST (1 Form A)
Ratings
Resistive load:
Max. switched power: 150 W or 1385 VA
(Version “T”:
300 W or 2770 VA)
Max. switched current: 5 A
(Version “T”: 10 A)
Max. switched voltage: 30 VDC* or 277 VAC
*
Note: If switching voltage is greater than 30 VDC,
special precautions must be taken.
Please contact the factory.
Rated Load
UL
VDE
Standard version
5 A at 277 VAC, resistive, 85°C, 50k cycles [1][2]
5 A at 30 VDC, resistive, 85°C, 50k cycles [1][2]
3 A at 277 VAC, resistive, 85°C, 120k cycles [1][2]
3 A at 30 VDC, resistive, 85°C, 120k cycles [1][2]
B300 [2]
R300 [2]
High capacity version “T”
10 A at 277 VAC, resistive, 85°C, 10k cycles [1][2]
10 A at 30 VDC, resistive, 85°C, 10k cycles [1][2]
7 A at 277 VAC, resistive, 85°C, 60k cycles [2]
7 A at 277 VAC, resistive, 105°C, 50k cycles [1]
7 A at 30 VDC, resistive, 85°C, 60k cycles [2]
7 A at 30 VDC, resistive, 105°C, 50k cycles [1]
Standard version
5 A at 250 VAC, resistive, 85°C, 50k cycles [1][2]
5 A at 30 VDC, resistive, 85°C, 30k cycles [1][2]
4 A at 250 VAC. cos phi 0.4, 70°C, 100k cycles [1]
3A (51A) at 250VAC, capacitive, 85°C, 10k cycles [2]*
High capacity version “T”
10 A at 250 VAC, resistive, 85°C, 10k cycles [1][2]
10 A at 30 VDC, resistive, 85°C, 10k cycles [1][2]
7 A at 250 VAC, resistive, 105°C, 50k cycles [1]
7 A at 250 VAC, resistive, 85°C, 50k cycles [2]
7 A at 30 VDC, resistive, 105°C, 50k cycles [1]
7 A at 30 VDC, resistive, 85°C, 50k cycles [2]
* duty factor: 2 seconds on / 15 seconds off
Material
Silver nickel [1], silver tin oxide [2],
gold plating available
Resistance
< 100 milliohms initially
(at 6 V, 1 A, voltage drop method)
SENSITIVE
SUBMINIATURE RELAY
FEATURES
• Thin vertical profile, only 7 mm wide
• High sensitivity, 113 mW pickup
• Dielectric strength 4000 Vrms
• > 5,5 mm clearance and creepage
• 5 Amp switching capability (version “T” 10 Amp)
• Two different footprints available
• Reinforced insulation (VDE 0700, 0631)
• UL, CUR file E44211
• VDE certificate 40030746
GENERAL DATA
Life Expectancy
Mechanical
Standard version
Electrical
High capacity version “T”
Electrical
Minimum operations
5 million operations
1 x 105 at 5 A, 250 VAC res. [1]
5 x 104 at 5 A, 250 VAC res. [2]
1 x 105 at 7 A, 250 VAC res. [1]
1 x 104 at 10 A, 250 VAC res. [1][2]
3 x 104 at 7 A, 250 VAC res. [2]
Operate Time (typical)
6 ms at nominal coil voltage
Release Time (typical)
3 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
(at sea level for 1 min.)
4000 Vrms coil to contact
1000 Vrms between open contacts
Surge Voltage
Coil to contact
10,000 V (at 1.2x50 µs)
Insulation
Resistance
1000 megohms min. at 20°C, 500 VDC,
50% RH
Dropout
Greater than 5% of nominal coil voltage
Ambient Temperature
Operating
At nominal coil voltage
-40°C (-40°F) to 85°C (185°F)
Vibration
0.062" (1.5 mm) DA at 10–55 Hz
Shock
10 g
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
3 grams
CONTACTS
2014-09-25


Similar Part No. - AZ9371

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ9371 AZETTLER-AZ9371 Datasheet
1Mb / 3P
   SENSITIVE SUBMINIATURE RELAY
More results

Similar Description - AZ9371

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ6951 ZETTLER-AZ6951 Datasheet
381Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
logo
American Zettler, Inc.
AZ6951 AZETTLER-AZ6951 Datasheet
146Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
logo
List of Unclassifed Man...
AZ699 ETC-AZ699 Datasheet
128Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
AZ695 ETC1-AZ695 Datasheet
45Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
logo
ZETTLER Electronics
AZ937 ZETTLER-AZ937 Datasheet
62Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
AZ6991 ZETTLER-AZ6991_12 Datasheet
53Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
AZ699 ZETTLER-AZ699 Datasheet
173Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
AZ6991 ZETTLER-AZ6991 Datasheet
55Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
logo
American Zettler, Inc.
AZ6991 AZETTLER-AZ6991 Datasheet
100Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
AZ937 AZETTLER-AZ937 Datasheet
88Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com