Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5402 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # 1N5402
Description  3A GENERAL DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

1N5402 Datasheet(HTML) 2 Page - Leshan Radio Company

  1N5402 Datasheet HTML 1Page - Leshan Radio Company 1N5402 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
28A–2/2
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
FIG. 1 - TYPICAL FORWARD CURRENT
DERATING CURVE
AMBIENT TEMPERATURE, (ºC)
0
25
50
75
100
125
150
175
4
3
2
1
0
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine-Wave
(JEDEC Method)
1
2
4
6
8 10
20
40
60 80100
200
100
50
10
FIG. 3 - MAXINUM NON-REPETITIVE
FOWARD SURGE CURRENT
INSTANTANEOUS FORWARD VOLTAGE,(V)
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
TJ =25ºC
Pulse Width=300
µs
1% Duty Cycle
FIG. 2 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
200
100
60
40
20
10
6
4
2
1
TJ =25ºC
10
1.0
0.1
0.01
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
100
30
10
3.0
1.0
0.1
0.3
0.01
REVERSE VOLTAGE,(V)
.1
.2
.4
1.0
2
4
10
20
40
100
TJ =100ºC
TJ =25ºC
1N5400-1N5408
DO-201AD
3A
RATING & CHARACTERISTIC CURVES OF 3A GENERAL DIODES OF DO-201AD PACKAGE
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.375”(9.5mm) Lead Length
NON–REPEITIVE
REPEITIVE
TJ =25ºC


Similar Part No. - 1N5402

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5402 MOTOROLA-1N5402 Datasheet
44Kb / 2P
   STANDARD RECOVERY RECTIFIERS 50-1000 VOLTS 3.0 AMPERE
logo
Taiwan Semiconductor Co...
1N5402 TSC-1N5402 Datasheet
228Kb / 2P
   3.0 AMPS. Silicon Rectifiers
logo
Pan Jit International I...
1N5402 PANJIT-1N5402 Datasheet
43Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Yangzhou yangjie electr...
1N5402 YANGJIE-1N5402 Datasheet
210Kb / 4P
   General Purpose Rectifier
logo
SeCoS Halbleitertechnol...
1N5402 SECOS-1N5402 Datasheet
258Kb / 2P
   VOLTAGE 50V ~ 1000V 3.0 AMP Silicon Rectifiers
More results

Similar Description - 1N5402

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
1B5400G LRC-1B5400G Datasheet
50Kb / 2P
   3A GENERAL PURPOSE GPP DIODES
logo
New Jersey Semi-Conduct...
3FR NJSEMI-3FR Datasheet
218Kb / 3P
   Standard Recovery Diodes 3A
logo
Leshan Radio Company
HER301 LRC-HER301 Datasheet
64Kb / 2P
   3A High Efficiency Diodes
HER301 LRC-HER301 Datasheet
63Kb / 2P
   3A HIGH EFFICIENCY DIODES
FR301 LRC-FR301 Datasheet
50Kb / 2P
   3A FAST RECOVERY DIODES
logo
Frontier Electronics.
GP30-005R-LFR FRONTIER-GP30-005R-LFR Datasheet
124Kb / 2P
   3A GENERAL PURPOSE PLASTIC RECTIFIER
logo
Rohm
QST2TR ROHM-QST2TR Datasheet
60Kb / 3P
   General purpose amplification (-12V, -3A)
logo
Frontier Electronics.
1N5400-LFR FRONTIER-1N5400-LFR Datasheet
122Kb / 2P
   3A GENERAL PURPOSE PLASTIC RECTIFIER
logo
Shindengen Electric Mfg...
D3F60 SHINDENGEN-D3F60 Datasheet
270Kb / 5P
   General Purpose Rectifiers(600V 3A)
logo
Frontier Electronics.
1N5400 FRONTIER-1N5400 Datasheet
122Kb / 2P
   3A GENERAL PURPOSE PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com