Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD78368AGF Datasheet(PDF) 4 Page - NEC

Part # UPD78368AGF
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78368AGF Datasheet(HTML) 4 Page - NEC

  UPD78368AGF Datasheet HTML 1Page - NEC UPD78368AGF Datasheet HTML 2Page - NEC UPD78368AGF Datasheet HTML 3Page - NEC UPD78368AGF Datasheet HTML 4Page - NEC UPD78368AGF Datasheet HTML 5Page - NEC UPD78368AGF Datasheet HTML 6Page - NEC UPD78368AGF Datasheet HTML 7Page - NEC UPD78368AGF Datasheet HTML 8Page - NEC UPD78368AGF Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 96 page
background image
µPD78363A, 78365A, 78366A, 78368A
4
P00-P07
: Port0
P10-P17
: Port1
P20-P25
: Port2
P30-P36
: Port3
P40-P47
: Port4
P50-P57
: Port5
P70-P77
: Port7
P80-P85
: Port8
P90-P93
: Port9
RTP0-RTP3
: Real-time Port
NMI
: Nonmaskable Interrupt
INTP0-INTP4
: Interrupt From Peripherals
TO00-TO05, TO04 : Timer Output
TI
: Timer Input
TIUD
: Timer Input Up Down Counter
TCUD
: Timer Control Up Down Counter
TCLRUD
: Timer Clear Up Down Counter
ANI0-ANI7
: Analog Input
TXD0, TXD1
: Transmit Data
RXD0, RXD1
: Receive Data
SI
: Serial Input
SO
: Serial Output
SB0, SB1
: Serial Bus
SCK
: Serial Clock
PWM0, PWM1
: Pulse Width Modulation Output
WDTO
: Watchdog Timer Ouput
MODE0, MODE1
: Mode
AD0-AD7
: Address/Data Bus
A8-A15
: Address Bus
ASTB
: Address Strobe
RD
: Read Strobe
WR
: Write Strobe
RESET
: Reset
X1, X2
: Crystal
AVDD
: Analog VDD
AVSS
: Analog VSS
AVREF
: Analog Reference Voltage
VDD
: Power Supply
VSS
: Ground
IC
: Internally Connected


Similar Part No. - UPD78368AGF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78368AGF-XXX-3B9 RENESAS-UPD78368AGF-XXX-3B9 Datasheet
672Kb / 98P
   MOS INTEGRATED CIRCUIT
1995
More results

Similar Description - UPD78368AGF

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784031Y NEC-UPD784031Y Datasheet
464Kb / 88P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD78F1502AGK-GAK-AX RENESAS-UPD78F1502AGK-GAK-AX Datasheet
6Mb / 1031P
   16-Bit Single-Chip Microcontrollers
logo
NEC
UPD784214A NEC-UPD784214A Datasheet
561Kb / 50P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915A NEC-UPD784915A Datasheet
446Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915B NEC-UPD784915B Datasheet
384Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784938 NEC-UPD784938 Datasheet
3Mb / 733P
   16-Bit Single-Chip Microcontrollers
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com