Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ6962-1CE-18D Datasheet(PDF) 1 Page - ZETTLER Electronics

Part # AZ6962-1CE-18D
Description  10 AMP SUBMINIATURE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ6962-1CE-18D Datasheet(HTML) 1 Page - ZETTLER Electronics

  AZ6962-1CE-18D Datasheet HTML 1Page - ZETTLER Electronics AZ6962-1CE-18D Datasheet HTML 2Page - ZETTLER Electronics AZ6962-1CE-18D Datasheet HTML 3Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
-
A ZETTLER
Company
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
GROUP
GROUP
2015-03-31
AZ6962
10 AMP SUBMINIATURE
POWER RELAY
FEATURES
• High sensitivity, 120 mW pickup
• Dielectric strength 5000 Vrms
• Isolation spacing greater than 10 mm
• Proof tracking index (PTI/CTI) 250
• Epoxy sealed version available
• Reinforced insulation, EN 60730-1 (VDE 0631, part 1)
EN 60335-1 (VDE 0700, part 1)
• UL, CUR file E44211
• VDE certificate 40025524
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 107
Electrical
1 x 105 at 8 A 250 VAC res.
Operate Time (typical)
7 ms at nominal coil voltage
Release Time (typical)
3 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
5000 Vrms coil to contact
(at sea level for 1 min.) 1000 Vrms between open contacts
Insulation
1000 megohms min. at 20°C, 500 VDC,
Resistance
50% RH
Insulation
C250
(according to
Overvoltage category: III
DIN VDE 0110,
Pollution degree: 3
IEC 60664-1)
Nominal voltage: 250 VAC
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 85°C (185°F)
Vibration
Break: 0.031" (0.8 mm) DA at 10–55 Hz
Make: 0.059" (1.5 mm) DA at 10–55 Hz
Shock
Break Contact: 5 g
Make Contact: 10 g
Enclosure
P.B.T. polyester, UL94 V-O
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
8 grams
Packing unit in pcs
20 per plastic tube / 1000 per carton box
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.
COIL
Power
At Pickup Voltage
120 mW (up to 24 VDC coil)
(typical)
140 mW (48 VDC and 60 VDC coil)
Max. Continuous
1.2 W at 20°C (68°F) ambient
Dissipation
Temperature Rise
20°C (36°F) at nominal coil voltage
Temperature
Max. 130°C (266°F)
Arrangement
SPDT (1 Form C),
SPST (1 Form A, 1 Form B)
Ratings
Resistive load:
Max. switched power: 300 W or 2500 VA
Max. switched current: 10 A
Max. switched voltage: 240 VDC* or 440 VAC
*
Note: If switching voltage is greater than 30 VDC,
special precautions must be taken.
Please contact the factory.
Rated Load
UL, CUR
VDE
See chart for UL contact ratings on page 3.
See chart for VDE contact ratings on page 3.
Material
Silver tin oxide [1], silver nickel [2],
gold plating available
Resistance
< 100 milliohms initially
CONTACTS


Similar Part No. - AZ6962-1CE-18D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ6962-1CE-18D ZETTLER-AZ6962-1CE-18D Datasheet
55Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ6962-1CE-18DE AZETTLER-AZ6962-1CE-18DE Datasheet
125Kb / 3P
   10 AMP SUBMINIATURE POWER RELAY
More results

Similar Description - AZ6962-1CE-18D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ6961 AZETTLER-AZ6961 Datasheet
87Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ6962 AZETTLER-AZ6962 Datasheet
125Kb / 3P
   10 AMP SUBMINIATURE POWER RELAY
AZ7671 AZETTLER-AZ7671 Datasheet
180Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ696 AZETTLER-AZ696 Datasheet
90Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6961 ZETTLER-AZ6961_13 Datasheet
135Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ6963 ZETTLER-AZ6963 Datasheet
56Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ696 ETC-AZ696 Datasheet
57Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6962 ZETTLER-AZ6962 Datasheet
55Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
Picker Components
PC835 PICKER-PC835_17 Datasheet
866Kb / 2P
   10 Amp Subminiature PCB Power Relay
PC415 PICKER-PC415_15 Datasheet
523Kb / 2P
   10 Amp Subminiature PCB Power Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com