Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ2501P2-1C-12D Datasheet(PDF) 1 Page - ZETTLER Electronics

Part # AZ2501P2-1C-12D
Description  50 AMP LATCHING POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ2501P2-1C-12D Datasheet(HTML) 1 Page - ZETTLER Electronics

  AZ2501P2-1C-12D Datasheet HTML 1Page - ZETTLER Electronics AZ2501P2-1C-12D Datasheet HTML 2Page - ZETTLER Electronics AZ2501P2-1C-12D Datasheet HTML 3Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
-
A ZETTLER
Company
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
GROUP
GROUP
2014-09-08
AZ2501P
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 106
Electrical
1 x 105 at 50 A 250 VAC Res. (SPST)
Set and Reset
Pulse Duration
50 ms minimum at nominal coil voltage
Set Time (typical)
15 ms at nominal coil voltage
Reset Time (typical)
15 ms at nominal coil voltage
Dielectric Strength
4000 Vrms coil to contact
(at sea level for 1 min.) 1500 Vrms between open contacts
Insulation
1000 megohms min. at 20°C, 500 VDC,
Resistance
50% RH
Creepage Distance
8 mm (1 Form A), 6 mm (1 Form C)
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 70°C (158°F)
Vibration
1.5mm DA at 10–55 Hz
Shock
Operating
10 g, 11 ms, 1/2 sine (no false operation)
Non-Operating 100 g, 11 ms, 1/2 sine (no damage)
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Weight
32 grams
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.
4. Initial state of contacts may be changed during transportation or shock!
COIL
Power
At Pickup Voltage
.96 W single coil
(typical)
1.9 W dual coil
Temperature
Max. 105°C (221°F)
50 AMP LATCHING
POWER RELAY
FEATURES
• 50 Amp switching
• Heavy loads to 13850 VA
• 4 kV dielectric strength
• 8 mm creepage distance
• Manual switch available
• Epoxy sealed version available
• UL, CUR file E44211
Arrangement
SPDT (1 Form C),
SPST (1 Form A)
Ratings
Resistive load:
Max. switched power: 13850 VA
Max. switched current: 50 A
Max. switched voltage: 440 VAC
Rated Load
UL, CUR
1 Form A (SPST)
50 A at 277 VAC, resistive, 70°C, 100k cycles
20 A at 347 VAC, resistive, 70°C, 30k cycles
5000 W at 240 VAC, tungsten, 40°C, 30k cycles
120 LRA / 20 FLA, at 120 VAC, 40°C, 30k cycles
102 LRA / 17 FLA, at 240 VAC, 40°C, 30k cycles
84 LRA / 14 FLA, at 277 VAC, 40°C, 30k cycles
1 Form C (SPDT)
40 A at 277 VAC, general use, 70°C, 30k cycles
Material
Silver tin oxide
Resistance
< 50 milliohms initially
(at rated current, voltage drop method)
CONTACTS


Similar Part No. - AZ2501P2-1C-12D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ2501P2-1C-12D AZETTLER-AZ2501P2-1C-12D Datasheet
167Kb / 3P
   50 AMP LATCHING POWER RELAY
logo
ZETTLER Electronics
AZ2501P2-1C-12D ZETTLER-AZ2501P2-1C-12D Datasheet
74Kb / 3P
   50 AMP LATCHING POWER RELAY
More results

Similar Description - AZ2501P2-1C-12D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ2501 AZETTLER-AZ2501 Datasheet
167Kb / 3P
   50 AMP LATCHING POWER RELAY
logo
ZETTLER Electronics
AZ2501P2 ZETTLER-AZ2501P2 Datasheet
74Kb / 3P
   50 AMP LATCHING POWER RELAY
logo
Picker Components
PC10L-50 PICKER-PC10L-50 Datasheet
459Kb / 2P
   50 Amp Latching PCB Relay
PC10 PICKER-PC10 Datasheet
522Kb / 3P
   50 Amp Latching PCB Relay
logo
ZETTLER Electronics
AZ762P ZETTLER-AZ762P Datasheet
70Kb / 3P
   20 AMP LATCHING POWER RELAY
logo
American Zettler, Inc.
AZ2510 AZETTLER-AZ2510 Datasheet
125Kb / 2P
   100 AMP LATCHING POWER RELAY
AZ2501L AZETTLER-AZ2501L Datasheet
305Kb / 3P
   60 AMP LATCHING POWER RELAY
AZ2500 AZETTLER-AZ2500 Datasheet
192Kb / 3P
   60 AMP LATCHING POWER RELAY
logo
Picker Components
PCT90EL PICKER-PCT90EL Datasheet
544Kb / 3P
   30, 40 or 50 Amp Latching PCB Relay
PCT90CL PICKER-PCT90CL_17 Datasheet
611Kb / 3P
   30, 40 or 50 Amp Latching PCB Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com