Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ2250-1AT-12AF Datasheet(PDF) 1 Page - ZETTLER Electronics

Part # AZ2250-1AT-12AF
Description  30 AMP MINIATURE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ2250-1AT-12AF Datasheet(HTML) 1 Page - ZETTLER Electronics

  AZ2250-1AT-12AF Datasheet HTML 1Page - ZETTLER Electronics AZ2250-1AT-12AF Datasheet HTML 2Page - ZETTLER Electronics AZ2250-1AT-12AF Datasheet HTML 3Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AZ2250
-
A ZETTLER
Company
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
GROUP
GROUP
30 AMP MINIATURE
POWER RELAY
FEATURES
• 1 Form A, B and C contacts available
• AC and DC coils available
• High dielectric strength version available
• Epoxy sealed versions available
• UL Class F (155°C) standard
• UL, CUR file E44211
• VDE certificate 40027037
Arrangement
SPST (1 Form A)
SPST (1 Form B)
SPDT (1 Form C)
Ratings
1 Form A
1 Form B
1 Form C
Resistive load:
Max. switched power:
840 W or 8310 VA
Max. switched current:
30 A
Max. switched voltage: 28 VDC or 277 VAC
Max. switched power:
280 W or 4155VA
Max. switched current:
15 A
Max. switched voltage: 28 VDC or 277 VAC
Max. switched power:
560 W or 8310 VA (N.O.)
280 W or 5540 VA (N.C.)
Max. switched current:
30 A (N.O.)
20 A (N.C.)
Max. switched voltage: 28 VDC or 277 VAC
Material
Silver cadmium oxide [1], silver tin oxide [2]
Resistance
< 50 milliohm initially
(24 V, 1A voltage drop method)
CONTACTS
Life Expectancy
Mechanical
Electrical
Minimum operations
1 x 107
1 x 105 at 30 A 250 VAC
Operate Time
15 ms max. at nominal coil voltage
Release Time
10 ms max. at nominal coil voltage
(with no coil suppression)
Dielectric Strength
(at sea level for 1 min.)
2500 Vrms coil to contact
4000 Vrms coil to contact (version “T”)
1500 Vrms between open contacts
Insulation Resistance
1000 megaohms min. at 20°C,
500 VDC 50% RH
Dropout
DC: > 10% of nominal coil voltage
AC: > 20% of nominal coil voltage
Ambient Temperature
Operating
-40°C (-40°F) to 85°C (185°F), DC coils
-40°C (-40°F) to 70°C (158°F), AC coils
Vibration
1.5 mm DA at 10-55 Hz
Shock
10 g
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
36 grams
Packing unit in pcs
40 per plastic tray / 280 per carton
GENERAL DATA
Power
At Pickup Voltage
(typical)
Max. Continuous
Dissipation
Temperature Rise
500 mW, DC coil
1.4 VA, AC coil
1.7 W at 20°C (68°F) ambient, DC coil
2.7 VA at 20°C (68°F) ambient, AC coil
43°C (77°F) at nominal coil voltage
Max. Temperature
155°C (311°F)
COIL
1. All values at 20°C (68°F)
2. Relay may pull in with less than “Must Operate” value.
3. AC coils are not VDE approved
4. 18 VDC coil is not VDE approved.
5. Specification subject to change without notice.
NOTES
2014-09-08


Similar Part No. - AZ2250-1AT-12AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ2250-1A-110DF ETC1-AZ2250-1A-110DF Datasheet
43Kb / 2P
   30 AMP MINIATURE POWER RELAY
AZ2250-1A-120AF ETC1-AZ2250-1A-120AF Datasheet
43Kb / 2P
   30 AMP MINIATURE POWER RELAY
AZ2250-1A-12AF ETC1-AZ2250-1A-12AF Datasheet
43Kb / 2P
   30 AMP MINIATURE POWER RELAY
AZ2250-1A-12DF ETC1-AZ2250-1A-12DF Datasheet
43Kb / 2P
   30 AMP MINIATURE POWER RELAY
AZ2250-1A-15DF ETC1-AZ2250-1A-15DF Datasheet
43Kb / 2P
   30 AMP MINIATURE POWER RELAY
More results

Similar Description - AZ2250-1AT-12AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ2280 ETC-AZ2280 Datasheet
69Kb / 2P
   30 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ2150W ZETTLER-AZ2150W Datasheet
532Kb / 3P
   30 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ2310 AZETTLER-AZ2310 Datasheet
83Kb / 2P
   30 AMP MINIATURE POWER RELAY
AZ2800 AZETTLER-AZ2800 Datasheet
92Kb / 2P
   30 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ2850 ZETTLER-AZ2850_14 Datasheet
52Kb / 2P
   30 AMP MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ2250 ETC1-AZ2250 Datasheet
43Kb / 2P
   30 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ2800 ZETTLER-AZ2800 Datasheet
59Kb / 2P
   30 AMP MINIATURE POWER RELAY
AZ2850 ZETTLER-AZ2850 Datasheet
60Kb / 2P
   30 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ2270 AZETTLER-AZ2270 Datasheet
105Kb / 2P
   30 AMP MINIATURE POWER RELAY
AZ2850 AZETTLER-AZ2850 Datasheet
113Kb / 2P
   30 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ2800 ZETTLER-AZ2800_14 Datasheet
50Kb / 2P
   30 AMP MINIATURE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com