Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V1000LA160B Datasheet(PDF) 4 Page - Littelfuse

Part # V1000LA160B
Description  Line Voltage Operation, Radial Lead
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V1000LA160B Datasheet(HTML) 4 Page - Littelfuse

  V1000LA160B Datasheet HTML 1Page - Littelfuse V1000LA160B Datasheet HTML 2Page - Littelfuse V1000LA160B Datasheet HTML 3Page - Littelfuse V1000LA160B Datasheet HTML 4Page - Littelfuse V1000LA160B Datasheet HTML 5Page - Littelfuse V1000LA160B Datasheet HTML 6Page - Littelfuse V1000LA160B Datasheet HTML 7Page - Littelfuse V1000LA160B Datasheet HTML 8Page - Littelfuse V1000LA160B Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2
LA Varistor Series
Varistor Products
Line Voltage Operation, Radial Lead
53
www .littelfuse .com
Device Ratings and Specifications (Continued)
Power Dissipation Ratings
Should transients occur in rapid succession, the average power dissipation
is the energy (watt-seconds) per pulse times the number of pulses per
second. The power so developed must be within the specifications shown
on the Device Ratings and Specifications table for the specific device.The
operating values of a MOV need to be derated at high temperatures as
shown in Figure 1. Because varistors only dissipate a relatively small
amount of average power they are not suitable for repetitive applications
that involve substantial amounts of average power dissipation.
V660LA10
10
660L
660
850
70
2500
940
1250
1650
25
70
V660LA50A
14
660L50
660
850
140
4500
940
1250
1650
50
200
V660LA100B
20
660L100
660
850
250
6500
940
1250
1650
100
400
V1000LA80A
14
1000L80
1000
1200
220
4500
1425
1800
2700
50
130
V1000LA160B
20
1000L160
1000
1200
360
6500
1425
1600
2420
100
250
NOTE: Average power dissipation of transients not to exceed 0.25W, 0.4W, 0.6W or 1W for model sizes 7mm, 10mm, 14mm and 20mm, respectively.
PART
NUMBER
MODEL
SIZE
DISC
DIA.
(mm)
DEVICE
MODEL
NUMBER
BRAND-
ING
MAXIMUM RATING (85 oC)
SPECIFICATIONS (25oC)
CONTINUOUS
TRANSIENT
VARISTOR VOLT-
AGE AT 1mA DC
TEST CURRENT
MAXIMUM
CLAMPING
VOLTAGE
8 x 20
µs
TYPICAL
CAPACI-
TANCE
f = 1MHz
VRMS
VDC
ENERGY
10 x 1000
µs
PEAK
CURRENT
8 x 20
µs
VM(AC)
VM(DC)
WTM
ITM
VNOM
MIN
VNOM
MAX
VC
IPK
C
(V)
(V)
(J)
(A)
(V)
(V)
(A)
(pF)
100
90
80
70
60
50
40
30
20
10
0
-55
50
60
70
80
90
100
110
120
130
140 150
AMBIENT TEMPERATURE ( oC)
FIGURE 1. CURRENT, ENERGY AND POWER DERATING
CURVE
FIGURE 2. PEAK PULSE CURRENT TEST WAVEFORM
100
90
50
10
O1
T
T1
T2
TIME
O1 = Virtual Origin of Wave
T = Time From 10% to 90% of Peak
T1 = Virtual Front time = 1.25 • t
T2 = Virtual Time to Half Value (Impulse Duration)
Example: For an 8/20
µs Current Waveform:
8
µs = T1 = Virtual Front Time
20
µs = T2 = Virtual Time to Half Value


Similar Part No. - V1000LA160B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V1000LA160B LITTELFUSE-V1000LA160B Datasheet
222Kb / 11P
   Line Voltage Operation, Radial Lead
V1000LA160B LITTELFUSE-V1000LA160B Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V1000LA160B LITTELFUSE-V1000LA160B Datasheet
309Kb / 11P
   Line Voltage Operation, Radial Lead
V1000LA160BP LITTELFUSE-V1000LA160BP Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V1000LA160BP LITTELFUSE-V1000LA160BP Datasheet
833Kb / 13P
   Radial Lead Varistors
More results

Similar Description - V1000LA160B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V320LS20A LITTELFUSE-V320LS20A Datasheet
309Kb / 11P
   Line Voltage Operation, Radial Lead
V175LS5 LITTELFUSE-V175LS5 Datasheet
309Kb / 11P
   Line Voltage Operation, Radial Lead
V575LS80 LITTELFUSE-V575LS80 Datasheet
222Kb / 11P
   Line Voltage Operation, Radial Lead
V130LA1P LITTELFUSE-V130LA1P Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
logo
Vicor Corporation
03040 VICOR-03040 Datasheet
100Kb / 1P
   VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
20461 VICOR-20461 Datasheet
96Kb / 1P
   VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
logo
Harris Corporation
V18ZA05 HARRIS-V18ZA05 Datasheet
423Kb / 12P
   Radial Lead Metal-Oxide Varistors for Low to Medium Voltage Operation
logo
Socay Electornics Co., ...
K1-076 SOCAY-K1-076 Datasheet
191Kb / 3P
   Radial Lead Transient Voltage Suppressors
KB-012 SOCAY-KB-012 Datasheet
189Kb / 4P
   Radial Lead Transient Voltage Suppressors
KD-012 SOCAY-KD-012 Datasheet
185Kb / 4P
   Radial Lead Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com