Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSS20200L Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DSS20200L
Description  20V PNP LOW SATURATION TRANSISTOR IN SOT23
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DSS20200L Datasheet(HTML) 3 Page - Diodes Incorporated

  DSS20200L_15 Datasheet HTML 1Page - Diodes Incorporated DSS20200L_15 Datasheet HTML 2Page - Diodes Incorporated DSS20200L_15 Datasheet HTML 3Page - Diodes Incorporated DSS20200L_15 Datasheet HTML 4Page - Diodes Incorporated DSS20200L_15 Datasheet HTML 5Page - Diodes Incorporated DSS20200L_15 Datasheet HTML 6Page - Diodes Incorporated DSS20200L_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DSS20200L
Document number: DS31604 Rev. 3 - 2
3 of 7
www.diodes.com
November 2013
© Diodes Incorporated
DSS20200L
Thermal Characteristics and Derating information
0
0
T , AMBIENT TEMPERATURE ( C)
A
°
(Note 3)
Figure 1 Power Dissipation vs. Ambient Temperature
0.2
25
50
75
100
125
150
0.4
0.6
0.8
1.0
1.2
1.4
1.6
(Note 4)
0.1
1
10
100
-V , COLLECTOR-EMITTER VOLTAGE (V)
CE
Figure 2 Typical Collector Current
vs. Collector-Emitter Voltage
0.001
0.01
0.1
1
10
DC
Pw = 100ms
Pw = 10ms
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1,000
t , PULSE DURATION TIME (s)
1
Figure 3 Transient Thermal Response
T - T = P * R
(t)
Duty Cycle, D = t /t
JA
JA
12
θ
R
(t) = r(t) *
θJA
R
R
= 166°C/W
θ
θ
JA
JA
P(pk)
t1
t2
0.001
0.01
0.1
1
D = 0.7
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
D = 0.9
D = 0.5


Similar Part No. - DSS20200L_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DSS20200L-7 DIODES-DSS20200L-7 Datasheet
120Kb / 5P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
More results

Similar Description - DSS20200L_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMTL718 DIODES-FMMTL718_15 Datasheet
235Kb / 5P
   20V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMTL718 DIODES-FMMTL718_11 Datasheet
235Kb / 5P
   20V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMT718 DIODES-FMMT718_15 Datasheet
395Kb / 7P
   20V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMT618 DIODES-FMMT618_15 Datasheet
180Kb / 7P
   20V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMT618TA DIODES-FMMT618TA Datasheet
181Kb / 8P
   20V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
DSS5240T DIODES-DSS5240T_15 Datasheet
243Kb / 7P
   40V PNP LOW SATURATION TRANSISTOR IN SOT23
ZXTP749F DIODES-ZXTP749F_15 Datasheet
229Kb / 7P
   25V PNP LOW SATURATION TRANSISTOR IN SOT23
ZXTP749F DIODES-ZXTP749F Datasheet
229Kb / 7P
   25V PNP LOW SATURATION TRANSISTOR IN SOT23
FMMT723 DIODES-FMMT723_15 Datasheet
407Kb / 7P
   100V PNP LOW SATURATION TRANSISTOR IN SOT23
ZXTP749FTA DIODES-ZXTP749FTA Datasheet
229Kb / 7P
   25V PNP LOW SATURATION TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com