Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3455 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3455
Description  Dual DC/DC Converter with USB Power Manager and Li-Ion Battery Charger
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3455 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3455_15 Datasheet HTML 7Page - Linear Technology LTC3455_15 Datasheet HTML 8Page - Linear Technology LTC3455_15 Datasheet HTML 9Page - Linear Technology LTC3455_15 Datasheet HTML 10Page - Linear Technology LTC3455_15 Datasheet HTML 11Page - Linear Technology LTC3455_15 Datasheet HTML 12Page - Linear Technology LTC3455_15 Datasheet HTML 13Page - Linear Technology LTC3455_15 Datasheet HTML 14Page - Linear Technology LTC3455_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTC3455/LTC3455-1
11
3455fc
APPLICATIONS INFORMATION
Operation When No Battery Is Present
As long as USB or wall power is available, the LTC3455/
LTC3455-1 will operate with no battery present, a crucial
requirement for systems with a removable battery. Keep
in mind, however, that if the LTC3455/LTC3455-1 are USB
powered and the battery is not present, absence of the
battery means that there is no reservoir if the system needs
more power than the USB port can supply. This is espe-
cially a problem when starting up the LTC3455/LTC3455-1
in USB low power mode with no battery present, which
is discussed in greater detail on the next page, in the
section entitled “Startup Issues in USB Low Power Mode
When No Battery is Present”. Similarly, if external power
is available, the LTC3455/LTC3455-1 will operate even if
the battery is bad or in deep-discharge.
The LTC3455/LTC3455-1 are also a good choice for systems
that are always powered by a USB supply or wall adapter.
The charger can then be used to charge a large capacitor
or backup battery, which can briefly provide power to the
system after the external power has been removed. This
gives the microcontroller enough time to follow proper
shutdown procedures even after the main power source
is abruptly removed. If USB powered, the large capacitor
or backup battery will also be used to provide additional
current if the system briefly needs more power than the
USB bus can provide.
Concerns When Wall Adapter Powered
Always choose a wall adapter that can provide power for all
load and battery charging requirements. Choosing a wall
adapter with a power rating that is too small will result in
very long charge times and erratic system operation. If the
total current needed (load and battery charging) exceeds
what the adapter can provide, the voltage on the VMAX pin
will begin to droop. If it droops close enough to the bat-
tery voltage (the VBAT pin), the charge current decreases
and eventually reduces to zero. If the load current is still
too much for the wall adapter to provide, the wall adapter
will provide what it can and the battery will provide the
rest. When wall powered, this operation is intended only
for surviving fault conditions and should not be a normal
mode of operation.
Concerns When USB Powered
The popularity of USB (Universal Serial Bus) makes it
an attractive choice for transferring data in a variety of
portable devices. Therefore, utilizing the USB port to
power these portable devices while charging their battery
is very desirable, but it is not necessarily an easy task. As
the performance of digital cameras, handheld computers,
and MP3 players increases, the power needed to operate
them also increases. The power available from a single
USB port (maximum 2.5W) is barely enough to support
the peak power needed by many full-featured portable
devices, even without the power needed to quickly charge
their batteries.
To further complicate matters, a USB port is not the ideal
power source. Each device can draw a maximum of 500mA
(in high power mode), but the voltage provided to the por-
table device can vary quite significantly. Although a USB
power supply has a 5V nominal rating, when you include
normal supply variations, cable losses, and transient
conditions, the USB voltage showing up at the portable
device is typically much lower—often falling to only 4V.
Since the USB port has a strict current limit of 500mA,
this means the amount of power available to the portable
device can be as low as 2W. The reduced USB voltage also
presents problems when trying to fully charge a single-cell
Lithium-Ion battery when the USB voltage may itself be
below or near the float voltage.
The LTC3455/LTC3455-1 are specifically designed to al-
leviate these problems and make the most of the power
the USB port has to offer. See the sections entitled ”Large
Transient Loads when USB powered” and ”Special Charger
Features when USB powered” for more detailed discussions
of the LTC3455/LTC3455-1’s special USB features.


Similar Part No. - LTC3455_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3455-1 LINER-LTC3455-1_15 Datasheet
343Kb / 28P
   Dual DC/DC Converter with USB Power Manager and Li-Ion Battery Charger
More results

Similar Description - LTC3455_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3455 LINER-LTC3455 Datasheet
516Kb / 24P
   Dual DC/DC Converter with USB Power Manager and Li-Ion Battery Charger
LTC3455-1 LINER-LTC3455-1_15 Datasheet
343Kb / 28P
   Dual DC/DC Converter with USB Power Manager and Li-Ion Battery Charger
logo
Active-Semi, Inc
ACT2823 ACTIVE-SEMI-ACT2823 Datasheet
1Mb / 25P
   Dual Cell Li-Ion Battery Charger and Power Bank Manager
REV 1, 01-DEC-2016
ACT2823 ACTIVE-SEMI-ACT2823_16 Datasheet
1Mb / 25P
   Dual Cell Li-Ion Battery Charger and Power Bank Manager
REV 1, 01-DEC-2016
logo
Linear Technology
LTC4067 LINER-LTC4067_15 Datasheet
233Kb / 20P
   USB Power Manager with OVP and Li-Ion/Polymer Charger
LTC4067 LINER-LTC4067 Datasheet
216Kb / 20P
   USB Power Manager with OVP and Li-Ion/Polymer Charger
LTC4155EUFD LINER-LTC4155EUFD Datasheet
981Kb / 8P
   Dual Input Power Manager/3.5A Li-Ion Battery Charger with I2C Control and USB OTG
LTC4155 LINER-LTC4155_15 Datasheet
396Kb / 52P
   Dual-Input Power Manager/ 3.5A Li-Ion Battery Charger with I2C Control and USB OTG
logo
Richtek Technology Corp...
RT5021 RICHTEK-RT5021 Datasheet
1Mb / 67P
   Channels DC/DC PMU with Li-ion Battery Charger
logo
Linear Technology
LTC4085EDE LINER-LTC4085EDE Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com