Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3417 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3417
Description  Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3417 Datasheet(HTML) 4 Page - Linear Technology

  LTC3417_15 Datasheet HTML 1Page - Linear Technology LTC3417_15 Datasheet HTML 2Page - Linear Technology LTC3417_15 Datasheet HTML 3Page - Linear Technology LTC3417_15 Datasheet HTML 4Page - Linear Technology LTC3417_15 Datasheet HTML 5Page - Linear Technology LTC3417_15 Datasheet HTML 6Page - Linear Technology LTC3417_15 Datasheet HTML 7Page - Linear Technology LTC3417_15 Datasheet HTML 8Page - Linear Technology LTC3417_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC3417
4
3417fd
TYPICAL PERFORMANCE CHARACTERISTICS
OUT1 Burst Mode Operation
OUT1 Pulse Skipping
Mode Operation
OUT1 Forced Continuous
Mode Operation
OUT2 Burst Mode Operation
OUT2 Pulse Skipping
Mode Operation
OUT2 Forced Continuous
Mode Operation
OUT1 Efficiency vs Load Current
OUT2 Efficiency vs Load Current
OUT1 Efficiency vs VIN
(Burst Mode Operation)
3417 G01
VIN = 3.6V
VOUT = 1.8V
ILOAD = 100mA
REFER TO FIGURE 4
IL
250mA/DIV
VOUT
20mV/DIV
2μs/DIV
3417 G02
VIN = 3.6V
VOUT = 1.8V
ILOAD = 100mA
REFER TO FIGURE 4
IL
250mA/DIV
VOUT
20mV/DIV
2μs/DIV
3417 G03
VIN = 3.6V
VOUT = 1.8V
ILOAD = 100mA
REFER TO FIGURE 4
IL
250mA/DIV
VOUT
20mV/DIV
2μs/DIV
3417 G04
VIN = 3.6V
VOUT = 2.5V
ILOAD = 60mA
REFER TO FIGURE 4
IL
250mA/DIV
VOUT
20mV/DIV
2μs/DIV
3417 G05
VIN = 3.6V
VOUT = 2.5V
ILOAD = 60mA
REFER TO FIGURE 4
IL
250mA/DIV
VOUT
20mV/DIV
2μs/DIV
3417 G06
VIN = 3.6V
VOUT = 2.5V
ILOAD = 60mA
REFER TO FIGURE 4
IL
250mA/DIV
VOUT
20mV/DIV
2μs/DIV
LOAD CURRENT (A)
70
80
85
95
100
0.001
0.1
1
10
3417 G07
60
0.01
90
75
65
VIN = 2.5V
VOUT = 1.8V
Burst Mode
OPERATION
PULSE SKIP
FORCED
CONTINUOUS
REFER TO FIGURE 4
LOAD CURRENT (A)
0.001
80
90
100
0.01
0.1
1
3417 G08
70
75
85
95
65
60
VIN = 3.6V
VOUT = 2.5V
Burst Mode
OPERATION
PULSE SKIP
FORCED
CONTINUOUS
REFER TO FIGURE 4
VIN (V)
2
2.5
3.5
4.5
5.5
90
95
100
3417 G09
85
80
3
45
75
70
VOUT = 1.8V
ILOAD = 1.4A
ILOAD = 460mA
REFER TO FIGURE 4


Similar Part No. - LTC3417_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3417A LINER-LTC3417A Datasheet
1Mb / 20P
   Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
LTC3417A LINER-LTC3417A Datasheet
321Kb / 22P
   Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
LTC3417A-1 LINER-LTC3417A-1 Datasheet
350Kb / 20P
   Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator with POR
LTC3417A-1 LINER-LTC3417A-1_15 Datasheet
350Kb / 20P
   Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator with POR
LTC3417A-2 LINER-LTC3417A-2 Datasheet
337Kb / 20P
   Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
More results

Similar Description - LTC3417_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3417 LINER-LTC3417 Datasheet
350Kb / 20P
   Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230_10 Datasheet
1Mb / 18P
   Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
MIC2238 MICREL-MIC2238 Datasheet
786Kb / 16P
   Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
logo
Linear Technology
LTC3407A-2 LINER-LTC3407A-2 Datasheet
270Kb / 16P
   Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4_15 Datasheet
273Kb / 14P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-2 LINER-LTC3407-2_15 Datasheet
264Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2_15 Datasheet
280Kb / 16P
   Dual Synchronous 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-2 LINER-LTC3407-2 Datasheet
219Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4 Datasheet
244Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3417A LINER-LTC3417A_15 Datasheet
321Kb / 22P
   Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com